Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6641A-J04 Datasheet(PDF) 3 Page - Keysight Technologies

Part # 6641A-J04
Description  6640A Series Single-Output, 200 W DC Power Supplies, GPIB
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

6641A-J04 Datasheet(HTML) 3 Page - Keysight Technologies

  6641A-J04 Datasheet HTML 1Page - Keysight Technologies 6641A-J04 Datasheet HTML 2Page - Keysight Technologies 6641A-J04 Datasheet HTML 3Page - Keysight Technologies 6641A-J04 Datasheet HTML 4Page - Keysight Technologies 6641A-J04 Datasheet HTML 5Page - Keysight Technologies 6641A-J04 Datasheet HTML 6Page - Keysight Technologies 6641A-J04 Datasheet HTML 7Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
03 | Keysight | 6640A Series Single-Output, 200 W DC Power Supplies, GPIB - Data Sheet
Speciications
Supplemental Characteristics
(Non-warranted characteristics determined
by design and useful in applying the product)
6641A
6642A
6643A
6644A
6645A
Average programming resolution
Voltage
Current
OVP
2 mV
6 mA
13 mV
5 mV
3 mA
30 mV
10 mV
2 mA
54 mV
15 mV
1.2 mA
93 mV
30 mV
0.5 mA
190 mV
OVP accuracy
160 mV
400 mV
700 mV
1.2 V
2.4 V
Specifications
(at 0 ° to 55 ° unless otherwise specified)
6641A
6642A
6643A
6644A
6645A
Number of outputs
1
1
1
1
1
GPIB
Yes
Yes
Yes
Yes
Yes
Output ratings
Output voltage
Output current (40 °C)
Maximum current (50 °C/55 °C)
0 to 8 V
0 to 20 A
18 A/17 A
0 to 20 V
0 to 10 A
9 A/8.5 A
0 to 35 V
0 to 6 A
5.4 A/5.1 A
0 to 60 V
0 to 3.5 A
3.2 A/3 A
0 to 120 V
0 to 1.5 A
1.4 A/1.3 A
Programming accuracy (at 25 °C ± 5 °C)
Voltage
0.06% +
Current
0.15% +
5 mV
26 mA
10 mV
13 mA
15 mV
6.7 mA
26 mV
4.1 mA
51 mV
1.7 mA
Ripple and noise from 20 Hz to 20 MHz
Voltage
rms
peak-to-peak
Current
rms
300 µV
3 mV
10 mA
300 µV
3 mV
5 mA
400 µV
4 mV
3 mA
500 µV
5 mV
1.5 mA
700 µV
7 mV
1 mA
Readback accuracy at 25 °C ± 5 °C
(percent of reading plus fixed)
Voltage
0.07% +
+Current
0.15% +
–Current
0.35% +
6 mV
18 mA
40 mA
15 mV
9.1 mA
20 mA
25 mV
5 mA
12 mA
40 mV
3 mA
6.8 mA
80 mV
1.3 mA
2.9 mA
Load regulation
Voltage
Current
1 mV
1 mA
2 mV
0.5 mA
3 mV
0.25 mA
4 mV
0.25 mA
5 mV
0.25 mA
Line regulation
Voltage
Current
0.5 mV
1 mA
0.5 mV
0.5 mA
1 mV
0.25 mA
1 mV
0.25 mA
2 mV
0.25 mA
Transient response time
Less than 100 µs for the output voltage to recover to its previous level (within 0.1% of the voltage rating of the
supply or 20 mV, whichever is greater) following any step change in load current of up to 50% of the output
current rating of the supply


Similar Part No. - 6641A-J04

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
6641A KEYSIGHT-6641A Datasheet
142Kb / 7P
   6640A Series Single-Output, 200 W DC Power Supplies, GPIB
More results

Similar Description - 6641A-J04

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
6641A KEYSIGHT-6641A Datasheet
142Kb / 7P
   6640A Series Single-Output, 200 W DC Power Supplies, GPIB
6680A KEYSIGHT-6680A Datasheet
1Mb / 5P
   6680A Series Single-Output, 5000 W DC Power Supplies, GPIB
6612C KEYSIGHT-6612C Datasheet
159Kb / 6P
   6610C Series Single-Output, 40-50 W GPIB Power Supplies
6634B KEYSIGHT-6634B Datasheet
692Kb / 6P
   6630B Series Single-Output, 80-100 W GPIB Power Supplies
6614C KEYSIGHT-6614C Datasheet
159Kb / 6P
   6610C Series Single-Output, 40-50 W GPIB Power Supplies
6631B KEYSIGHT-6631B Datasheet
692Kb / 6P
   6630B Series Single-Output, 80-100 W GPIB Power Supplies
6611C-J05 KEYSIGHT-6611C-J05 Datasheet
159Kb / 6P
   6610C Series Single-Output, 40-50 W GPIB Power Supplies
6613C KEYSIGHT-6613C Datasheet
159Kb / 6P
   6610C Series Single-Output, 40-50 W GPIB Power Supplies
6632B KEYSIGHT-6632B Datasheet
692Kb / 6P
   6630B Series Single-Output, 80-100 W GPIB Power Supplies
6633B KEYSIGHT-6633B Datasheet
692Kb / 6P
   6630B Series Single-Output, 80-100 W GPIB Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com