Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3671MF-1.8 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3671MF-1.8
Description  2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3671MF-1.8 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3671MF-1.8 Datasheet HTML 1Page - National Semiconductor (TI) LM3671MF-1.8 Datasheet HTML 2Page - National Semiconductor (TI) LM3671MF-1.8 Datasheet HTML 3Page - National Semiconductor (TI) LM3671MF-1.8 Datasheet HTML 4Page - National Semiconductor (TI) LM3671MF-1.8 Datasheet HTML 5Page - National Semiconductor (TI) LM3671MF-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LM3671MF-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LM3671MF-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LM3671MF-1.8 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN Pin: Voltage to GND
−0.2V to 6.0V
FB, SW, EN Pin:
(GND−0.2V) to
(V
IN + 0.2V)
Continuous Power Dissipation
(Note 3)
Internally Limited
Junction Temperature (T
J-MAX)
+125˚C
Storage Temperature Range
−65˚C to +150˚C
Maximum Lead Temperature
(Soldering, 10 sec.)
260˚C
ESD Rating (Note 4)
Human Body Model:
V
IN,GND,SW,FB
2.0 kV
Human Body Model: EN
500V
Machine Model: All Pins
200V
Operating Ratings (Notes 1, 2)
Input Voltage Range
2.8V to 5.5V
Recommended Load Current
0mA to 600 mA
Junction Temperature (T
J) Range
−25˚C to +125˚C
Ambient Temperature (T
A) Range (Note 5)
−25˚C to +85˚C
Thermal Properties
Junction-to-Ambient
Thermal Resistance (
θ
JA)
(SOT23-5) (Note 6)
250˚C/W
Electrical Characteristics (Notes 2, 9, 10) Limits in standard typeface are for T
J = 25˚C. Limits in boldface
type apply over the full operating junction temperature range (−25˚C
≤ T
J
≤ +125˚C). Unless otherwise noted, specifications
apply to the LM3671 Typical Application Circuit (Figure. 1) with V
IN = EN = 3.6V, VOUT = 1.5V
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IN
Input Voltage Range
(Note 11)
2.8
5.5
V
V
OUT
Output Voltage
I
O =0 mA
−2
+4
%
I
O = 100 mA
−4
+4
%
Line Regulation
2.8V
≤ V
IN
≤ 5.5V
I
O =10 mA
0.045
%/V
Load Regulation
100 mA
≤ I
O
≤ 300 mA
V
IN= 3.6V
0.0031
%/mA
V
REF
Internal Reference Voltage
(Note 7)
0.5
V
I
SHDN
Shutdown Supply Current
EN = 0V
0.01
1
µA
I
Q_PFM
DC Bias Current into V
IN
No load, device is not switching (FB
forced higher than programmed output
voltage)
16
35
µA
R
DSON (P)
Pin-Pin Resistance for PFET
V
IN=VGS= 3.6V
380
500
m
R
DSON (N)
Pin-Pin Resistance for NFET
V
IN=VGS= 3.6V
250
400
m
I
LIM
Switch Peak Current Limit
Open Loop (Note 8)
830
1020
1150
mA
V
IH
Logic High Input
1.0
V
V
IL
Logic Low Input
0.4
V
I
EN
Enable (EN) Input Current
0.01
1
µA
F
OSC
Internal Oscillator Frequency
PWM Mode
1.6
2
2.6
MHz
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ= 150˚C (typ.) and disengages at TJ=
130˚C (typ.).
Note 4: The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged
directly into each pin. MIL-STD-883 3015.7
Note 5: In Applications where high power dissipation and/or poor package resistance is present, the maximum ambient temperature may have to be derated.
Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX), the maximum power dissipation of the device in
the application (PD-MAX) and the junction to ambient thermal resistance of the package (θJA) in the application, as given by the following equation:TA-MAX=TJ-MAX
(
θJAxPD-MAX). Refer to Dissipation rating table for PD-MAX values at different ambient temperatures.
Note 6: Junction to ambient thermal resistance is highly application and board layout dependent. In applications where high power dissipation exists, special care
must be given to thermal dissipation issues in board design. Value specified here 250 ˚C/W is based on measurement results using a 2 layer, 4" x 3", 2 oz Cu board
as per JEDEC standards. The (
θJA) can be as low as 140 ˚C/W if a 4 layer, 4" x 3", 2/1/1/2 oz. Cu board as per JEDEC standards is used.
Note 7: For the ADJ version the resistor dividers should be selected such that at the desired output voltage,the voltage at the FB pin is 0.5V.
www.national.com
4


Similar Part No. - LM3671MF-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3671MF-1.8 NSC-LM3671MF-1.8 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-1.8 NSC-LM3671MF-1.8 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671MF-1.8 TI1-LM3671MF-1.8 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-1.8/NOPB TI1-LM3671MF-1.8/NOPB Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-1.8/NOPB TI1-LM3671MF-1.8/NOPB Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
More results

Similar Description - LM3671MF-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
logo
National Semiconductor ...
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
Texas Instruments
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com