Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43624E2188M0 Datasheet(PDF) 10 Page - TDK Electronics

Part # B43624E2188M0
Description  Snap-in capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43624E2188M0 Datasheet(HTML) 10 Page - TDK Electronics

Back Button B43624E2188M0 Datasheet HTML 6Page - TDK Electronics B43624E2188M0 Datasheet HTML 7Page - TDK Electronics B43624E2188M0 Datasheet HTML 8Page - TDK Electronics B43624E2188M0 Datasheet HTML 9Page - TDK Electronics B43624E2188M0 Datasheet HTML 10Page - TDK Electronics B43624E2188M0 Datasheet HTML 11Page - TDK Electronics B43624E2188M0 Datasheet HTML 12Page - TDK Electronics B43624E2188M0 Datasheet HTML 13Page - TDK Electronics B43624E2188M0 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRtyp
300 Hz
60
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,R
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 250 V DC
180
22
× 25
450
140
630
1.97
1.11
B43624E2187M0*#
220
22
× 30
360
110
510
2.27
1.28
B43624E2227M0*#
220
25
× 25
370
120
530
2.26
1.27
B43624F2227M0*#
270
22
× 30
300
95
430
2.59
1.46
B43624E2277M0*#
270
25
× 25
310
110
440
2.55
1.43
B43624F2277M0*#
330
22
× 35
240
80
350
3.01
1.69
B43624E2337M0*#
330
25
× 30
250
85
360
2.94
1.66
B43624F2337M0*#
390
22
× 40
210
65
300
3.42
1.93
B43624E2397M0*#
390
25
× 30
220
75
310
3.25
1.82
B43624F2397M0*#
390
30
× 25
230
90
340
3.15
1.77
B43624G2397M0*#
470
22
× 45
170
55
250
3.93
2.21
B43624E2477M0*#
470
25
× 35
180
65
260
3.73
2.09
B43624F2477M0*#
470
30
× 30
190
70
270
3.63
2.05
B43624G2477M0*#
560
22
× 50
140
45
210
4.50
2.53
B43624E2567M0*#
560
25
× 40
150
50
220
4.25
2.39
B43624F2567M0*#
560
30
× 30
160
70
240
3.93
2.20
B43624G2567M0*#
560
35
× 25
180
90
270
3.68
2.06
B43624H2567M0*#
680
25
× 45
120
45
180
4.90
2.75
B43624E2687M0*#
680
30
× 35
130
55
200
4.53
2.54
B43624F2687M0*#
680
35
× 30
140
65
220
4.31
2.58
B43624G2687M0*#
820
25
× 50
100
38
150
5.62
3.15
B43624E2827M0*#
820
30
× 40
110
45
170
5.17
3.09
B43624F2827M0*#
820
35
× 30
130
70
200
4.53
2.70
B43624G2827M0*#
1000
30
× 45
90
40
140
5.90
3.53
B43624E2108M0*#
1000
35
× 35
110
55
160
5.24
3.13
B43624F2108M0*#
1200
30
× 50
80
34
120
6.67
3.99
B43624E2128M0*#
1200
35
× 40
90
45
140
5.95
3.56
B43624F2128M0*#
1500
35
× 45
75
40
120
6.78
4.04
B43624E2158M0*#
1800
35
× 55
60
32
90
7.99
4.78
B43624E2188M0*#
B43624
Long useful life
85
°C
Page 10 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43624E2188M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43624 TDK-B43624 Datasheet
624Kb / 21P
   Aluminum electrolytic capacitors
More results

Similar Description - B43624E2188M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com