Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43630G2687M0 Datasheet(PDF) 11 Page - TDK Electronics

Part # B43630G2687M0
Description  Snap-in capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43630G2687M0 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B43630G2687M0 Datasheet HTML 7Page - TDK Electronics B43630G2687M0 Datasheet HTML 8Page - TDK Electronics B43630G2687M0 Datasheet HTML 9Page - TDK Electronics B43630G2687M0 Datasheet HTML 10Page - TDK Electronics B43630G2687M0 Datasheet HTML 11Page - TDK Electronics B43630G2687M0 Datasheet HTML 12Page - TDK Electronics B43630G2687M0 Datasheet HTML 13Page - TDK Electronics B43630G2687M0 Datasheet HTML 14Page - TDK Electronics B43630G2687M0 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRtyp
300 Hz
60
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,R
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 400 V DC
120
22
× 25
850
220
1300
1.62
0.93
B43630A9127M0*#
150
22
× 30
680
180
1100
1.90
1.09
B43630A9157M0*#
180
22
× 30
570
150
850
2.16
1.24
B43630A9187M0*#
180
25
× 25
580
160
860
2.13
1.22
B43630B9187M0*#
220
22
× 35
470
120
690
2.51
1.44
B43630A9227M0*#
220
25
× 30
470
130
700
2.47
1.41
B43630B9227M0*#
270
22
× 40
400
110
600
2.95
1.69
B43630A9277M0*#
270
25
× 35
420
110
640
2.87
1.65
B43630B9277M0*#
270
30
× 25
440
140
680
2.75
1.57
B43630C9277M0*#
330
22
× 50
340
90
520
3.48
1.99
B43630A9337M0*#
330
25
× 40
350
95
530
3.34
1.91
B43630B9337M0*#
330
30
× 30
360
110
550
3.19
1.83
B43630C9337M0*#
330
35
× 25
370
120
580
3.11
1.78
B43630D9337M0*#
390
25
× 45
290
80
450
3.79
2.17
B43630A9397M0*#
390
30
× 35
300
90
460
3.61
2.07
B43630B9397M0*#
390
35
× 25
320
120
490
3.31
1.89
B43630C9397M0*#
470
25
× 50
240
65
380
4.37
2.50
B43630A9477M0*#
470
30
× 35
240
80
380
4.02
2.30
B43630B9477M0*#
470
35
× 30
270
95
420
3.85
2.34
B43630C9477M0*#
560
25
× 55
200
55
300
5.02
2.87
B43630A9567M0*#
560
30
× 40
210
65
320
4.58
2.79
B43630B9567M0*#
560
35
× 35
220
75
350
4.39
2.68
B43630C9567M0*#
680
30
× 50
180
55
270
5.39
3.29
B43630A9687M0*#
680
35
× 40
180
65
290
5.01
3.05
B43630B9687M0*#
820
30
× 55
150
45
230
6.17
3.76
B43630A9827M0*#
820
35
× 45
150
55
240
5.68
3.46
B43630B9827M0*#
1000
35
× 50
130
45
200
6.48
3.94
B43630A9108M0*#
1200
35
× 55
100
40
170
7.30
4.44
B43630A9128M0*#
B43630
Ultra compact
85
°C
Page 11 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43630G2687M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43630 TDK-B43630 Datasheet
621Kb / 20P
   Aluminum electrolytic capacitors
More results

Similar Description - B43630G2687M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com