Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43544F2158M0 Datasheet(PDF) 10 Page - TDK Electronics

Part # B43544F2158M0
Description  Snap-in capacitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43544F2158M0 Datasheet(HTML) 10 Page - TDK Electronics

Back Button B43544F2158M0 Datasheet HTML 6Page - TDK Electronics B43544F2158M0 Datasheet HTML 7Page - TDK Electronics B43544F2158M0 Datasheet HTML 8Page - TDK Electronics B43544F2158M0 Datasheet HTML 9Page - TDK Electronics B43544F2158M0 Datasheet HTML 10Page - TDK Electronics B43544F2158M0 Datasheet HTML 11Page - TDK Electronics B43544F2158M0 Datasheet HTML 12Page - TDK Electronics B43544F2158M0 Datasheet HTML 13Page - TDK Electronics B43544F2158M0 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRtyp
300 Hz
60
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 250 V DC
330
25
× 25
220
85
310
3.29
2.43
1.26
B43544E2337M0*#
390
25
× 30
180
65
260
3.76
2.78
1.44
B43544E2397M0*#
470
25
× 30
160
60
220
4.12
3.04
1.57
B43544E2477M0*#
470
30
× 25
150
50
210
4.62
3.41
1.76
B43544F2477M0*#
560
25
× 35
130
50
190
4.72
3.49
1.80
B43544E2567M0*#
560
30
× 30
120
40
170
5.25
3.88
2.01
B43544F2567M0*#
680
25
× 40
110
40
150
5.42
4.01
2.07
B43544E2687M0*#
680
30
× 30
100
36
150
5.84
4.31
2.23
B43544F2687M0*#
680
35
× 25
110
40
150
5.81
4.29
2.22
B43544G2687M0*#
820
25
× 45
90
36
130
6.19
4.58
2.37
B43544E2827M0*#
820
30
× 35
85
30
120
6.67
4.93
2.55
B43544F2827M0*#
820
35
× 30
90
32
130
6.72
4.97
2.71
B43544G2827M0*#
1000
25
× 55
75
28
110
7.30
5.40
2.80
B43544E2108M0*#
1000
30
× 40
70
24
100
7.69
5.68
3.11
B43544F2108M0*#
1000
35
× 30
75
30
110
7.33
5.41
2.95
B43544G2108M0*#
1200
30
× 45
60
20
85
8.74
6.46
3.53
B43544E2128M0*#
1200
35
× 35
65
24
90
8.37
6.19
3.38
B43544F2128M0*#
1500
30
× 55
45
17
65
10.3
7.67
4.20
B43544E2158M0*#
1500
35
× 40
50
20
75
9.68
7.15
3.90
B43544F2158M0*#
1800
35
× 50
40
16
60
11.2
8.34
4.56
B43544E2188M0*#
2200
35
× 55
34
14
50
12.8
9.50
5.19
B43544E2228M0*#
B43544
Outstanding ripple current, compact
105
°C
Page 10 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43544F2158M0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43544 EPCOS-B43544 Datasheet
688Kb / 21P
   Aluminum electrolytic capacitors
logo
TDK Electronics
B43544 TDK-B43544 Datasheet
633Kb / 22P
   Aluminum electrolytic capacitors
More results

Similar Description - B43544F2158M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com