Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL41Y Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # GL41Y
Description  GLASS PASSIVATED JUNCTION SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

GL41Y Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  GL41Y Datasheet HTML 1Page - EIC discrete Semiconductors GL41Y Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GL41Y
GLASS PASSIVATED JUNCTION
SILICON RECTIFIER
PRV : 1600 Volts
Io : 1.0 Ampere
FEATURES :
* Glass passivated junction chip
* High current capability
* High reliability
* Low reverse current
* Pb / RoHS Free
MECHANICAL DATA :
* Case : MELF Glass Case
* Weight : 0.25 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Maximum Average Forward Current
IF(AV)
A
Peak Forward Surge Current
8.3ms Single half sine wave Superimposed
on rated load (JEDEC Method)
Maximum Forward Voltage at IF = 1.0 Amp.
VF
V
Maximum DC Reverse Current
Ta = 25
°C
IR
10
μA
at rated DC Blocking Voltage
Ta = 125
°C
IR(H)
50
μA
Maximum Junction Capacitance (Note1)
CJ
pF
Maximum Thermal Resistance (Note2)
RθJA
75
°C/W
Junction Temperature Range
TJ
- 65 to + 175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Notes :
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0VDC
(2) Thermal resistance from Junction to Ambient at 0.24 × 0.24"(6.0 × 6.0 mm) copper pads to each terminal.
Page 1 of 2
Rev. 00 : April 24, 2009
1600
1.2
A
8.0
RATING
1.0
IFSM
30
VALUE
1600
1120
Dimensions in inches and ( millimeters )
MELF
0.205(5.2)
0.189(4.8)
φ 0.102 (2.6)
0.094 (2.4)
0.022(0.55)
Cathode Mark
Mounting Pad Layout
0.256 (6.50)
REF
0.049 (1.25)Min.
0.157 (4.00)
Max.
0.118 (3.00)Min.
IATF 0060636
SGS TH07/1033
TH09/2479
TH97/2478


Similar Part No. - GL41Y

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GL41Y GE-GL41Y Datasheet
62Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GL41Y VISHAY-GL41Y Datasheet
112Kb / 5P
   Surface Mount Glass Passivated Junction Rectifier
Revision: 07-Apr-08
GL41Y VISHAY-GL41Y Datasheet
87Kb / 5P
   Surface Mount Glass Passivated Junction Rectifier
Revision: 15-Mar-11
logo
Shenzhen Luguang Electr...
GL41Y LUGUANG-GL41Y Datasheet
300Kb / 2P
   Surface Mount Rectifiers
logo
Vishay Siliconix
GL41Y VISHAY-GL41Y Datasheet
101Kb / 5P
   Surface Mount Glass Passivated Junction Rectifier
26-Jun-06
More results

Similar Description - GL41Y

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1A1G RECTRON-1A1G Datasheet
22Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIER
RL1N4001G RECTRON-RL1N4001G Datasheet
249Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIER
logo
Central Semiconductor C...
CBR4M-L010M CENTRAL-CBR4M-L010M Datasheet
140Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
G2A GE-G2A Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5624GP GE-1N5624GP Datasheet
59Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3A NJSEMI-G3A Datasheet
89Kb / 1P
   Glass Passivated Junction Rectifier
logo
Shenzhen Taychipst Elec...
GP15A TAYCHIPST-GP15A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
GP20A TAYCHIPST-GP20A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com