Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3085 Datasheet(PDF) 10 Page - Linear Integrated Systems

Part # LT3085
Description  800mA Single Resistor Rugged Linear Regulator with Monitors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3085 Datasheet(HTML) 10 Page - Linear Integrated Systems

Back Button LT3085 Datasheet HTML 6Page - Linear Integrated Systems LT3085 Datasheet HTML 7Page - Linear Integrated Systems LT3085 Datasheet HTML 8Page - Linear Integrated Systems LT3085 Datasheet HTML 9Page - Linear Integrated Systems LT3085 Datasheet HTML 10Page - Linear Integrated Systems LT3085 Datasheet HTML 11Page - Linear Integrated Systems LT3085 Datasheet HTML 12Page - Linear Integrated Systems LT3085 Datasheet HTML 13Page - Linear Integrated Systems LT3085 Datasheet HTML 14Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LT3089
10
3089f
For more information www.linear.com/LT3089
APPLICATIONS INFORMATION
Introduction
The LT3089 regulator is easy to use and has all the pro-
tection features expected in high performance regulators.
Includedareshort-circuitprotection,reverse-inputprotec-
tion and safe operating area protection, as well as thermal
shutdown with hysteresis. Safe operating area (SOA) for
the LT3089 is extended, allowing for use in harsh indus-
trial and automotive environments where sudden spikes
in input voltage lead to high power dissipation.
The LT3089 fits well in applications needing multiple rails.
This new architecture adjusts down to zero with a single
resistor, handling modern low voltage digital ICs as well
as allowing easy parallel operation and thermal manage-
ment without heat sinks. Adjusting to zero output allows
shutting off the powered circuitry.
Aprecision“0”TC50μAreferencecurrentsourceconnects
to the noninverting input of a power operational amplifier.
Thepoweroperationalamplifierprovidesalowimpedance
buffered output to the voltage on the noninverting input.
A single resistor from the noninverting input to ground
sets the output voltage. If this resistor is set to 0Ω, zero
output voltage results. Therefore, any output voltage can
be obtained between zero and the maximum defined by
the input power supply is obtainable.
The benefit of using a true internal current source as the
reference, as opposed to a bootstrapped reference in older
regulators, is not so obvious in this architecture. A true
reference current source allows the regulator to have gain
and frequency response independent of the impedance on
the positive input. On older adjustable regulators, such as
the LT1086 loop gain changes with output voltage and
bandwidth changes if the adjustment pin is bypassed to
ground. For the LT3089, the loop gain is unchanged with
output voltage changes or bypassing. Output regulation
is not a fixed percentage of output voltage, but is a fixed
fraction of millivolts. Use of a true current source allows
all of the gain in the buffer amplifier to provide regulation,
and none of that gain is needed to amplify up the reference
to a higher output voltage.
The LT3089 has many additional features that facilitate
monitoring and control. Current limit is externally pro-
grammable via a single resistor between the ILIM pin and
OUT. Shorting this resistor out disables all output current
to the load, only bias currents remain.
The IMON pin produces a current output proportional to
load current. For every 100mA of load current, the IMON
pin sources 20µA of current. This can be sensed using an
external resistor to monitor load requirements and detect
potentialfaults.TheIMONpincanoperateatvoltagesabove
OUT, so it operates even during a short-circuit condition.
One additional monitoring function is the TEMP pin, a cur-
rentsourcethatisproportionaltoaveragedietemperature.
For die temperatures above 0°C, the TEMP pin sources a
current equal to 1µA/°C. This pin operates normally during
output short-circuit conditions.
Programming Linear Regulator Output Voltage
The LT3089 generates a 50μA reference current that flows
out of the SET pin. Connecting a resistor from SET to
ground generates a voltage that becomes the reference
point for the error amplifier (see Figure 1). The reference
voltage equals 50µA multiplied by the value of the SET
pin resistor. Any voltage can be generated and there is
no minimum output voltage for the regulator.
3089 F01
IN
SET
OUT
+
LT3089
50µA
RLOAD
CSET
RSET
CIN
VOUT = 50µA • RSET
COUT
Figure 1. Basic Adjustable Regulator


Similar Part No. - LT3085

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3085 LINER-LT3085 Datasheet
289Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
LT3085 LINER-LT3085 Datasheet
297Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
More results

Similar Description - LT3085

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3089 LINER-LT3089 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
LT3089EDF LINER-LT3089EDF Datasheet
685Kb / 6P
   800mA Rugged Linear Regulator with Monitors
LT3088 LINER-LT3088_15 Datasheet
710Kb / 26P
   800mA Single Resistor Rugged Linear Regulator
LT3088EDD LINER-LT3088EDD Datasheet
627Kb / 6P
   800mA Single Resistor Rugged Linear Regulator
LT3088 LINER-LT3088 Datasheet
558Kb / 26P
   800mA Single Resistor Rugged Linear Regulator
LT3081 LINER-LT3081_15 Datasheet
469Kb / 32P
   1.5A Single Resistor Rugged Linear Regulator with Monitors
LT3081 LINER-LT3081 Datasheet
287Kb / 6P
   1.5A Single Resistor Rugged Linear Regulator with Monitors
logo
Linear Dimensions Semic...
LT3081 LINEAR_DIMENSIONS-LT3081 Datasheet
1Mb / 28P
   1.5A Single Resistor Rugged Linear Regulator with Monitors
logo
ACE Technology Co., LTD...
ACE51117C ACE-ACE51117C Datasheet
202Kb / 3P
   800mA Bipolar Linear Regulator
VER 1.1
logo
SHIKUES Electronics
SK1117A SKTECHNOLGY-SK1117A Datasheet
2Mb / 6P
   800mA Bipolar Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com