Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG-20-103R-BW1 Datasheet(PDF) 2 Page - Copal Electronics

Part # PG-20-103R-BW1
Description  PRESSURE GAUGES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PG-20-103R-BW1 Datasheet(HTML) 2 Page - Copal Electronics

  PG-20-103R-BW1 Datasheet HTML 1Page - Copal Electronics PG-20-103R-BW1 Datasheet HTML 2Page - Copal Electronics PG-20-103R-BW1 Datasheet HTML 3Page - Copal Electronics PG-20-103R-BW1 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CE marking
Operating voltage
0 ~ 1.0 MPa
502
PG-20
PG-20
PRESSURE GAUGES
Item
Model number
103
STANDARD SPECIFICATIONS
Pressure reference
Gauge
Rated pressure range
Positive (G)
Compound (R)
Maximum pressure
Vacuum pressure
Leakage (He vacuum method)
Operating temp.range
Compensated temp. range
Operating humidity range
Storage temp. range
Media
Insulation resistance
Pressure contact material
Pressure contact roughness
Pressure contact particle
Cable connector
Protection grade
Net weight
Current consumption
Display Method
Rotation angle
Rated display range
Positive (G)
Compound (R)
Display cycle
Display accuracy
Thermal error
Resolution
Over range
Additional function
Output voltage
Output accuracy
Temperature character
Output current
Output accuracy
Temperature character
Number of output
Output interface
Switching capacity
Residual voltage
Output working chart
Repeatability
Thermal error
Response
Hysteresis setting
0 ~ 0.5 MPa
− 0.1 ~ 0.5 MPa
0.75 MPa
− 0.1 ~ 1.0 MPa
1.5 MPa
1.4
× 10-4 Pa abs (minimum)
5
× 10-12 Pa·m3 / sec. minimum (Weld in pressure port)
− 10 ~ 50°C(No condensation)
0 ~ 50°C
35 ~ 85% RH
(No condensation)
− 20 ~ 60°C(Atmospheric pressure, humidity 65%RH minimum
Gases and Liquids compatible with SUS316L
50M
Ω minimum (Between bundled electrical wirings and the pressure port. at 125VDC)
SUS316L Double-Melt Material (Fitting and Sensor)
(Ra:0.15, Rz:0.7)μm minimum
Zero count of particle of the size 0.1m
μm or bigger (By our inspection standard)
Cable length : 2m cable AWG26 / include cable holder
IP40
Approx. 200g (W1) Approx. 110g (W2)
Voltage output type and other : 12~24VDC
±10% (including ripple)
Current output type : 24VDC
±10%(including ripple)
30mA minimum (No current flow from switch / analog output)
EN61326-1 : 2006, EN61326-2-3 : 2006
EMI : Class B, EMS : Annex BB
3 -1/2 LED display ( Red LED)
270°
(90° step)
− .100 ~ .500 MPa
4 times / sec
− .100 ~ 1.000 MPa
.000 ~ .500 MPa
.000 ~ 1.000 MPa
± 1.0% FS (The repeatability, liniality and hystresis are contained)
± 0.1% FS / ℃ ( 0 ~ 50°C Reference temp. 25°C )
1 digit
"***" Blinking of pressure display (110 % F.S.or more)
Zero point adjustment, Panel lock
1 ∼ 5 VDC(Output current : 1 mA minimum / Output residence: 1.5 k
Ω)
± 1.0% FS (The setting error and LIN / HYS are contained)
± 0.1% FS / ℃ ( 0 ~ 50°C Reference temp. 25°C )
4 ∼ 20mA (Vort: 24VDC
±10% / 500Ω minimum)
± 1.0% FS (The setting error and LIN / HYS are contained)
± 0.1% FS / ℃ ( 0 ~ 50°C Reference temp. 25°C )
Output 1 or 2
NPN / PNP transistor open collector
30VDC 100mA minimum
1.2V(NPN) / 2.2V(PNP) minimum (Land current 100mA)
Separate mode / Window comparator mode
± 0.3% FS minimum
± 0.1% FS / ℃ ( 0 ~ 50°C Reference temp. 25°C )
Approx. 2.5, 25, 250 ms
0 ∼ 300counts (Select panel SW)


Similar Part No. - PG-20-103R-BW1

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-20 COPAL-PG-20 Datasheet
846Kb / 6P
   For high vacuum pressure
PG-200 COPAL-PG-200 Datasheet
251Kb / 4P
   DIGITAL PRESSURE GAUGE
PG-200-101AH--P COPAL-PG-200-101AH--P Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-200-101AH--P COPAL-PG-200-101AH--P Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-200-101AH-3-P COPAL-PG-200-101AH-3-P Datasheet
129Kb / 8P
   PRESSURE GAUGES
More results

Similar Description - PG-20-103R-BW1

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PG-35 COPAL-PG-35_16 Datasheet
191Kb / 6P
   PRESSURE GAUGES
PG-30 COPAL-PG-30 Datasheet
124Kb / 6P
   PRESSURE GAUGES
PG-35H COPAL-PG-35H_16 Datasheet
108Kb / 4P
   PRESSURE GAUGES
PG-200 COPAL-PG-200_16 Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-208 COPAL-PG-208_16 Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-35L COPAL-PG-35L_16 Datasheet
126Kb / 4P
   PRESSURE GAUGES
logo
Ralston Instruments.
QTHA-HCBL-45 RALSTON-QTHA-HCBL-45 Datasheet
645Kb / 1P
   Connect to pressure gauges, pressure calibrators and adapters easily and quickly
logo
Extech Instruments Corp...
475040 EXTECH-475040_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
TKG150 EXTECH-TKG150 Datasheet
963Kb / 2P
   Ultrasonic Thickness Gauges
475044 EXTECH-475044_15 Datasheet
367Kb / 1P
   Digital Forge Gauges
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com