Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA4311 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PGA4311
Description  4 CHANNEL AUDIO VOLUME CONTROL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA4311 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button PGA4311 Datasheet HTML 2Page - Burr-Brown (TI) PGA4311 Datasheet HTML 3Page - Burr-Brown (TI) PGA4311 Datasheet HTML 4Page - Burr-Brown (TI) PGA4311 Datasheet HTML 5Page - Burr-Brown (TI) PGA4311 Datasheet HTML 6Page - Burr-Brown (TI) PGA4311 Datasheet HTML 7Page - Burr-Brown (TI) PGA4311 Datasheet HTML 8Page - Burr-Brown (TI) PGA4311 Datasheet HTML 9Page - Burr-Brown (TI) PGA4311 Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PGA4311
SBOS230A – MARCH 2002 – REVISED JUNE 2002
www.ti.com
10
DAISY-CHAINING MULTIPLE PGA4311 DEVICES
In order to reduce the number of control signals re-
quired to support multiple PGA4311 devices on a
printed circuit board, the serial control port supports
daisy-chaining of multiple PGA4311 devices. Figure 4
shows the connection requirements for daisy-chain
operation. This arrangement allows a 3-wire serial in-
terface to control many PGA4311 devices.
As shown in Figure 4, the SDO pin from device #1 is con-
nected to the SDI input of device #2, and is repeated for
additional devices. This in turn forms a large shift regis-
ter, in which gain data may be written for all PGA4311s
connected to the serial bus. The length of the shift regis-
ter is 32
• N bits, where N is equal to the number of
PGA4311 devices included in the chain. The CS input
must remain LOW for 32
• N SCLK periods, where N is
the number of devices connected in the chain, in order
to allow enough SCLK cycles to load all devices.
ZERO CROSSING DETECTION
The PGA4311 includes a zero crossing detection func-
tion that can provide for noise-free level transitions.
The concept is to change gain settings on a zero cross-
ing of the input signal, thus minimizing audible glitches.
This function is enabled or disabled using the ZCEN in-
put. When ZCEN is LOW, zero crossing detection is
disabled. When ZCEN is HIGH, zero crossing detec-
tion will be enabled.
The zero crossing detection takes effect with a change
in gain setting for a corresponding channel. The new
gain setting will not be implemented until either positive
slope zero crossing is detected or a time-out period of
16ms has elapsed. In the case of a time-out, the new
gain setting takes effect with no attempt to minimize
audible artifacts.
Figure 4. Daisy-Chaining Multiple PGA4311 Devices.


Similar Part No. - PGA4311

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA4311U BURR-BROWN-PGA4311U Datasheet
530Kb / 15P
   4-Channel Audio Volume Control
PGA4311U/1K BURR-BROWN-PGA4311U/1K Datasheet
530Kb / 15P
   4-Channel Audio Volume Control
PGA4311U/1KG4 BURR-BROWN-PGA4311U/1KG4 Datasheet
530Kb / 15P
   4-Channel Audio Volume Control
PGA4311U2 BURR-BROWN-PGA4311U2 Datasheet
530Kb / 15P
   4-Channel Audio Volume Control
PGA4311UA BURR-BROWN-PGA4311UA Datasheet
530Kb / 15P
   4-Channel Audio Volume Control
More results

Similar Description - PGA4311

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA4311 BURR-BROWN-PGA4311_07 Datasheet
530Kb / 15P
   4-Channel Audio Volume Control
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
PGA2320 TI-PGA2320 Datasheet
217Kb / 15P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2320 BURR-BROWN-PGA2320_06 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com