Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TU425S48E Datasheet(PDF) 3 Page - SL Power Electronics

Part # TU425S48E
Description  425W Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

TU425S48E Datasheet(HTML) 3 Page - SL Power Electronics

  TU425S48E Datasheet HTML 1Page - SL Power Electronics TU425S48E Datasheet HTML 2Page - SL Power Electronics TU425S48E Datasheet HTML 3Page - SL Power Electronics TU425S48E Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TU425
425W Single Output
Test and Measurement/Industrial Series
www.slpower.com
TU425 REV 2.8
29-MAY-15
3
Auxiliary Signals
DC OK:
Goes HIGH when main DC output is above 90%
of nominal voltage and goes LOW when the
output is below 90% of rated main output DC
voltage
Power Good/ Power
Fail:
Signal is high within 500mS after the main output is
within regulation band upon AC turn on. Goes low
with 4 mS min. before the main DC output drops
below 90% of nominal value when AC turns off.
Inhibit:
Logic HIGH or open = ON
Logic LOW or short to ground = OFF
Fan Output:
12V @ 1 A (air cooled ) or 0.5A (convection),
+/-10% regulation for load change of 0.5A to FL on the
main output.
Remote Sense:
Compensates for up to 0.5V voltage drop
for 48V & 56V models, and 0.16V voltage drop
for 12V & 24V models. Maximum deviation of
5% (main output) any 50% step above 5% load.
Current Share¹:
Active single wire, up to 4 supplies in parallel. Paralleled
output voltages must be set to within 0.5% of each
other. Contact Factory for details on the required set-up
for proper operation.
5V Standby Output:
5V @ 2A, +/-5% regulation over all
changes in main output load current.
Current Share
Accuracy¹:
5% when the load current is ≥50% of the total
available load current, 10% when the load current is
between 25% - 49% of the total available load current.
Remote sense lines must be connected to ensure
accuracy.
Notes: 1. Consult Factory for proper set-up for current sharing operation.
EMI/EMC Compliance
Conducted Emissions
EN55011/CISPR22 Class B, FCC Part 15.107, Class B, 6db margin, typical.
Radiated Emissions
EN55011/CISPR22 Class A, FCC Part 15.109, Class A, 3db margin, typical.
Static Discharge Immunity
EN55024/IEC61000-4-2, Level 4, 8kV Contact Discharge, 15kV air discharge, Criteria A
Radiated RF Immunity
EN55022/IEC61000-4-3, Level 2, 3V/m, Criteria A
EFT/Burst Immunity
EN55024/IEC61000-4-4, Level 3, 2kV (PS Output), 1kV (signal outputs), Criteria A
Line Surge Immunity
EN55024/IEC61000-4-5, Level 3, 1kV diff., 2kV common-mode, Criteria A
Level 4, 2kV diff., 4kV Common-mode, Criteria C
Conducted RF Immunity
EN55022/IEC61000-4-6, Level 3, 10V/m, Criteria A
Power Frequency Magnetic Field Immunity
EN55024/IEC61000-4-8, Level 3, 10A/m, Criteria A
Voltage Dip Immunity
EN55024/IEC61000-4-11, Dips: 100%, 10ms; 30%, 500ms; 60%, 100ms;
Interruptions: 100%, 5000mS; Performance Criteria A, A, B & B
Line Harmonic Emissions
EN55024/IEC61000-3-2, Class A, C & D at full load (425W output).
Flicker Test
EN55024/IEC61000-3-3, Section 5
Connector Information
Input Connector
J101
Main DC Output
J302, J303
Fan Output
J301
Signal Connector
J401
PIN 1) FG
PIN 2) NC
PIN 3) AC Neutral
PIN 4) NC
PIN 5) AC Line
Term 1 – J302: (+V)
Term 2 – J303: (─V)
PIN 1) 12V Fan (+)
PIN 2) 12V Fan (─)
PIN 1) Remote Sense (+)
Pin 6) Power Good
PIN 2) Common
Pin 7) +5Vsb Output
PIN 3) Remote Sense (─)
Pin 8) +5Vsb Output
PIN 4) Current Sharing
Pin 9) DC OK
PIN 5) Remote Inhibit
Pin 10) Common
Mating Connector:
Tyco/AMP 640250-5
Pins: 3-770476-1
Mating Connector:
Molex 19141-0058
19141-0063
19141-0083
Mating Connector:
Tyco AMP 1375820-2
Pins: 1375819-1
Mating Connector:
Molex 90142-0010
Pins: 90119-2110


Similar Part No. - TU425S48E

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TU425S48E SLPOWER-TU425S48E Datasheet
390Kb / 4P
   425W Single Output
More results

Similar Description - TU425S48E

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TU425 SLPOWER-TU425 Datasheet
390Kb / 4P
   425W Single Output
MU425S SLPOWER-MU425S Datasheet
639Kb / 3P
   425W Single Output
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
   SINGLE OUTPUT
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
   Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com