Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E8491B Datasheet(PDF) 3 Page - Keysight Technologies

Part # E8491B
Description  IEEE-1394 PC Link to VXI, C-Size
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E8491B Datasheet(HTML) 3 Page - Keysight Technologies

  E8491B Datasheet HTML 1Page - Keysight Technologies E8491B Datasheet HTML 2Page - Keysight Technologies E8491B Datasheet HTML 3Page - Keysight Technologies E8491B Datasheet HTML 4Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Cable Length
Maximum lengths:
4.5 m between devices
Bus maximum length:
72 m total per system
Maximum number of mainframes per
system:
16
General Specifications
VXI Characteristics
VXI device type:
Message-based commander
Data transfer bus:
A16, A24, A32, D08, D16, D32, D64
Size:
C
Slots:
1
Connectors:
P1/P2
Shared memory:
128 kB
VXI buses:
TTL Trigger Bus, ECL Trigger Bus
Module Current
I
PM (A)
I
DM (A)
+5 V:
2.5
0.001
+12 V:
0.35
0.050
–12 V:
0.015
0.001
+24 V:
00
–24 V:
00
–5.2 V:
0.180
0.001
–2 V:
0.360
0.001
Cooling/Slot
Watts/slot:
20
∆P mm H
2O:
0.10
Air flow liter/s:
2.0
Ordering Information
Description
Product No.
IEEE-1394 PC Link to VXI, C-Size
E8491B
OHCI-Based IEEE-1394/PCI Card
E8491B 001
Note 1: Upgrade existing E8491A to E8491B performance with E8491B Opt. UP1
Upgrade Kit. This kit includes OHCI-based IEEE-1394/PCI card and E8491B
software. To upgrade E8491A to E8491B physical appearance, install E8491B
Front Panel (part number E8491-00202) and new 4.5 m FireWire Cable (part
number E8491-61603). Original Agilent E8491A warranty remains in place after
upgrade.
Note 2: FireWire cables are available in other lengths and can be ordered from:
Molex, Inc.,
Telephone: (800) 78-MOLEX
http://www.molex.com.
Windows
® and Windows NT® are U.S. registered trademarks of Microsoft
Corporation.
Levels:
TTL, ECL, CMOS, ± 30 V
Input load:
55 k
Ω, 50 pF
Maximum rate:
2 MHz
Minimum pulse width:
200 ns
Maximum trigger delay:
300 ns
Trigger Input
Max level:
+ 30 V
Trigger Output
Input:
TTL
Output:
TTL
Stability:
± 100 ppm
CLK10
E8491B Front Panel (See Note 1)
FireWire Cable, 4.5 m (See Note 2)
E8491-00202
E8491-61603


Similar Part No. - E8491B

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
E840 WXDH-E840 Datasheet
1Mb / 12P
   8A 500V N-channel Enhancement Mode Power MOSFET
logo
Semtech Corporation
E8400B SEMTECH-E8400B Datasheet
388Kb / 1P
   100-500MHz Dual Channel, Digitally Programmed Pin Electronics Solution
logo
Keysight Technologies
E8401A KEYSIGHT-E8401A Datasheet
1Mb / 14P
   VXI Mainframes, 13-Slot C-Size, 500 & 1000 Watt
logo
Semtech Corporation
E8403A SEMTECH-E8403A Datasheet
315Kb / 1P
   100-500MHz Dual Channel, Digitally Programmed Pin Electronics Solution
logo
Keysight Technologies
E8403A KEYSIGHT-E8403A Datasheet
1Mb / 14P
   VXI Mainframes, 13-Slot C-Size, 500 & 1000 Watt
More results

Similar Description - E8491B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MD8412B ETC2-MD8412B Datasheet
619Kb / 114P
   LINK(IEEE 1394)
logo
Texas Instruments
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B-EP TI1-TSB12LV21B-EP Datasheet
82Kb / 6P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B TI1-TSB12LV21B_14 Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
logo
Keysight Technologies
E1406A KEYSIGHT-E1406A Datasheet
379Kb / 4P
   VXI GPIB Command Module C-Size
logo
Agilent(Hewlett-Packard...
E1406A HP-E1406A Datasheet
379Kb / 4P
   VXI GPIB Command Module C-Size
logo
Texas Instruments
TSB42AA4 TI-TSB42AA4 Datasheet
798Kb / 183P
[Old version datasheet]   IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
[Old version datasheet]   IEEE 1394-1995 General-Purpose Link-Layer Controller
TSB42AA4 TI1-TSB42AA4_14 Datasheet
121Kb / 7P
[Old version datasheet]   IEEE 1394-a Consumer Electronics Link Layer Controller
TSB15LV01 TI-TSB15LV01 Datasheet
421Kb / 74P
[Old version datasheet]   VIDEO SIGNAL PROCESSOR WITH IEEE 1394 LINK LAYER CONTROLLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com