Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1421B Datasheet(PDF) 3 Page - Keysight Technologies

Part # E1421B
Description  Agilent E1421B
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1421B Datasheet(HTML) 3 Page - Keysight Technologies

  E1421B Datasheet HTML 1Page - Keysight Technologies E1421B Datasheet HTML 2Page - Keysight Technologies E1421B Datasheet HTML 3Page - Keysight Technologies E1421B Datasheet HTML 4Page - Keysight Technologies E1421B Datasheet HTML 5Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Shielding
Intermodule:
Gasketing per VXI Rev. 1.4, B.7.2.3. is
provided.
Backplane:
Backplane Connector Shields per VXI Rev.
1.4, B.7.2.3 (available as Option 918 or as a
separate accessory, p/n E1400-80920)
Intermodule chassis:
Intermodule chassis shields per VXI Rev 1.4,
B.7.3.4
(available as a separate product, p/n
E1409B)
Electromagnetic Compliance
To ensure compliance with RFI levels specified in standards
EN55011 and CISPR11, the Backplane Connector shields
must be installed in the mainframe. Order Option 918 to get
shields factory installed.
The Agilent E1409B C-Size Chassis Shield allows grounded
shielding between mainframe slots in the E1401B and
E1421B VXI Mainframes. This shield fits between slots – not
using up a mainframe slot.
General Specifications
VXI Characteristics
VXI device type:
Mainframe
Data transfer bus:
All per VXIbus specification, Rev. 1.4
Size:
C
Slots:
6
Connectors:
P1/2
Shared memory:
n/a
VXI buses:
All per VXIbus Standard Specification, Rev. 1.4
Available Current
Peak Current (Amps)
I
MP
Dynamic Current
(Amps)
I
MD
+5 V:
45.00
5.00
+12 V:
8.00
2.50
–12 V:
8.00
2.50
+24 V:
8.00
4.00
–24 V:
8.00
4.00
–5.2 V
40.00
5.00
–2 V:
15.00
3.50
Cooling/Slot
Watts/slot:
60 W (10° C rise)
∆P mm H
2O:
n/a
Air Flow liter/s:
n/a
Ordering Information
Description
Product No.
6-Slot, C-Size VXI Mainframe
E1421B
Flange Kit
E1421B 80908
Flange Kit (if ordered separately)
5063-9216
Handle and Flange Kit
E1421B 80909
Handle and Flange Kit (if ordered separately)
5063-9223
Smoked Acrylic Door
E1421B 80905
Smoked Acrylic Door (if ordered separately)
E1421-61205
Recess Flange Mounting Kit
E1421B 80916
Recess Flange Mounting Kit (if ordered separately)
E1421-80916
Flush Rack Flange Kit
E1421-65000
Backplane Connector Shield Kit for 6-Slot Mainframe
E1421B 80921
VXI Backplane Connector Shield Kit
for 6-Slot Mainframe (if ordered separately)
E1421-80920
Acoustic noise:
Low-speed fan:
53 dBA sound pressure
(at bystander position)
High-speed fan:
59 dBA sound pressure
(at bystander position)
Environmental and Regulatory
Filler Panel 1 Slot
E1400-60202
Series C Chassis Shield for E1401B
E1409B
Rack Slide Kit
1494-0060
Rack Slide Kit for Non-Agilent Rack
1494-0061
VXI Rail Kit
E3665AC


Similar Part No. - E1421B

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
E142-12A EICHHOFF-E142-12A Datasheet
96Kb / 1P
   Safety transformers
E142-12F EICHHOFF-E142-12F Datasheet
96Kb / 1P
   Safety transformers
E142-32A EICHHOFF-E142-32A Datasheet
96Kb / 1P
   Safety transformers
E142-32F EICHHOFF-E142-32F Datasheet
96Kb / 1P
   Safety transformers
logo
Keysight Technologies
E1420B KEYSIGHT-E1420B Datasheet
335Kb / 5P
   High-Performance VXI Universal Counter
More results

Similar Description - E1421B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
34411A KEYSIGHT-34411A Datasheet
160Kb / 6P
   Agilent MULTI Meter
logo
Agilent(Hewlett-Packard...
304FS HP-304FS Datasheet
1Mb / 4P
   Agilent TwisTorr 304 FS
34401A HP-34401A Datasheet
167Kb / 4P
   Agilent 34401A Multimeter
X3502-64300 HP-X3502-64300 Datasheet
619Kb / 3P
   Agilent Quality Assured
logo
Keysight Technologies
E9300 KEYSIGHT-E9300 Datasheet
1Mb / 6P
   Agilent E9300 Power Sensors
logo
Xilinx, Inc
DS650 XILINX-DS650 Datasheet
299Kb / 9P
   Agilent Trace Core 2
logo
Keysight Technologies
W1141B-UPEXP8 KEYSIGHT-W1141B-UPEXP8 Datasheet
852Kb / 6P
   Agilent VEE Express 8.5
W1141B-EXP-UP8 KEYSIGHT-W1141B-EXP-UP8 Datasheet
852Kb / 6P
   Agilent VEE Express 8.5
logo
Agilent(Hewlett-Packard...
704FS HP-704FS Datasheet
1Mb / 4P
   Agilent TwisTorr 704 FS
logo
Keysight Technologies
W1141B-UPEXP KEYSIGHT-W1141B-UPEXP Datasheet
852Kb / 6P
   Agilent VEE Express 8.5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com