Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

81150A Datasheet(PDF) 4 Page - Keysight Technologies

Part # 81150A
Description  Pulse Function Arbitrary Noise Generators
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

81150A Datasheet(HTML) 4 Page - Keysight Technologies

  81150A Datasheet HTML 1Page - Keysight Technologies 81150A Datasheet HTML 2Page - Keysight Technologies 81150A Datasheet HTML 3Page - Keysight Technologies 81150A Datasheet HTML 4Page - Keysight Technologies 81150A Datasheet HTML 5Page - Keysight Technologies 81150A Datasheet HTML 6Page - Keysight Technologies 81150A Datasheet HTML 7Page - Keysight Technologies 81150A Datasheet HTML 8Page - Keysight Technologies 81150A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
04 | Keysight | 81150A and 81160A Pulse Function Arbitrary Noise Generators – Data Sheet
– 1 µHz – 330 MHz pulse generation with variable rise/fall time
– 1 µHz – 500 MHz sine waveform output
– 14-bit, 2.5 GSa/s arbitrary waveforms
– Up to 256k samples deep arbitrary waveform memory per channel
– Pulse, sine, square, ramp, noise and arbitrary waveforms
– Noise, with selectable crest factor, and signal repetition time of 20 days
– FM, AM, PM, PWM, FSK modulation capabilities or 2 channel, coupled and
uncoupled
– Differential outputs
– Amplitude:
50 Ω into 50 Ω
50 mV
PP to 5 VPP
50 Ω into open
100 mV
PP to 10 VPP
– Voltage window:
50 Ω into 50 Ω
± 5 V
50 Ω into open
± 10 V
– Glitch-free change of timing parameters
(delay, frequency, transition time, width, duty cycle)
– Programming language compatible with Keysight 81101A, 81104A, 81105A,
81110A, 81130A and 81150A
– ISO 17025 and Z540.3 calibration
– LXI class C (rev 1.1) compliant
– Optional pattern generator:
– Ideal and arbitrary bit shaped pattern up to 330 Mbit/s (Option 330) or
660 Mbit/s (Option 660)
– Two, three or four level signals
– PRBS up to 231
– 4 Mbit pattern memory for the 1-channel instrument and 2 Mbit per channel
for the 2-channel instrument
– Pass through pattern for combined and physical and protocol test up to 10 Mbit/s
The 81160A Pulse
Function Arbitrary Noise
Generator at a Glance
811 A
60


Similar Part No. - 81150A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
81150A HP-81150A Datasheet
627Kb / 28P
   Pulse Function Arbitrary Noise Generator
More results

Similar Description - 81150A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
81160A KEYSIGHT-81160A Datasheet
3Mb / 36P
   Pulse Function Arbitrary Noise Generators
logo
List of Unclassifed Man...
AFG3000C ETC2-AFG3000C Datasheet
342Kb / 8P
   Arbitrary Function Generators
logo
TEKTRONIX, INC.
AFG31000 TEKTRONIX-AFG31000 Datasheet
1Mb / 22P
   Arbitrary Function Generators
logo
Agilent(Hewlett-Packard...
81150A HP-81150A Datasheet
627Kb / 28P
   Pulse Function Arbitrary Noise Generator
logo
List of Unclassifed Man...
4084AWG ETC2-4084AWG Datasheet
1Mb / 2P
   Arbitrary/Function Generators
logo
TEKTRONIX, INC.
AFG3000C TEKTRONIX-AFG3000C Datasheet
718Kb / 14P
   Arbitrary/Function Generators
logo
List of Unclassifed Man...
UTG900E ETC-UTG900E Datasheet
323Kb / 1P
   UTG900E SERIES FUNCTION/ARBITRARY WAVEFORM GENERATORS
logo
Keysight Technologies
33521A KEYSIGHT-33521A Datasheet
575Kb / 12P
   30 MHz Function/Arbitrary Waveform Generators
logo
B&K Precision Corporati...
4060B BK-4060B Datasheet
2Mb / 6P
   Dual Channel Function/Arbitrary Waveform Generators
4050B BK-4050B Datasheet
2Mb / 5P
   Dual Channel Function/Arbitrary Waveform Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com