Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGCM04F60GA Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IGCM04F60GA
Description  Control Integrated POwer System
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGCM04F60GA Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IGCM04F60GA_16 Datasheet HTML 2Page - Infineon Technologies AG IGCM04F60GA_16 Datasheet HTML 3Page - Infineon Technologies AG IGCM04F60GA_16 Datasheet HTML 4Page - Infineon Technologies AG IGCM04F60GA_16 Datasheet HTML 5Page - Infineon Technologies AG IGCM04F60GA_16 Datasheet HTML 6Page - Infineon Technologies AG IGCM04F60GA_16 Datasheet HTML 7Page - Infineon Technologies AG IGCM04F60GA_16 Datasheet HTML 8Page - Infineon Technologies AG IGCM04F60GA_16 Datasheet HTML 9Page - Infineon Technologies AG IGCM04F60GA_16 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Datasheet
6
<Revision 2.6>
<2016-08-01>
Control Integrated POwer System (CIPOS™)
IGCM04F60GA
It is not recommended for proper work to provide
input pulse-width lower than 1µs.
The integrated gate drive provides additionally a
shoot through prevention capability which avoids
the simultaneous on-state of two gate drivers of the
same leg (i.e. HO1 and LO1, HO2 and LO2, HO3 and
LO3). When two inputs of a same leg are activated,
only former activated one is activated so that the
leg is kept steadily in a safe state.
A minimum deadtime insertion of typically 380ns is
also provided by driver IC, in order to reduce cross-
conduction of the external power switches.
VFO (Fault-output and NTC, Pin 14)
The VFO pin indicates a module failure in case of
under voltage at pin VDD or in case of triggered
over current detection at ITRIP. A pull-up resistor is
externally required.
VFO
VSS
VDD
1
RON,FLT
From ITRIP - Latch
From UV detection
CIPOS
TM
Thermistor
Figure 5
Internal circuit at pin VFO
The same pin provides direct access to the NTC,
which is referenced to VSS. An external pull-up
resistor connected to +5V ensures that the resulting
voltage can be directly connected to the
microcontroller.
ITRIP (Over current detection function, Pin 15)
CIPOS™ provides an over current detection
function by connecting the ITRIP input with the
IGBT collector current feedback. The ITRIP
comparator threshold (typ. 0.47V) is referenced to
VSS ground. An input noise filter (typ.: tITRIPMIN =
530ns) prevents the driver to detect false over-
current events.
Over current detection generates a shutdown of all
outputs of the gate driver after the shutdown
propagation delay of typically 1000ns.
The fault-clear time is set to minimum 40µs.
VDD, VSS (Low side control supply and reference,
Pin 13, 16)
VDD is the control supply and it provides power
both to input logic and to output power stage.
Input logic is referenced to VSS ground.
The under-voltage circuit enables the device to
operate at power on when a supply voltage of at
least a typical voltage of VDDUV+ = 12.1V is present.
The IC shuts down all the gate drivers power
outputs, when the VDD supply voltage is below
VDDUV- = 10.4V. This prevents the external power
switches from critically low gate voltage levels
during on-state and therefore from excessive power
dissipation.
VB(U, V, W) and VS(U, V, W) (High side supplies, Pin
1 - 6)
VB to VS is the high side supply voltage. The high
side circuit can float with respect to VSS following
the external high side power device emitter voltage.
Due to the low power consumption, the floating
driver stage is supplied by integrated bootstrap
circuit.
The under-voltage detection operates with a rising
supply threshold of typical VBSUV+ = 12.1V and a
falling threshold of VBSUV- = 10.4V.
VS(U, V, W) provide a high robustness against
negative voltage in respect of VSS of -50V
transiently. This ensures very stable designs even
under rough conditions.
NW, NV, NU (Low side emitter, Pin 17 - 19)
The low side emitters are available for current
measurements of each phase leg. It is
recommended to keep the connection to pin VSS as
short as possible in order to avoid unnecessary
inductive voltage drops.
W, V, U (High side emitter and low side collector,
Pin 20 - 22)
These pins are motor U, V, W input pins.
P (Positive bus input voltage, Pin 23)
The high side IGBTs are connected to the bus
voltage. It is noted that the bus voltage does not
exceed 450V.


Similar Part No. - IGCM04F60GA_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGCM04F60GA INFINEON-IGCM04F60GA_15 Datasheet
1Mb / 16P
   Control Integrated Power System
Ver. 1.5, 2014-06-01
More results

Similar Description - IGCM04F60GA_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCS08F60F2A INFINEON-IKCS08F60F2A Datasheet
548Kb / 18P
   Control integrated Power System
2009-04 Rev.2
IKCS12F60EA INFINEON-IKCS12F60EA Datasheet
435Kb / 17P
   Control integrated Power System
Rev. 0.2, Aug. 2009
IKCS17F60B2A INFINEON-IKCS17F60B2A Datasheet
466Kb / 18P
   Control integrated Power System
Rev. 2.2, March 2009
IKCS22F60B2A INFINEON-IKCS22F60B2A Datasheet
458Kb / 18P
   Control integrated Power System
Rev. 2.3, July 2009
IGCM04B60GA INFINEON-IGCM04B60GA_15 Datasheet
996Kb / 16P
   Control Integrated Power System
Ver. 1.0, 2014-06-01
IKCM15L60GA INFINEON-IKCM15L60GA_15 Datasheet
1Mb / 16P
   Control Integrated POwer System
Ver. 1.2, 2014-06-01
IKCM15L60GD INFINEON-IKCM15L60GD_15 Datasheet
916Kb / 16P
   Control Integrated POwer System
Ver. 1.0, 2015-07-01
IKCM30F60GD INFINEON-IKCM30F60GD_16 Datasheet
1Mb / 17P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM20L60HA INFINEON-IKCM20L60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.2 2016-08-01
IGCM04G60HA INFINEON-IGCM04G60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM15F60HA INFINEON-IKCM15F60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.4 2016-08-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com