Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDRA-120 Datasheet(PDF) 4 Page - CUI INC

Part # PDRA-120
Description  AC-DC POWER SUPPLY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDRA-120 Datasheet(HTML) 4 Page - CUI INC

  PDRA-120 Datasheet HTML 1Page - CUI INC PDRA-120 Datasheet HTML 2Page - CUI INC PDRA-120 Datasheet HTML 3Page - CUI INC PDRA-120 Datasheet HTML 4Page - CUI INC PDRA-120 Datasheet HTML 5Page - CUI INC PDRA-120 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
date 10/17/2016
│ page 4 of 6
CUI Inc
│ SERIES: PDRA-120 │ DESCRIPTION: AC-DC POWER SUPPLY
EFFICIENCY CURVE
PDRA-120-24EfficiencyCurve
(Efficiencyvs.LoadCurrent)
DERATING CURVES
Ambient Temperature (°C)
-25
55
0
Safe operating area
70
100
80
62.5
40
100
80
60
40
Input Voltage (Vac/Vdc)
85
120
100
140
264
370
Safe operating area
20
loadvs.ambienttemperature
(at100~264Vac/120~370Vdcinputvoltage)
loadvs.inputvoltage
(at25°C)
For more information, please visit the product page.


Similar Part No. - PDRA-120

ManufacturerPart #DatasheetDescription
logo
CUI INC
PDRA-120 CUI-PDRA-120 Datasheet
767Kb / 7P
   AC-DC POWER SUPPLY
02/01/2018
PDRA-120-12 CUI-PDRA-120-12 Datasheet
767Kb / 7P
   AC-DC POWER SUPPLY
02/01/2018
PDRA-120-24 CUI-PDRA-120-24 Datasheet
767Kb / 7P
   AC-DC POWER SUPPLY
02/01/2018
PDRA-120-48 CUI-PDRA-120-48 Datasheet
767Kb / 7P
   AC-DC POWER SUPPLY
02/01/2018
PDRA-120 CUI-PDRA-120_V01 Datasheet
767Kb / 7P
   AC-DC POWER SUPPLY
02/01/2018
More results

Similar Description - PDRA-120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com