Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCN1-S5-D12-M Datasheet(PDF) 8 Page - CUI INC

Part # PCN1-S5-D12-M
Description  DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PCN1-S5-D12-M Datasheet(HTML) 8 Page - CUI INC

  PCN1-S5-D12-M Datasheet HTML 1Page - CUI INC PCN1-S5-D12-M Datasheet HTML 2Page - CUI INC PCN1-S5-D12-M Datasheet HTML 3Page - CUI INC PCN1-S5-D12-M Datasheet HTML 4Page - CUI INC PCN1-S5-D12-M Datasheet HTML 5Page - CUI INC PCN1-S5-D12-M Datasheet HTML 6Page - CUI INC PCN1-S5-D12-M Datasheet HTML 7Page - CUI INC PCN1-S5-D12-M Datasheet HTML 8Page - CUI INC PCN1-S5-D12-M Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
cui.com
date 07/26/2016
│ page 8 of 9
CUI Inc
│ SERIES: PCN1-M │ DESCRIPTION: DC-DC CONVERTER
TEST CONFIGURATIONS
Input Ripple Current & Output Noise
Table 1
L1
12 µH
C1
2.2 µF tantalum capacitor
C2
NC
EMC RECOMMENDED CIRCUIT
Test Condition
Input Voltage: Nominal
Output Load: Full Load
Table 2
Input
Voltage
(Vdc)
Cin
5
2.2 µF ceramic capacitor
12
2.2 µF ceramic capacitor
C1
C2
L1
To Oscilloscope
+Vin
-Vin
+Vo
-Vo
R-Load
Vin
+
-
+Vin
-Vin
-Vo
+Vo
R-Load
Cext
0.33 µF
Vin
+
-
BNC
To Scope
Cin
Common
Cext
0.33 µF
BNC
To
Figure 2 Measuring Output Ripple &
Noise for Single Output Models
+Vin
-Vin
-Vo
+Vo
R-Load
Cext
0.33 µF Ceramic
Vin
+
-
BNC
To Scope
Cin
Figure 1 Measuring Input
Ripple Current
Figure 3 Measuring Output Ripple &
Noise for Dual Output Models
C2
L1
+Vin
-Vin
+Vo
-Vo
R-Load
C1
+VIN
-VIN
Table 3
Figure 4 Conducted Emissions Test Circuit
EN55022 Class B
Recommended External Circuit Components
Input
Voltage
(Vdc)
C11
C21
L1
5
4.7 µF / 25 V 4.7 µF / 25 V
10 µH
12
4.7 µF / 25 V 4.7 µF / 25 V
10 µH
Notes:
1. Ceramic Capacitor
For more information, please visit the product page.


Similar Part No. - PCN1-S5-D12-M

ManufacturerPart #DatasheetDescription
logo
CUI INC
PCN1-S5-D12-M CUI-PCN1-S5-D12-M Datasheet
1Mb / 10P
   DC-DC CONVERTER
PCN1-S5-D12-M CUI-PCN1-S5-D12-M Datasheet
3Mb / 9P
   DC-DC CONVERTER
07/01/2021
More results

Similar Description - PCN1-S5-D12-M

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com