Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6712Q Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6712Q
Description  TWO-PHASE INTERLEAVED DC/DC CONTROLLER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6712Q Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6712Q Datasheet HTML 5Page - STMicroelectronics L6712Q Datasheet HTML 6Page - STMicroelectronics L6712Q Datasheet HTML 7Page - STMicroelectronics L6712Q Datasheet HTML 8Page - STMicroelectronics L6712Q Datasheet HTML 9Page - STMicroelectronics L6712Q Datasheet HTML 10Page - STMicroelectronics L6712Q Datasheet HTML 11Page - STMicroelectronics L6712Q Datasheet HTML 12Page - STMicroelectronics L6712Q Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9/27
L6712A L6712
The device offers a bi-directional pin REF_IN/OUT: the internal reference used for the regulation is usually
available on this pin with 3mA of maximum current capability except when VID code 111 is programmed;
in this case the device accepts an external reference through the REF_IN/OUT pin and regulates on it.
When external reference is used, it must range from 0.800V up to 3.300V to assure proper functionality of
the device.
Figure 2 shows a block schematic of how the Reference for the regulation is managed when internal or
external reference is used.
The voltage identification (VID) pin configuration or the external reference provided also sets the power-
good thresholds (PGOOD) and the Over/Under voltage protection (OVP/UVP) thresholds.
Figure 2. Reference Management
The output regulated voltage accuracy can be extracted from the following relationships (worst case con-
dition):
(worst case with internal reference)
(worst case with external reference)
where VOS_RA and VOS_EA are the offsets related to the Error Amplifier and the Remote Amplifier respec-
tively and KOS = 1+1/RA_Gain reflects the impact of the Remote Amplifier Gain (RA_Gain) on the regula-
tion (see relevant section).
A statistical analysis could consider applying the root-sum-square (RSS) method to calculate the precision
since all the variables are statistically independent as follow:
(with internal reference)
BAND-GAP
REFERENCE
(1.235V)
DAC
VID3
VID2
VID1
REF_IN/OUT
CONTROL
LOGIC
VIDx
DIGITAL
SOFT-START
VPROG
ERROR
AMPLIFIER
FB
COMP
INTERNAL REFERENCE
EXTERNAL REFERENCE
V
O U T _TOT_ACC %
[]
V
OUT_ACC %
[] K
OS
V
OS_RA
V
OUT
-------------------- 100
⋅⋅
+
0.9%
±
() K
OS
8mV
±
()
V
OUT
--------------------- 100
⋅⋅
+
==
V
O U T _TOT_ACC %
[] EXT_REF_Accuracy[%]
V
PR O G
REF_IN/OUT
------------------------------------- [%]
V
OS_EA
EXT_REF
--------------------------- 100


K
OS
V
OS_RA
V
OUT
-------------------- 100=
⋅⋅
++
+
=
EXT_REF_Accuracy[%]
2.0%
±
()
5mV
±
()
EXT_REF
--------------------------- 100


K
OS
8mV
±
()
V
out
--------------------- 100
⋅⋅
++
+
=
V
O U T _TOT_ACC [%]
V
OUT _ACC [%]
()
2
K
OS
V
OS_RA
V
OUT
-------------------- 100
⋅⋅


+
2
=


Similar Part No. - L6712Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6712Q STMICROELECTRONICS-L6712Q Datasheet
626Kb / 29P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
L6712QTR STMICROELECTRONICS-L6712QTR Datasheet
626Kb / 29P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
More results

Similar Description - L6712Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6712 STMICROELECTRONICS-L6712_05 Datasheet
626Kb / 29P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Richtek Technology Corp...
RT9241A RICHTEK-RT9241A Datasheet
300Kb / 17P
   Two-Phase DC/DC Controller for CPU Core Power Supply
logo
List of Unclassifed Man...
RT9241 ETC-RT9241 Datasheet
268Kb / 13P
   Two-Phase DC/DC Controller for CPU Core Power Supply
logo
Analog Devices
ADP1823 AD-ADP1823_15 Datasheet
663Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com