Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TE40 Datasheet(PDF) 4 Page - SL Power Electronics

Part # TE40
Description  40W Single Output External Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

TE40 Datasheet(HTML) 4 Page - SL Power Electronics

  TE40_16 Datasheet HTML 1Page - SL Power Electronics TE40_16 Datasheet HTML 2Page - SL Power Electronics TE40_16 Datasheet HTML 3Page - SL Power Electronics TE40_16 Datasheet HTML 4Page - SL Power Electronics TE40_16 Datasheet HTML 5Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TE40
40W Single Output External Power
Test & Measurement/Industrial Series
www.slpower.com
TE40 Rev 2.1
2-MAY-16
4
Mechanical Drawing
IEC60320 C14 Receptacle, 2.5 x 5.5 x 9.5mm Barrel Connector
Interchangeable N.A. Blade, 2.5 x 5.5 x 9.5mm barrel connector
Notes:
1. All dimensions in mm.
2. Interchangeable blade models come with North American blade fitted. For other blades (EU, UK, Aust.) order blade kit KT1027K.
Connector Information
Standard models include a 2.5 x 5.5 x 9.5mm straight barrel type connector (Ault #3), center positive. Other standard options are listed below.
The “03” in the standard model number is replaced by the applicable digits below:
54
55
33.6


Similar Part No. - TE40_16

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TE4001S TRSYS-TE4001S Datasheet
148Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
SL Power Electronics
TE40A1203B01 SLPOWER-TE40A1203B01 Datasheet
751Kb / 4P
   40W Single Output External Power
TE40A1203C01 SLPOWER-TE40A1203C01 Datasheet
751Kb / 4P
   40W Single Output External Power
TE40A1203F01 SLPOWER-TE40A1203F01 Datasheet
751Kb / 4P
   40W Single Output External Power
TE40A1203N01 SLPOWER-TE40A1203N01 Datasheet
751Kb / 4P
   40W Single Output External Power
More results

Similar Description - TE40_16

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME40 SLPOWER-ME40_16 Datasheet
483Kb / 4P
   40W Single Output External Power
TE40 SLPOWER-TE40 Datasheet
751Kb / 4P
   40W Single Output External Power
ME40 SLPOWER-ME40 Datasheet
670Kb / 4P
   40W Single Output External Power Medical Series
logo
Mean Well Enterprises C...
NPF-40D MEANWELL-NPF-40D Datasheet
147Kb / 6P
   40W Single Output Switching Power Supply
LPF-40 MEANWELL-LPF-40 Datasheet
190Kb / 3P
   40W Single Output Switching Power Supply
HLG-40H MEANWELL-HLG-40H_12 Datasheet
408Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D Datasheet
220Kb / 4P
   40W Single Output Switching Power Supply
S-40 MEANWELL-S-40_10 Datasheet
409Kb / 2P
   40W Single Output Switching Power Supply
HLN-40H_1110 MEANWELL-HLN-40H_1110 Datasheet
336Kb / 5P
   40W Single Output Switching Power Supply
HLP-40H MEANWELL-HLP-40H_12 Datasheet
351Kb / 4P
   40W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com