Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC621HEPA Datasheet(PDF) 7 Page - Microchip Technology

Part # TC621HEPA
Description  5V, Dual Trip Point Temperature Sensors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC621HEPA Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC621HEPA Datasheet HTML 3Page - Microchip Technology TC621HEPA Datasheet HTML 4Page - Microchip Technology TC621HEPA Datasheet HTML 5Page - Microchip Technology TC621HEPA Datasheet HTML 6Page - Microchip Technology TC621HEPA Datasheet HTML 7Page - Microchip Technology TC621HEPA Datasheet HTML 8Page - Microchip Technology TC621HEPA Datasheet HTML 9Page - Microchip Technology TC621HEPA Datasheet HTML 10Page - Microchip Technology TC621HEPA Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 2001-2015 Microchip Technology Inc.
DS20001439E-page 7
TC620/TC621
4.0
TYPICAL APPLICATIONS
4.1
Dual Speed Temperature Control
In Figure 4-1, the Dual Speed Temperature Control
uses a TC620 and a TC4469 quad driver. Two of the
drivers of the TC4469 are configured in a simple oscil-
lator. When the temperature is below the LOW TEMP
set point, the output of the driver is OFF. When the tem-
perature exceeds the LOW TEMP set point, the
TC4469 gates the oscillator signal to the outputs of the
driver. This square wave signal modulates the remain-
ing outputs and drives the motor at a low speed. If this
speed cannot keep the temperature below the HIGH
TEMP set point, then the driver turns on continuously
which increases the fan speed to high. The TC620 will
monitor the temperature and only allow the fan to oper-
ate when needed and at the required speed to maintain
the desired temperature. A higher power option can be
designed by adding a resistor and a power MOSFET.
4.2
Temperature Controlled Fan
In the application in Figure 4-2, a high and a low tem-
perature is selected by two RL and RH. The TC620
monitors the ambient temperature and turns the FET
switch on when the temperature exceeds the HIGH
TEMP set point. The fan remains on until the tempera-
ture decreases to the LOW TEMP set point. This
provides the hysteresis. In this application, the fan
turns on only when required.
The TC621 uses an external thermistor to monitor the
ambient temperature. This adds one part, but allows
more flexibility with the location of the temperature
sensor.
FIGURE 4-1:
Dual Speed Temperature Control.
FIGURE 4-2:
Temperature Controlled Fan.
TC620
2
3
1
5
6
7
+12V
VMOTOR
MOSFET
Fan Motor
50
Ω
Higher Power Option
1N4148
1N4148
8
4
TC4469
2
1
3
5
8
13
4
6
9
10
11
12
14
1M
10k
100k
High
Limit
Low
Limit
Fan Motor
50 pF
Temperature Scale
7
Low Temp.
30 C
˚
High Temp.
50 C
˚
10 µF
0.1 µF
– 30 C (Fan Off)
– 50 C (Fan Low)
– UP (Fan High)
˚
˚
1 µF
0 C
30 C
50 C
˚
˚
˚
TC620
High Temp.
1
2
3
4
8
7
6
5
Low Temp.
+12V
MTP3055E
Fan Motor
TC621
High
Temp.
1
2
3
4
8
7
6
5
Low Temp.
+12V
MTP3055E
Fan Motor
Thermistor
(NTC)
RL
RL
RH
RH


Similar Part No. - TC621HEPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC621HEPA TELCOM-TC621HEPA Datasheet
75Kb / 6P
   5V, DUAL TRIP POINT TEMPERATURE SENSORS
More results

Similar Description - TC621HEPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC620CEOA713 MICROCHIP-TC620CEOA713 Datasheet
276Kb / 14P
   5V Dual Trip Point Temperature Sensors
10/31/05
TC620 MICROCHIP-TC620_13 Datasheet
195Kb / 16P
   5V, Dual Trip Point Temperature Sensors
2001-2012 11/29/12
TC620 MICROCHIP-TC620 Datasheet
450Kb / 14P
   5V, Dual Trip Point Temperature Sensors
2012
logo
TelCom Semiconductor, I...
TC620 TELCOM-TC620 Datasheet
75Kb / 6P
   5V, DUAL TRIP POINT TEMPERATURE SENSORS
logo
Microchip Technology
TC623 MICROCHIP-TC623_13 Datasheet
141Kb / 12P
   3V, Dual Trip Point Temperature Sensor
11/29/12 2001-2012
TC623 MICROCHIP-TC623_06 Datasheet
239Kb / 12P
   3V, Dual Trip Point Temperature Sensor
2006
logo
ON Semiconductor
MC623 ONSEMI-MC623 Datasheet
71Kb / 4P
   3V, Dual Trip Point Temperature Sensor
February, 2000 ??Rev. 0
logo
Microchip Technology
TC623 MICROCHIP-TC623 Datasheet
422Kb / 12P
   3V, Dual Trip Point Temperature Sensor
2002
logo
TelCom Semiconductor, I...
TC623 TELCOM-TC623 Datasheet
41Kb / 3P
   3V, DUAL TRIP POINT TEMPERATURE SENSOR
logo
ON Semiconductor
MC642.REV3 ONSEMI-MC642.REV3 Datasheet
65Kb / 5P
   3.0 V, Dual Trip Point Temperature Sensor
February, 2003 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com