Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC2311KI2-R0001T Datasheet(PDF) 9 Page - Microchip Technology

Part # DSC2311KI2-R0001T
Description  Crystal-less??Configurable Two-Output Clock Generator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC2311KI2-R0001T Datasheet(HTML) 9 Page - Microchip Technology

Back Button DSC2311KI2-R0001T Datasheet HTML 5Page - Microchip Technology DSC2311KI2-R0001T Datasheet HTML 6Page - Microchip Technology DSC2311KI2-R0001T Datasheet HTML 7Page - Microchip Technology DSC2311KI2-R0001T Datasheet HTML 8Page - Microchip Technology DSC2311KI2-R0001T Datasheet HTML 9Page - Microchip Technology DSC2311KI2-R0001T Datasheet HTML 10Page - Microchip Technology DSC2311KI2-R0001T Datasheet HTML 11Page - Microchip Technology DSC2311KI2-R0001T Datasheet HTML 12Page - Microchip Technology DSC2311KI2-R0001T Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
 2016 Microchip Technology Inc.
DS20005611A-page 9
DSC2311
6.0
PACKAGE MARKING INFORMATION
6-Lead VDFN 2.5 mm x 2.0 mm Package Outline and Recommended Land Pattern
B
A
0.05 C
0.05 C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
1
N
2X
TOP VIEW
SIDE VIEW
NOTE 1
0.10 C
0.08 C
Microchip Technology Drawing C04-1005A Sheet 1 of 2
2X
6X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
6-Lead Very Thin Dual Flatpack No-Leads (J7A) - 2.5x2.0 mm Body [VDFN]
D
E
A
A1
0.10
C A B
0.05
C
BOTTOM VIEW
12
N
2X b2
4X b1
5X L1
L2
e
2


Similar Part No. - DSC2311KI2-R0001T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC2311KI2-R0001T MICREL-DSC2311KI2-R0001T Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
More results

Similar Description - DSC2311KI2-R0001T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC2311 MICREL-DSC2311 Datasheet
632Kb / 5P
   Crystal-less??Configurable Two Output Clock Generator
DSC511-03 MICREL-DSC511-03 Datasheet
528Kb / 5P
   Crystal-less Two Output Clock Generator
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0008 MICREL-DSC2010FE2-B0008 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0003 MICREL-DSC2010FE2-B0003 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2311KI2-R0045 MICREL-DSC2311KI2-R0045 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2123FI2-E0024 MICROCHIP-DSC2123FI2-E0024 Datasheet
1Mb / 7P
   Crystal-less??Configurable Clock Generator
November 01, 2017 Revision 1.0
DSC2144FI2-E0023 MICROCHIP-DSC2144FI2-E0023 Datasheet
1Mb / 6P
   Crystal-less??Configurable Clock Generator
October 24, 2017 Revision 1.0
DSC400-4334Q0022 MICROCHIP-DSC400-4334Q0022 Datasheet
1Mb / 11P
   Crystal-less??Configurable Clock Generator
February 13, 2017 Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com