Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM339DT Datasheet(PDF) 7 Page - Rohm

Part # LM339DT
Description  SIGNATURE SERIES Comparators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM339DT Datasheet(HTML) 7 Page - Rohm

Back Button LM339DT Datasheet HTML 3Page - Rohm LM339DT Datasheet HTML 4Page - Rohm LM339DT Datasheet HTML 5Page - Rohm LM339DT Datasheet HTML 6Page - Rohm LM339DT Datasheet HTML 7Page - Rohm LM339DT Datasheet HTML 8Page - Rohm LM339DT Datasheet HTML 9Page - Rohm LM339DT Datasheet HTML 10Page - Rohm LM339DT Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR0G200530-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
7/34
6.July.2015 Rev.001
TSZ22111・15・001
LM393xxx
LM2903xx
LM339xx
LM2901xx
Electric Characteristics - continued
LM2901xx(Unless otherwise specified Vcc
+=+5V, Vcc-=0V, TA=25°C)
Parameter
Symbol
Temperature
Range
Limit
Unit
Conditions
Min
Typ
Max
Input Offset Voltage (Note 15,16)
VIO
25°C
-
1
7
mV
Vcc
+=5V to 30V, VO=1.4V
VICM=0 to 1.5V
Full range
-
-
15
Input Offset Current (Note 15,16)
IIO
25°C
-
5
50
nA
VO=1.4V
Full range
-
-
150
Input Bias Current (Note 15,16)
IIB
25°C
-
25
250
nA
VO=1.4V
Full range
-
-
400
Large Signal Voltage Gain
AV
25°C
25
200
-
V/mV
Vcc
+=15V
VO=1.4V to 11.4V, RL=15kΩ
Supply Current (Note 16)
(All Comparators)
ICC
25°C
-
1.1
2
mA
Vcc
+=5V, No Load
Full range
-
1.3
2.5
Vcc
+=30V, No Load
Input Common-mode
Voltage Range (Note 16)
VICM
25°C
0
-
Vcc
+-1.5
V
-
Full range
0
-
Vcc
+-2.0
Output Saturation Voltage (Note 16)
(Low Level Output Voltage)
VOL
25°C
-
250
400
mV
VID=-1V, ISINK=4mA
Full range
-
-
700
Output Leakage Current (Note 16)
(High Level Output Current)
ILEAK
25°C
-
0.1
-
nA
Vcc
+=30V, VID=1V
VO=30V
Full range
-
-
1
μA
Output Sink Current (Note 16,17)
ISINK
Full range
6
16
-
mA
VID=-1V, VO=1.5V
Small Signal Response Time
tRE
25°C
-
1.3
-
μs
RL=5.1kΩ, VRL=5V
VIN=100mVp-p,
Overdrive=5mV
Large Signal Response Time
tREL
25°C
-
-
1.0
μs
RL=5.1kΩ, VRL=5V
VIN=TTL input, VREF=1.4V
VO at 95%
(Note 18) Absolute value
(Note 19) Full range: TA=-40°C to +125°C
(Note 20) Consider the power dissipation of the IC under high temperature environment when selecting the output current value.
There may be a case where the output current value is reduced due to the rise in IC temperature caused by the heat generated inside the IC.


Similar Part No. - LM339DT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM339DT STMICROELECTRONICS-LM339DT Datasheet
163Kb / 10P
   LOWPOWER QUAD VOLTAGE COMPARATORS
logo
Rohm
LM339DT ROHM-LM339DT Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
logo
STMicroelectronics
LM339DT STMICROELECTRONICS-LM339DT Datasheet
483Kb / 16P
   Low-power quad voltage comparators
LM339DT STMICROELECTRONICS-LM339DT Datasheet
776Kb / 19P
   Low-power quad voltage comparators
Rev 4
logo
ON Semiconductor
LM339DTBR2 ONSEMI-LM339DTBR2 Datasheet
105Kb / 10P
   Single Supply Quad Comparators
July, 2004 ??Rev. 13
More results

Similar Description - LM339DT

ManufacturerPart #DatasheetDescription
logo
Rohm
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
LM358DT ROHM-LM358DT_11 Datasheet
974Kb / 18P
   SIGNATURE SERIES Operational Amplifiers
2011.06 - Rev.B
logo
ATMEL Corporation
AT90SP0801 ATMEL-AT90SP0801 Datasheet
100Kb / 12P
   Secure Signature Generation Chip
logo
Rohm
LM393DR ROHM-LM393DR Datasheet
463Kb / 18P
   TROPHY SERIES Comparators
LM393MX ROHM-LM393MX_11 Datasheet
709Kb / 17P
   NOW SERIES Comparators
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_18 Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
logo
Analog Devices
ADCMP391 AD-ADCMP391 Datasheet
375Kb / 17P
   Comparators
ADCMP394 AD-ADCMP394 Datasheet
409Kb / 18P
   Comparators
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
   Quadruple Comparators
AN1393 PANASONIC-AN1393 Datasheet
29Kb / 3P
   Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com