Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM1R00126-E2 Datasheet(PDF) 10 Page - Rohm

Part # BM1R00126-E2
Description  High Efficiency and Low Standby Power CCM corresponding
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1R00126-E2 Datasheet(HTML) 10 Page - Rohm

Back Button BM1R00126-E2 Datasheet HTML 6Page - Rohm BM1R00126-E2 Datasheet HTML 7Page - Rohm BM1R00126-E2 Datasheet HTML 8Page - Rohm BM1R00126-E2 Datasheet HTML 9Page - Rohm BM1R00126-E2 Datasheet HTML 10Page - Rohm BM1R00126-E2 Datasheet HTML 11Page - Rohm BM1R00126-E2 Datasheet HTML 12Page - Rohm BM1R00126-E2 Datasheet HTML 13Page - Rohm BM1R00126-E2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
9/22
TSZ02201-0F4F0A2BM1R0-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
20. Apr. 2016 Rev.002
www.rohm.com
TSZ22111
• 15 • 001
BM1R00xxxF
Typical Performance Curves
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
5
10
15
20
25
30
Input Voltage Vcc[V]
Ta=-40°C
Ta=105°C
Figure 3. Circuit Current vs Input Voltage
(Stop Switching State)
Ta=25°C
Input Voltage : VCC [V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Input Voltage Vcc[V]
Figure 4. Circuit Current vs Input Voltage
(Stop Switching State VCC Zoom)
Ta=-40°C
Ta=25°C
Ta=105°C
Input Voltage : VCC [V]
0
20
40
60
80
100
120
140
160
180
200
0
5
10
15
20
25
30
Input Voltage Vcc[V]
Ta=-40°C
Ta=105°C
Ta=25°C
Figure 5. Circuit Current vs Input Voltage
(at Shut Down State)
Input Voltage : VCC [V]
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
Input Voltage Vcc[V]
Ta=-40°C
Ta=105°C
Ta=25°C
Figure 6. Circuit Current vs SH_OUT Voltage
(VSH_IN=0V)
SH_OUT Voltage : VSH_OUT [V]


Similar Part No. - BM1R00126-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1R00146F ROHM-BM1R00146F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
BM1R00147F ROHM-BM1R00147F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
BM1R00148F ROHM-BM1R00148F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
BM1R00149F ROHM-BM1R00149F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
BM1R00150F ROHM-BM1R00150F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
More results

Similar Description - BM1R00126-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1R00178F ROHM-BM1R00178F Datasheet
1Mb / 26P
   High Efficiency, Low Standby Power and CCM Corresponding Secondary Side Synchronous Rectification Controller IC
logo
Unisonic Technologies
UUR3060L-T47-T UTC-UUR3060L-T47-T Datasheet
235Kb / 4P
   High efficiency and low power loss
logo
Micross Components
AS5C2568 MICROSS-AS5C2568 Datasheet
217Kb / 17P
   Low power standby
logo
ON Semiconductor
NCP1230AP100 ONSEMI-NCP1230AP100 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
logo
Rohm
BD85506F ROHM-BD85506F Datasheet
2Mb / 37P
   High Efficiency / Low Standby Power 2-Channel Secondary Side Synchronous Rectification Control IC
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230_15 Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
NCP1230 ONSEMI-NCP1230_08 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
logo
Hotchip Technology Co.,...
HT2269 HOTCHIP-HT2269 Datasheet
1Mb / 13P
   Extended Burst Mode Control For Improved Efficiency and Minimum Standby Power Design
logo
Fairchild Semiconductor
FAN6863WTY FAIRCHILD-FAN6863WTY Datasheet
1Mb / 16P
   Low Standby Power: Under 0.1W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com