Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS2103F Datasheet(PDF) 9 Page - Rohm

Part # BS2103F
Description  High voltage High & Low-side, Gate Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BS2103F Datasheet(HTML) 9 Page - Rohm

Back Button BS2103F Datasheet HTML 5Page - Rohm BS2103F Datasheet HTML 6Page - Rohm BS2103F Datasheet HTML 7Page - Rohm BS2103F Datasheet HTML 8Page - Rohm BS2103F Datasheet HTML 9Page - Rohm BS2103F Datasheet HTML 10Page - Rohm BS2103F Datasheet HTML 11Page - Rohm BS2103F Datasheet HTML 12Page - Rohm BS2103F Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9/20
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
15
001
BS2103F
2.JUN.2016 Rev.003
TSZ02201-0Q3Q0BZ00490-1-2
Typical Performance Curves
(Unless otherwise specified: Ta=25°C, VCC=15V,VBS=15V,VS=COM,CL=1000pF)
Figure 16. Input Bias Current - VIN
Figure 17. Input Bias Current
– Ta
(VIN=5V)
Figure 18. Dead time - Ta (LO off - HO on)
Figure 19. Dead time - Ta (HO off - LO on)
0
1
2
3
4
5
6
0
1
2
3
4
5
6
Input Voltage VIN[V]
0
2
4
6
8
10
-40 -20
0
20
40
60
80 100 120 140
AMBIENT TEMPERATURE [°C]
0
6
12
18
24
30
0
2
4
6
8
10
12
14
16
18
VCC [V]
0
20
40
60
80
100
120
140
160
180
200
220
240
260
-40 -20
0
20
40
60
80 100 120 140
AMBIENT TEMPERATURE [°C]
0
20
40
60
80
100
120
140
160
180
200
220
240
260
-40 -20
0
20
40
60
80 100 120 140
AMBIENT TEMPERATURE [°C]


Similar Part No. - BS2103F

ManufacturerPart #DatasheetDescription
logo
Rohm
BS2100F ROHM-BS2100F Datasheet
838Kb / 19P
   Built-in Under Voltage Lockout for Both Channels
BS2101F ROHM-BS2101F Datasheet
876Kb / 23P
   High voltage
BS2101F-E2 ROHM-BS2101F-E2 Datasheet
876Kb / 23P
   High voltage
More results

Similar Description - BS2103F

ManufacturerPart #DatasheetDescription
logo
Rohm
BM60210FV-C ROHM-BM60210FV-C Datasheet
1Mb / 27P
   High Voltage High & Low-side, Gate Driver
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
[Old version datasheet]   High Voltage High Side and Low Side Gate Driver
logo
Rohm
BS2114F ROHM-BS2114F Datasheet
876Kb / 23P
   600V High voltage High & Low-side, Gate Driver
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD21814M DIODES-DGD21814M Datasheet
577Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2181M DIODES-DGD2181M Datasheet
576Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
logo
Linear Technology
LTC4440 LINER-LTC4440_09 Datasheet
212Kb / 12P
   High Speed, High Voltage High Side Gate Driver
LTC4440-5 LINER-LTC4440-5_15 Datasheet
265Kb / 14P
   High Speed, High Voltage, High Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com