Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM60054FV-C Datasheet(PDF) 5 Page - Rohm

Part # BM60054FV-C
Description  Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM60054FV-C Datasheet(HTML) 5 Page - Rohm

  BM60054FV-C Datasheet HTML 1Page - Rohm BM60054FV-C Datasheet HTML 2Page - Rohm BM60054FV-C Datasheet HTML 3Page - Rohm BM60054FV-C Datasheet HTML 4Page - Rohm BM60054FV-C Datasheet HTML 5Page - Rohm BM60054FV-C Datasheet HTML 6Page - Rohm BM60054FV-C Datasheet HTML 7Page - Rohm BM60054FV-C Datasheet HTML 8Page - Rohm BM60054FV-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5/36
BM60054FV-C
TSZ02201-0818ABH00080-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
www.rohm.co.jp
TSZ22111・15・001
25.Dec.2015 Rev.002
Electrical Characteristics
(Unless otherwise specified Ta=-40°C to +125°C, VBATT=4.0V to 32V, VCC2=UVLO to 20V, VEE2=-12V to 0V)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
General
Main Power Supply
Circuit Current 1
IBATT1
1.1
1.6
2.1
mA
V_BATT=4.0V
Main Power Supply
Circuit Current 2
IBATT2
0.8
1.3
1.8
mA
V_BATT=12.0V
Main Power Supply
Circuit Current 3
IBATT3
0.8
1.3
1.8
mA
V_BATT=32.0V
Output Side Circuit Current 1
ICC21
0.7
1.4
2.1
mA
VCC2=14V, OUT1=L
Output Side Circuit Current 2
ICC22
0.4
1.1
1.8
mA
VCC2=14V, OUT1=H
Output Side Circuit Current 3
ICC23
0.8
1.5
2.2
mA
VCC2=18V, OUT1=L
Output Side Circuit Current 4
ICC24
0.8
1.2
1.9
mA
VCC2=18V, OUT1=H
Output Side Circuit Current 5
ICC25
0.9
1.6
2.3
mA
VCC2=16V, VEE2=-8V,
OUT1=L
Output Side Circuit Current 6
ICC26
0.6
1.3
2.0
mA
VCC2=16V, VEE2=-8V,
OUT1=H
Switching Power Supply Controller
FET_G Output Voltage H1
VFETGH1
3.8
4.0
4.2
V
4.2V<V_BATT
≤32V
IFET_G=0A(open)
FET_G Output Voltage H2
VFETGH2
-
V_BATT-0.2
V_BATT
V
V_BATT
≤ 4.2V
IFET_G =0A(open)
FET_G Output Voltage L
VFETGL
0
-
0.3
V
IFET_G =0A(open)
FET_G ON-Resistance
(Source-side)
RONGH
3
6
12
Ω
10mA
FET_G ON-Resistance
(Sink-side)
RONGL
0.3
0.6
1.3
Ω
10mA
Oscillation Frequency
fSW
182
200
222
kHz
RT=68k
Ω
Soft-start Time
tSS
-
-
50
ms
FB Pin Threshold Voltage
VFB
1.47
1.50
1.53
V
FB Pin Input Current
IFB
-0.8
0
0.8
µA
COMP Pin Sink Current
ICOMPSINK
-160
-80
-40
µA
COMP Pin Source Current
ICOMPSOURCE
40
80
160
µA
V_BATT UVLO ON Voltage
VUVLOBATTL
3.20
3.40
3.60
V
V_BATT UVLO Hysteresis
VUVLOBATTHYS
0.07
0.1
0.13
V
Maximum ON DUTY
DONMAX
-
48
-
%
Over Voltage Detection Threshold
VOVTH
1.60
1.65
1.70
V
Under Voltage Detection
Threshold
VUVTH
1.23
1.30
1.37
V
Over-Current Detection Threshold
VOCTH
0.17
0.20
0.23
V
Protection Holding Time
tDCDCRLS
20
40
60
ms
Logic Block
Logic High Level Input Voltage
VINH
2.0
-
5.5
V
INA, INB, ENA
Logic Low Level Input Voltage
VINL
0
-
0.8
V
INA, INB, ENA
Logic Pull-Down Resistance
RIND
25
50
100
k
Ω
INA, INB, ENA
Logic Input Filtering Time
tINFIL
-
-
90
ns
INA, INB
ENA Input Filtering Time
tENAFIL
-
0.5
0.8
µs
ENA
MODE Low Level Input Voltage
VMODEL
0
-
0.3×VCC2
V
MODE, relative to GND2
MODE High Level Input Voltage
VMODEH
0.7×VCC2
-
VCC2
V
MODE,relative to GND2


Similar Part No. - BM60054FV-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BM60054AFV-C ROHM-BM60054AFV-C Datasheet
3Mb / 42P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
More results

Similar Description - BM60054FV-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BM60052AFV-C ROHM-BM60052AFV-C Datasheet
3Mb / 41P
   Isolation Voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60013FV-C ROHM-BM60013FV-C Datasheet
1,012Kb / 33P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60054AFV-C ROHM-BM60054AFV-C Datasheet
3Mb / 42P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6104FV-C ROHM-BM6104FV-C_15 Datasheet
2Mb / 39P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60056FV-C ROHM-BM60056FV-C Datasheet
4Mb / 48P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
BM6105AFW-LBZ ROHM-BM6105AFW-LBZ Datasheet
2Mb / 31P
   Isolation Voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6104FV-C ROHM-BM6104FV-C Datasheet
994Kb / 38P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60014FV-C ROHM-BM60014FV-C Datasheet
858Kb / 28P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6102FV-C ROHM-BM6102FV-C Datasheet
955Kb / 35P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60051FV-C ROHM-BM60051FV-C_15 Datasheet
2Mb / 49P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com