Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM1R00023-E2 Datasheet(PDF) 1 Page - Rohm

Part # BM1R00023-E2
Description  High Efficiency and Low Standby Power CCM corresponding
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1R00023-E2 Datasheet(HTML) 1 Page - Rohm

  BM1R00023-E2 Datasheet HTML 1Page - Rohm BM1R00023-E2 Datasheet HTML 2Page - Rohm BM1R00023-E2 Datasheet HTML 3Page - Rohm BM1R00023-E2 Datasheet HTML 4Page - Rohm BM1R00023-E2 Datasheet HTML 5Page - Rohm BM1R00023-E2 Datasheet HTML 6Page - Rohm BM1R00023-E2 Datasheet HTML 7Page - Rohm BM1R00023-E2 Datasheet HTML 8Page - Rohm BM1R00023-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
1/22
TSZ02201-0F4F0A2BM1R0-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
20. Apr. 2016 Rev.002
TSZ22111
• 14 • 001
www.rohm.com
BM1R00001
1
1.3
BM1R00002
1
2
BM1R00003
1
3
BM1R00004
1
3.6
BM1R00005
1
4.6
BM1R00006
1.5
1.3
BM1R00007
1.5
2
BM1R00008
1.5
3
BM1R00009
1.5
3.6
BM1R00010
1.5
4.6
BM1R00011
2.3
1.3
BM1R00012
2.3
2
BM1R00013
2.3
3
BM1R00014
2.3
3.6
BM1R00015
2.3
4.6
BM1R00016
2.8
1.3
BM1R00017
2.8
2
BM1R00018
2.8
3
BM1R00019
2.8
3.6
BM1R00020
2.8
4.6
BM1R00021
3.5
1.3
BM1R00022
3.5
2
BM1R00023
3.5
3
BM1R00024
3.5
3.6
BM1R00025
3.5
4.6
BM1R00026
NONE
1.3
BM1R00027
NONE
2
BM1R00028
NONE
3
BM1R00029
NONE
3.6
BM1R00030
NONE
4.6
Function Name
Compulsion
ON Time
( μs)
Compulsion
OFF Time
( μs)
BM1R00121
1
1.3
BM1R00122
1
2
BM1R00123
1
3
BM1R00124
1
3.6
BM1R00125
1
4.6
BM1R00126
1.5
1.3
BM1R00127
1.5
2
BM1R00128
1.5
3
BM1R00129
1.5
3.6
BM1R00130
1.5
4.6
BM1R00131
2.3
1.3
BM1R00132
2.3
2
BM1R00133
2.3
3
BM1R00134
2.3
3.6
BM1R00135
2.3
4.6
BM1R00136
2.8
1.3
BM1R00137
2.8
2
BM1R00138
2.8
3
BM1R00139
2.8
3.6
BM1R00140
2.8
4.6
BM1R00141
3.5
1.3
BM1R00142
3.5
2
BM1R00143
3.5
3
BM1R00144
3.5
3.6
BM1R00145
3.5
4.6
BM1R00146
NONE
1.3
BM1R00147
NONE
2
BM1R00148
NONE
3
BM1R00149
NONE
3.6
BM1R00150
NONE
4.6
Function Name
Compulsion
ON Time
( μs)
Compulsion
OFF Time
( μs)
Low Consumption and High Accuracy Shunt Regulator Built-in
High Efficiency and Low Standby Power,
CCM corresponding
Secondary Side Synchronous Rectification
Controller IC
BM1R00xxxF
General Description
BM1R00xxxF is a synchronous rectification controller
to be used in the secondary-side output. It has a
built-in ultra-low consumption and high accuracy shunt
regulator, which significantly reduces standby power.
The shunt regulator is constructed in a completely
independent chip that enables it to operate as a GND
reference even when used in high side.
At continuous mode operation, further space saving
can be realized when operating without the input
switching synchronizing signal of the primary side.
BM1R00xxxF also features a wide operating power
supply voltage range of 2.7V to 32V for various output
applications.
Finally, by adopting the high-voltage 120V process, it
is possible to monitor the drain voltage directly.
Features
Built-in Ultra-Low Consumption Shunt Regulator
Reducing Standby Power Consumption
Synchronous Rectification FET Supports
High and Low Side
120V High Voltage Process DRAIN terminal
Wide Input Operating Voltage Range of
2.7V to 32V
Supports LLC and PWM QR Controller
No Input Required on the Primary-Side at CCM
Built-in Overvoltage Protection for SH_IN and
SH_OUT Terminal
Built-in Thermal Shutdown Function
Built-in Auto Shutdown Function
SOP8 package
Applications
 AC-DC Output Power Conversion Applications:
Charger, Adapter, TV, Rice Cooker, Humidifier,
Air Conditioning, Vacuum Cleaner, etc.
Key Specifications
Input Voltage Range:
2.7V to 32V
Circuit Current (No Switching):
800µA(Typ)
Circuit Current (Auto Shutdown) :
120µA (Typ)
DRAIN Terminal Absolute Voltage:
120V
Operating Temperature Range:
-40°C to +105°C
Package
W(Typ) x D(Typ) x H(Max)
5.00mm x 6.20mm x 1.71mm
Lineup Table
Latch Protection Series
Auto Restart Protection Series
SOP8
Datasheet


Similar Part No. - BM1R00023-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1R00146F ROHM-BM1R00146F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
BM1R00147F ROHM-BM1R00147F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
BM1R00148F ROHM-BM1R00148F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
BM1R00149F ROHM-BM1R00149F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
BM1R00150F ROHM-BM1R00150F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
More results

Similar Description - BM1R00023-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1R00178F ROHM-BM1R00178F Datasheet
1Mb / 26P
   High Efficiency, Low Standby Power and CCM Corresponding Secondary Side Synchronous Rectification Controller IC
logo
Unisonic Technologies
UUR3060L-T47-T UTC-UUR3060L-T47-T Datasheet
235Kb / 4P
   High efficiency and low power loss
logo
Micross Components
AS5C2568 MICROSS-AS5C2568 Datasheet
217Kb / 17P
   Low power standby
logo
ON Semiconductor
NCP1230AP100 ONSEMI-NCP1230AP100 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
logo
Rohm
BD85506F ROHM-BD85506F Datasheet
2Mb / 37P
   High Efficiency / Low Standby Power 2-Channel Secondary Side Synchronous Rectification Control IC
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230_15 Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
NCP1230 ONSEMI-NCP1230_08 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
logo
Hotchip Technology Co.,...
HT2269 HOTCHIP-HT2269 Datasheet
1Mb / 13P
   Extended Burst Mode Control For Improved Efficiency and Minimum Standby Power Design
logo
Fairchild Semiconductor
FAN6863WTY FAIRCHILD-FAN6863WTY Datasheet
1Mb / 16P
   Low Standby Power: Under 0.1W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com