Electronic Components Datasheet Search |
|
BM6104FV-CE2 Datasheet(PDF) 1 Page - Rohm |
|
BM6104FV-CE2 Datasheet(HTML) 1 Page - Rohm |
1 / 39 page ○Product structure:Silicon integrated circuit ○This product is not designed protection against radioactive rays 1/35 TSZ02201-0717ABH00030-1-2 © 2012 ROHM Co., Ltd. All rights reserved. TSZ22111・14・001 www.rohm.com 25.Dec.2015 Rev.004 Gate Driver Providing Galvanic isolation Series Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation BM6104FV-C General Description The BM6104FV-C is a gate driver with isolation voltage 2500Vrms, I/O delay time of 150ns, and minimum input pulse width of 90ns, and incorporates the fault signal output functions, undervoltage lockout (UVLO) function, and short current protection (SCP, DESAT) function. Features Providing Galvanic Isolation Active Miller Clamping Fault Signal Output Function (Adjustable Output Holding Time) Undervoltage Lockout Function Short Current Protection Function (Adjustable Reset Time) Soft Turn-Off Function For Short Current Protection (Adjustable Turn-Off Time) Supporting Negative VEE2 Output State Feedback Function UL1577 Recognized:File No. E356010 AEC-Q100 Qualified(Note 1) (Note 1:Grade1) Key Specifications Isolation Voltage: 2500Vrms Maximum Gate Drive Voltage: 24V I/O Delay Time: 150ns(Max) Minimum Input Pulse Width: 90ns(Max) Package W(Typ) x D(Typ) x H(Max) SSOP-B20W 6.50mm x 8.10mm x 2.01mm Applications IGBT Gate Driver MOSFET Gate Driver Typical Application Circuits Figure 1. For using 4-pin IGBT (for using SCP function) Figure 2. For using 3-pin IGBT (for using DESAT function) PROOUT VEE2 OUT1L OUT1H VCC2 VREG OUT2 GND2 VEE2 SCPIN GND1 OSFB INB FLTRLS VCC1 FLT INA ENA TEST GND1 S Q R UVLO FLT Timer LOGIC S Q R FB Regulator + - UVLO Latch INA ENA + - + - LOGIC PROOUT VEE2 OUT1L OUT1H VCC2 VREG OUT2 GND2 VEE2 SCPIN GND1 OSFB INB FLTRLS VCC1 FLT INA ENA TEST GND1 S Q R UVLO FLT Timer LOGIC S Q R FB + - + - Regulator + - UVLO LOGIC Latch INA ENA 1pin 1pin Datasheet |
Similar Part No. - BM6104FV-CE2 |
|
Similar Description - BM6104FV-CE2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |