Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM1R00010-E2 Datasheet(PDF) 8 Page - Rohm

Part # BM1R00010-E2
Description  High Efficiency and Low Standby Power CCM corresponding
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1R00010-E2 Datasheet(HTML) 8 Page - Rohm

Back Button BM1R00010-E2 Datasheet HTML 4Page - Rohm BM1R00010-E2 Datasheet HTML 5Page - Rohm BM1R00010-E2 Datasheet HTML 6Page - Rohm BM1R00010-E2 Datasheet HTML 7Page - Rohm BM1R00010-E2 Datasheet HTML 8Page - Rohm BM1R00010-E2 Datasheet HTML 9Page - Rohm BM1R00010-E2 Datasheet HTML 10Page - Rohm BM1R00010-E2 Datasheet HTML 11Page - Rohm BM1R00010-E2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
7/22
TSZ02201-0F4F0A2BM1R0-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
20. Apr. 2016 Rev.002
www.rohm.com
TSZ22111
• 15 • 001
BM1R00xxxF
Electrical Characteristics (Unless otherwise specified VCC=20V Ta=25°C)
Parameter
Symbol
Spec
Unit
Conditions
MIN
TYP
MAX
Circuit Current
Circuit Current1
ION1
0.5
1
2
mA
fSW=50KHz at Switching Mode
(GATE=OPEN)
Circuit Current at Sleep Mode
ISLEEP
60
120
200
μA
At Shutdown Mode
Circuit Current at Normal Mode
IACT
350
800
1400
μA
Switching STOP Mode,
Circuit Current at UVLO Mode
IOFF
18
35
60
μA
VCC=1.9V
VCC Item
VCC UVLO Threshold Voltage1
VUVLO1
2.00
2.30
2.65
V
VCC Sweep Up
VCC UVLO Threshold Voltage2
VUVLO2
1.95
2.25
2.60
V
VCC Sweep Down
SR Controller BLOCK
GATE Turn ON Threshold
VGONN
-150
-100
-50
mV
VDRAIN=-300mV to +300mV
GATE Turn OFF Threshold
VGOFF
-10
-6
-1
mV
VDRAIN=-300mV to +300mV
Compulsion ON Time
(Note 5)
tCON
-9
-
9
%
Excluding BM1R00026-30 and
BM1R00146-150 which has no
Compulsion ON Time
Compulsion OFF Time
(Note 5)
tCOFF
-9
-
9
%
MAX_TON BLOCK
MAX_TON Timer Start Threshold
Voltage
VMAX_ON_START
24
28
32
V
VCC=20V, DRAIN Terminal
Voltage
MAX_TON Timer
tMAX_ON
9.4
10
10.6
μs
RMAX_TON=100kΩ, VCC=3V,
VDRAIN=-0.3↔7V
MAX_TON Output Voltage
VMAX_ON
0.24
0.40
0.56
V
Auto Shutdown BLOCK
Auto Shutdown Detect Time
tSHD
120
200
320
μs
No Pulse to DRAIN Terminal
Auto Shutdown Cancel Pulse Number
PACT
-
265
-
time
Input Pulse to DRAN Terminal
Drain Monitor BLOCK
Drain Sink Current
ID_SINK
130
250
550
μA
VDRAIN=120V
Drain Terminal Source Current1
IDRAIN_SO1
-23
-11
-5
μA
VDRAIN=0.1V
Drain Terminal Source Current2
IDRAIN_SO2
-3
-1
-0.3
μA
VDRAIN=-0.2V
Driver BLOCK
GATE Terminal High Voltage
VGATE_H1
11
12
14
V
VCC=20V
High Side FET ON-Resistance
(VCC=2.7V)
RHIONR1
12.0
23.0
50.0
Ω
VCC=2.7V, IOUT= -10mA
High Side FET ON-Resistance
(VCC=5V)
RHIONR2
6.0
12.0
24.0
Ω
VCC=5.0V, IOUT= -10mA
High Side FET ON-Resistance
(VCC=10V)
RHIONR3
4.0
9.0
18.0
Ω
VCC=10V, IOUT= -10mA
Low Side FET ON-Resistance
(VCC=2.7V)
RLOWONR1
1.1
2.2
4.4
Ω
VCC=2.7V, IOUT= +10mA
Low Side FET ON-Resistance
(VCC=5V)
RLOWONR2
0.9
1.8
3.6
Ω
VCC=5.0V, IOUT= +10mA
Propagation Delay to FET Turn ON
tDELAY_ON
-
50
-
ns
VDRAIN=-300mV to +300mV
Propagation Delay to FET Turn OFF
tDELAY_OFF
-
100
-
ns
VDRAIN =-300mV to +300mV
(Note 5) See the lineup table in page1.


Similar Part No. - BM1R00010-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1R00146F ROHM-BM1R00146F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
BM1R00147F ROHM-BM1R00147F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
BM1R00148F ROHM-BM1R00148F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
BM1R00149F ROHM-BM1R00149F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
BM1R00150F ROHM-BM1R00150F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
More results

Similar Description - BM1R00010-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1R00178F ROHM-BM1R00178F Datasheet
1Mb / 26P
   High Efficiency, Low Standby Power and CCM Corresponding Secondary Side Synchronous Rectification Controller IC
logo
Unisonic Technologies
UUR3060L-T47-T UTC-UUR3060L-T47-T Datasheet
235Kb / 4P
   High efficiency and low power loss
logo
Micross Components
AS5C2568 MICROSS-AS5C2568 Datasheet
217Kb / 17P
   Low power standby
logo
ON Semiconductor
NCP1230AP100 ONSEMI-NCP1230AP100 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
logo
Rohm
BD85506F ROHM-BD85506F Datasheet
2Mb / 37P
   High Efficiency / Low Standby Power 2-Channel Secondary Side Synchronous Rectification Control IC
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230_15 Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
NCP1230 ONSEMI-NCP1230_08 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
logo
Hotchip Technology Co.,...
HT2269 HOTCHIP-HT2269 Datasheet
1Mb / 13P
   Extended Burst Mode Control For Improved Efficiency and Minimum Standby Power Design
logo
Fairchild Semiconductor
FAN6863WTY FAIRCHILD-FAN6863WTY Datasheet
1Mb / 16P
   Low Standby Power: Under 0.1W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com