Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM2P052F Datasheet(PDF) 3 Page - Rohm

Part # BM2P052F
Description  PWM type DC/DC converter IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM2P052F Datasheet(HTML) 3 Page - Rohm

  BM2P052F Datasheet HTML 1Page - Rohm BM2P052F Datasheet HTML 2Page - Rohm BM2P052F Datasheet HTML 3Page - Rohm BM2P052F Datasheet HTML 4Page - Rohm BM2P052F Datasheet HTML 5Page - Rohm BM2P052F Datasheet HTML 6Page - Rohm BM2P052F Datasheet HTML 7Page - Rohm BM2P052F Datasheet HTML 8Page - Rohm BM2P052F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3/20
Datasheet
Datasheet
BM2PXX2F
TSZ02201-0F2F0A200040-1-2
24. Sep.2015.Rev.006
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
●Electrical Characteristics (Unless otherwise noted, Ta = 25
C, VCC = 15 V)
Parameter
Symbol
Specifications
Unit
Conditions
Minimum
Standard
Maximum
[Circuit current]
Circuit current (ON) 1
I
ON1
410
600
790
μA
BM2P052F, FB=2.0V
(at pulse operation)
Circuit current (ON) 1
I
ON1
350
500
650
μA
BM2P092F, FB=2.0V
(at pulse operation)
Circuit current (ON) 2
I
ON2
-
400
500
μA
FB=0.0V(at burst operation)
[VCC protection function]
VCC UVLO voltage 1
V
UVLO1
12.50
13.50
14.50
V
VCC rises
VCC UVLO voltage 2
V
UVLO2
7.50
8.20
8.90
V
VCC falls
VCC UVLO hysteresis
V
UVLO3
-
5.30
-
V
VUVLO3= VUVLO1- VUVLO2
VCC OVP voltage 1
V
OVP1
26.0
27.5
29.0
V
VCC rises
VCC OVP voltage 2
V
OVP2
23.5
V
VCC drop
Latch released VCC voltage
V
LATCH
-
V
UVLO2-0.5
-
V
VCC Recharge start voltage
V
CHG1
7.70
8.70
9.70
V
VCC Recharge stop voltage
V
CHG2
12.00
13.00
14.00
V
Latch mask time
T
LATCH
50
100
150
us
Thermal shut down temperature
T
SD
118
145
-
C
[PWM type DCDC driver block]
Oscillation frequency 1
F
SW1
60
65
70
KHz
FB=2.00V
Oscillation frequency 2
F
SW2
20
25
30
KHz
FB=0.40V
Frequency hopping width 1
F
DEL1
-
4.0
-
KHz
FB=2.0V
Hopping fluctuation frequency
F
CH
75
125
175
Hz
Soft start time 1
T
SS1
0.30
0.50
0.70
ms
Soft start time 2
T
SS2
0.60
1.00
1.40
ms
Soft start time 3
T
SS3
1.20
2.00
2.80
ms
Soft start time 4
T
SS4
4.80
8.00
11.20
ms
Maximum duty
Dmax
68.0
75.0
82.0
%
FB pin pull-up resistance
R
FB
23
30
37
kΩ
Δ
FB / ΔCS gain
Gain
-
4.00
-
V/V
FB burst voltage
V
BST
0.300
0.400
0.500
V
FB falls
FB voltage of
starting Frequency reduction mode
V
DLT
1.100
1.250
1.400
V
FB OLP voltage 1a
V
FOLP1A
2.60
2.80
3.00
V
Overload is detected (FB rise)
FB OLP voltage 1b
V
FOLP1B
-
2.60
-
V
Overload is detected (FB drop)
FB OLP ON timer
TFOLP1
40
64
88
ms
FB OLP Start up timer
T
FOLP2
26
32
38
ms
FB OLP OFF timer
T
FOLP2
358
512
666
ms
[Over current detection block]
Overcurrent detection voltage
V
CS
0.380
0.400
0.420
V
Ton=0us
Overcurrent detection voltage SS1
V
CS_SS1
-
0.100
-
V
0[ms] ~ Tss1[ms]
Overcurrent detection voltage SS2
V
CS_SS2
-
0.150
-
V
TSS1 [ms] ~ TSS2 [ms]
Overcurrent detection voltage SS3
V
CS_SS3
-
0.200
-
V
TSS2 [ms] ~ TSS3[ms]
Overcurrent detection voltage SS4
V
CS_SS4
-
0.300
-
V
TSS3 [ms] ~ TSS4 [ms]
Leading Edge Blanking Time
T
LEB
-
250
-
ns
Over current detection AC Voltage
compensation factor
K
CS
12
20
28
mV/us
SOURCE pin
short protection voltage
V
CSSHT
0.020
0.050
0.080
V
[Start circuit block]
Start current 1
I
START1
0.100
0.500
1.000
mA
VCC= 0V
Start current 2
I
START2
1.000
3.000
6.000
mA
VCC=10V
OFF current
I
START3
-
10
20
uA
Inflow current from Drain pin
after UVLO released UVLO.
When MOSFET is OFF
Start current switching voltage
V
SC
0.800
1.500
2.100
V


Similar Part No. - BM2P052F

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P052 ROHM-BM2P052 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
More results

Similar Description - BM2P052F

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P053F ROHM-BM2P053F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
BM2P054F ROHM-BM2P054F Datasheet
1Mb / 23P
   PWM type DC/DC converter IC
BM1P061FJ-E ROHM-BM1P061FJ-E Datasheet
1Mb / 21P
   PWM Control type DC/DC converter IC
BM1P061FJ ROHM-BM1P061FJ_15 Datasheet
1Mb / 23P
   PWM Control type DC/DC converter IC
logo
New Japan Radio
NJM2374A NJRC-NJM2374A Datasheet
90Kb / 8P
   PWM DC/DC CONVERTER IC
NJM2392 NJRC-NJM2392 Datasheet
150Kb / 9P
   PWM DC/DC Converter IC
logo
Rohm
BM2P074KF-G ROHM-BM2P074KF-G Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 800V MOSFET
BM2P063HK-LBZ ROHM-BM2P063HK-LBZ Datasheet
1Mb / 23P
   PWM Type DC/DC Converter IC Integrated Switching MOSFET
BM2P014-E ROHM-BM2P014-E Datasheet
954Kb / 19P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P013 ROHM-BM2P013 Datasheet
1,011Kb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com