Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM1Q011FJ-E2 Datasheet(PDF) 6 Page - Rohm

Part # BM1Q011FJ-E2
Description  Quasi-Resonant Control type DC/DC Converter IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1Q011FJ-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BM1Q011FJ-E2 Datasheet HTML 2Page - Rohm BM1Q011FJ-E2 Datasheet HTML 3Page - Rohm BM1Q011FJ-E2 Datasheet HTML 4Page - Rohm BM1Q011FJ-E2 Datasheet HTML 5Page - Rohm BM1Q011FJ-E2 Datasheet HTML 6Page - Rohm BM1Q011FJ-E2 Datasheet HTML 7Page - Rohm BM1Q011FJ-E2 Datasheet HTML 8Page - Rohm BM1Q011FJ-E2 Datasheet HTML 9Page - Rohm BM1Q011FJ-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6/26
Datasheet
Datasheet
BM1Q011FJ
TSZ02201-0F1F0A200180-1-2
21.Jan.2016 Rev.001
© 2016 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
●Description of Blocks
(1-1) Starter Circuit VH pin(7pin)
The IC builds in starter circuit (tolerates 650V) to VH pin (8pin). It enables to be low standby power and high speed
starting. The operating current is shown in Figure 6. After starting the IC, the idling current ISTART3(typ=10uA) flows
from VH voltage. The loss by the idling current is shown below.
ex) power consumption of starter circuit only
Vac=100V
Power=100V*√2*10uA=1.41mW
Vac=240V
Power=240V*√2*10uA=3.38mW
Starting time is decided by VH current and VCC pin capacitor value. The reference value of starting time is shown in
Figure 7.
For example, VCC pin is charged within about 0.1 sec at CVCC=10uF. When the VCC pin is shorted to GND, the
current of ISTART1 flows to (shown in Figure 6). When the VH pin is shorted to GND, the large current flows from VH
line to GND. To prevent this, it is needed to insert the resistor (5kΩ~60kΩ) for limiting current between the VH line and
the VH pin. When VH pin is shorted to GND, the power of VH
2/RVH is applied to this resistor, so please decide the
resistor value depending on specifications after having confirmed allowable electricity.
Figure 5. Starter Block Diagram
Figure 6. Start-up Current vs. VCC Voltage
Figure 7. Start-up Time(example)
*The start up current is flown from VH pin (7Pin).
VCC Capacitor value [uF]
VCC Capacitor value – startup time
+
-
VCCUVLO
VCC
Cvcc
VH
FUSE
+
-
Diode
Bridge
SW1
AC
Input
7
6
Rvh


Similar Part No. - BM1Q011FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1Q001FJ ROHM-BM1Q001FJ Datasheet
1Mb / 29P
   Quasi-Resonant Control type DC/DC Converter IC
BM1Q001FJ-E2 ROHM-BM1Q001FJ-E2 Datasheet
1Mb / 29P
   Quasi-Resonant Control type DC/DC Converter IC
BM1Q002AFJ-LBE2 ROHM-BM1Q002AFJ-LBE2 Datasheet
1Mb / 42P
   Quasi-resonant DC/DC Converters
09.Feb.2023 Rev.001
BM1Q002FJ ROHM-BM1Q002FJ Datasheet
1Mb / 29P
   Quasi-Resonant Control type DC/DC Converter IC
BM1Q002FJ-E2 ROHM-BM1Q002FJ-E2 Datasheet
1Mb / 29P
   Quasi-Resonant Control type DC/DC Converter IC
More results

Similar Description - BM1Q011FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1Q00XFJ ROHM-BM1Q00XFJ Datasheet
1Mb / 29P
   Quasi-Resonant Control type DC/DC Converter IC
BM1Q104FJ ROHM-BM1Q104FJ Datasheet
1Mb / 29P
   Quasi-Resonant Control DC/DC converter IC
5. Jun. 2017 Rev.002
BD7682FJ-LB ROHM-BD7682FJ-LB_16 Datasheet
1Mb / 31P
   Low Noise Quasi-Resonant Control DC/DC converter IC for AC/DC Converter
BM1050AF-G ROHM-BM1050AF-G Datasheet
2Mb / 51P
   Quasi-Resonant Control DC/DC
logo
Mitsumi Electronics, Co...
MM3661 MITSUMI-MM3661 Datasheet
48Kb / 4P
   The quasi resonant control IC for AC-DC converter
logo
Rohm
BM1C001F ROHM-BM1C001F Datasheet
1Mb / 35P
   Power Factor Correction and Quasi-Resonant DC/DC converter IC
BM1C101F ROHM-BM1C101F Datasheet
1Mb / 40P
   Power Factor Correction and Quasi-Resonant DC/DC converter IC
BM1C102F ROHM-BM1C102F Datasheet
1Mb / 39P
   Power Factor Correction and Quasi-Resonant DC/DC converter IC
BM1Q021FJ ROHM-BM1Q021FJ Datasheet
1Mb / 31P
   Quasi-Resonant Control type
BM1Q0XXAFJ-LB ROHM-BM1Q0XXAFJ-LB Datasheet
1Mb / 42P
   Quasi-resonant DC/DC Converters
09.Feb.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com