Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM1Q011FJ Datasheet(PDF) 7 Page - Rohm

Part # BM1Q011FJ
Description  Quasi-Resonant Control type DC/DC Converter IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1Q011FJ Datasheet(HTML) 7 Page - Rohm

Back Button BM1Q011FJ Datasheet HTML 3Page - Rohm BM1Q011FJ Datasheet HTML 4Page - Rohm BM1Q011FJ Datasheet HTML 5Page - Rohm BM1Q011FJ Datasheet HTML 6Page - Rohm BM1Q011FJ Datasheet HTML 7Page - Rohm BM1Q011FJ Datasheet HTML 8Page - Rohm BM1Q011FJ Datasheet HTML 9Page - Rohm BM1Q011FJ Datasheet HTML 10Page - Rohm BM1Q011FJ Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7/26
Datasheet
Datasheet
BM1Q011FJ
TSZ02201-0F1F0A200180-1-2
21.Jan.2016 Rev.001
© 2016 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
Figure 8 shows operation waveform of start-up.
Secondary
output
Switing
VH
Voltage
VCC(5pin)
VH input
current
A
B
C
VUVLO1
ISTART1
ISTART3
ISTART2
Set voltage
VSC
D
Figure 8. Start-up Waveform
A: By inserting to outlet, the VH voltage applies. From this moment, charging to VCC pin starts from the VH pin through
starter circuit. At the time, due to VCC < VSC (typ=0.8V), VH input current is limited to ISTART1 by the VCC pin short
protection function.
B: Because of VCC voltage > VSC (typ=0.8V), VCC short protection is released and the current of the VH input current
waveform flows from VH pin.
C: Because of VCC voltage > VUVLO1 (typ=13.5V), the start-up circuit stops and VH input current is limited to ISTART3
(typ=10uA) only. Furthermore, for starting switching operation secondary output starts to rise however the VCC pin
voltage lowers because the Secondary output is low yet. The falling rate of the VCC is determined by the VCC pin
capacitance, the consumption current of the IC and the load current that flows from the VCC pin. (V/t = Cvcc/Icc)
D: Because secondary output has risen to specific voltage, the VCC pin is applied from the auxiliary winding and VCC
voltage is stabilized.


Similar Part No. - BM1Q011FJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1Q001FJ ROHM-BM1Q001FJ Datasheet
1Mb / 29P
   Quasi-Resonant Control type DC/DC Converter IC
BM1Q001FJ-E2 ROHM-BM1Q001FJ-E2 Datasheet
1Mb / 29P
   Quasi-Resonant Control type DC/DC Converter IC
BM1Q002AFJ-LBE2 ROHM-BM1Q002AFJ-LBE2 Datasheet
1Mb / 42P
   Quasi-resonant DC/DC Converters
09.Feb.2023 Rev.001
BM1Q002FJ ROHM-BM1Q002FJ Datasheet
1Mb / 29P
   Quasi-Resonant Control type DC/DC Converter IC
BM1Q002FJ-E2 ROHM-BM1Q002FJ-E2 Datasheet
1Mb / 29P
   Quasi-Resonant Control type DC/DC Converter IC
More results

Similar Description - BM1Q011FJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1Q00XFJ ROHM-BM1Q00XFJ Datasheet
1Mb / 29P
   Quasi-Resonant Control type DC/DC Converter IC
BM1Q104FJ ROHM-BM1Q104FJ Datasheet
1Mb / 29P
   Quasi-Resonant Control DC/DC converter IC
5. Jun. 2017 Rev.002
BD7682FJ-LB ROHM-BD7682FJ-LB_16 Datasheet
1Mb / 31P
   Low Noise Quasi-Resonant Control DC/DC converter IC for AC/DC Converter
BM1050AF-G ROHM-BM1050AF-G Datasheet
2Mb / 51P
   Quasi-Resonant Control DC/DC
logo
Mitsumi Electronics, Co...
MM3661 MITSUMI-MM3661 Datasheet
48Kb / 4P
   The quasi resonant control IC for AC-DC converter
logo
Rohm
BM1C001F ROHM-BM1C001F Datasheet
1Mb / 35P
   Power Factor Correction and Quasi-Resonant DC/DC converter IC
BM1C101F ROHM-BM1C101F Datasheet
1Mb / 40P
   Power Factor Correction and Quasi-Resonant DC/DC converter IC
BM1C102F ROHM-BM1C102F Datasheet
1Mb / 39P
   Power Factor Correction and Quasi-Resonant DC/DC converter IC
BM1Q021FJ ROHM-BM1Q021FJ Datasheet
1Mb / 31P
   Quasi-Resonant Control type
BM1Q0XXAFJ-LB ROHM-BM1Q0XXAFJ-LB Datasheet
1Mb / 42P
   Quasi-resonant DC/DC Converters
09.Feb.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com