Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM1P067FJ-E2 Datasheet(PDF) 11 Page - Rohm

Part # BM1P067FJ-E2
Description  PWM Control IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1P067FJ-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BM1P067FJ-E2 Datasheet HTML 7Page - Rohm BM1P067FJ-E2 Datasheet HTML 8Page - Rohm BM1P067FJ-E2 Datasheet HTML 9Page - Rohm BM1P067FJ-E2 Datasheet HTML 10Page - Rohm BM1P067FJ-E2 Datasheet HTML 11Page - Rohm BM1P067FJ-E2 Datasheet HTML 12Page - Rohm BM1P067FJ-E2 Datasheet HTML 13Page - Rohm BM1P067FJ-E2 Datasheet HTML 14Page - Rohm BM1P067FJ-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11/27
Datasheet
Datasheet
BM1P065FJ
TSZ02201-0F2F0A200170-1-2
2.Oct.2013.Rev.001
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
(4) ACMONI pin protection function
ACMONI(1pin) pin is for brown-out protection. When AC voltage falls, the brown-out function stops switching operation.
The usage is shown in Figure 13. The voltage divide AC voltage by resistors is applied to ACMONI pin.
When ACMONI pin voltage exceeds VACOMONI (1.0Vtyp), IC detects normal state, and IC starts switching operation.
When ACMONI pin voltage is lower than VACMONI(0.7V typ) after switching operation, the internal timer of IC starts to
operate. When the status which ACMONI pin voltage is lower than VACMONI(0.7V typ) continues for TACMONI1(typ=256ms),
the switching operation stops.
For that, even if AC voltage temporary disappearance occurs, the switching operation continues within TACMONI1(typ=256ms)
period.
Figure 13. Application circuit
The detection value of brown-out sets by external resistors of AMMONI pin.
The setting method is below:
○The setting : When AC line voltage is higher than the voltage “VHstart”, IC starts to operate
VHstart value is calculated by below equation.
VHstart=(RH+RL)/RL×VACMONI1
*VACMONI1=1.0V
Please set RH and RL by the equation.
Then brown-out protection voltage “VHend” is calculated by below equation.
VHend=(RH+RL)/RL×VACMONI2
*VACMONI1=0.7V
When brown-out function does not use, ACMONI pin voltage needs to be set the voltage from 1.3V to 5.0V
As the applied method, apply from outside or apply the voltage divided resistors from VCC.
Np
Nb
Ns
Vout
Figure 14. The setting of ACMONI pin in the case not to use brown-out function
RH
RL


Similar Part No. - BM1P067FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P067FJ-E2 ROHM-BM1P067FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P067FJ-E2 ROHM-BM1P067FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
BM1P067FJ-E2 ROHM-BM1P067FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
BM1P067FJ-E2 ROHM-BM1P067FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P067FJ-E2 ROHM-BM1P067FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
More results

Similar Description - BM1P067FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P107FJ ROHM-BM1P107FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P066FJ ROHM-BM1P066FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P105FJ ROHM-BM1P105FJ Datasheet
1Mb / 31P
   PWM Control IC
logo
Renesas Technology Corp
HA16158P RENESAS-HA16158P Datasheet
248Kb / 23P
   PFC & PWM Control IC
HA16158P RENESAS-HA16158P_07 Datasheet
227Kb / 24P
   PFC & PWM Control IC
logo
Micrel Semiconductor
MIC2186 MICREL-MIC2186_05 Datasheet
189Kb / 15P
   Low Voltage PWM Control IC
MIC2186 MICREL-MIC2186 Datasheet
162Kb / 16P
   Low Voltage PWM Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com