Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P87LPC760BDH Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P87LPC760BDH
Description  Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC760BDH Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P87LPC760BDH Datasheet HTML 5Page - NXP Semiconductors P87LPC760BDH Datasheet HTML 6Page - NXP Semiconductors P87LPC760BDH Datasheet HTML 7Page - NXP Semiconductors P87LPC760BDH Datasheet HTML 8Page - NXP Semiconductors P87LPC760BDH Datasheet HTML 9Page - NXP Semiconductors P87LPC760BDH Datasheet HTML 10Page - NXP Semiconductors P87LPC760BDH Datasheet HTML 11Page - NXP Semiconductors P87LPC760BDH Datasheet HTML 12Page - NXP Semiconductors P87LPC760BDH Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Philips Semiconductors
Preliminary data
P87LPC760
Low power, low price, low pin count (14 pin)
microcontroller with 1 kbyte OTP
2002 Mar 07
6
SPECIAL FUNCTION REGISTERS
Name
Description
SFR
Address
Bit Functions and Addresses
MSB
LSB
Reset
Value
E7
E6
E5
E4
E3
E2
E1
E0
ACC*
Accumulator
E0h
00h
AUXR1#
Auxiliary Function Register
A2h
KBF
BOD
BOI
LPEP
SRST
0
DPS
02h1
F7
F6
F5
F4
F3
F2
F1
F0
B*
B register
F0h
00h
CMP1#
Comparator 1 control
register
ACh
CE1
CP1
CN1
OE1
CO1
CMF1
00h1
DIVM#
CPU clock divide-by-M
control
95h
00h
DPTR:
Data pointer (2 bytes)
DPH
Data pointer high byte
83h
00h
DPL
Data pointer low byte
82h
00h
CF
CE
CD
CC
CB
CA
C9
C8
I2CFG#*
I2C configuration register
C8h/RD
SLAVEN
MASTRQ
0
TIRUN
CT1
CT0
00h1
C8h/WR
SLAVEN
MASTRQ
CLRTI
TIRUN
CT1
CT0
DF
DE
DD
DC
DB
DA
D9
D8
I2CON#*
I2C control register
D8h/RD
RDAT
ATN
DRDY
ARL
STR
STP
MASTER
80h1
D8h/WR
CXA
IDLE
CDR
CARL
CSTR
CSTP
XSTR
XSTP
I2DAT#
I2C data register
D9h/RD
RDAT
0
0
0
0
0
0
0
80h
D9h/WR
XDAT
x
x
X
x
x
x
x
AF
AE
AD
AC
AB
AA
A9
A8
IEN0*
Interrupt enable 0
A8h
EA
EWD
EBO
ES
ET1
ET0
EX0
00h
EF
EE
ED
EC
EB
EA
E9
E8
IEN1#*
Interrupt enable 1
E8h
ETI
EC1
EKB
EI2
00h1
BF
BE
BD
BC
BB
BA
B9
B8
IP0*
Interrupt priority 0
B8h
PWD
PBO
PS
PT1
PT0
PX0
00h1
IP0H#
Interrupt priority 0 high
byte
B7h
PWDH
PBOH
PSH
PT1H
PT0H
PX0H
00h1
FF
FE
FD
FC
FB
FA
F9
F8
IP1*
Interrupt priority 1
F8h
PTI
PC1
PKB
PI2
00h1
IP1H#
Interrupt priority 1 high
byte
F7h
PTIH
PC1H
PKBH
PI2H
00h1
KBI#
Keyboard Interrupt
86h
00h
87
86
85
84
83
82
81
80
P0*
Port 0
80h
CMP1
CMPREF
CIN1A
CIN1B
Note 2
97
96
95
94
93
92
91
90
P1*
Port 1
90h
(P1.7)
RST
INT0
T0
RxD
TxD
Note 2
A7
A6
A5
A4
A3
A2
A1
A0
P2*
Port 2
A0h
X1
X2
Note 2
P0M1#
Port 0 output mode 1
84h
(P0M1.6)
(P0M1.5)
(P0M1.4) (P0M1.3)
00h
P0M2#
Port 0 output mode 2
85h
(P0M2.6)
(P0M2.5)
(P0M2.4) (P0M2.3)
00h
P1M1#
Port 1 output mode 1
91h
(P1M1.7)
(P1M1.1)
(P1M1.0)
00h1
P1M2#
Port 1 output mode 2
92h
(P1M2.7)
(P1M2.1)
(P1M2.0)
00h1
P2M1#
Port 2 output mode 1
A4h
P2S
P1S
P0S
ENCLK
T0OE
(P2M1.1)
(P2M1.0)
00h


Similar Part No. - P87LPC760BDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87LPC761 PHILIPS-P87LPC761 Datasheet
299Kb / 58P
   Low power, low price, low pin count (16 pin) microcontroller with 2 kbyte OTP
2002 Mar 07
P87LPC761BDH PHILIPS-P87LPC761BDH Datasheet
299Kb / 58P
   Low power, low price, low pin count (16 pin) microcontroller with 2 kbyte OTP
2002 Mar 07
P87LPC761BN PHILIPS-P87LPC761BN Datasheet
299Kb / 58P
   Low power, low price, low pin count (16 pin) microcontroller with 2 kbyte OTP
2002 Mar 07
P87LPC762 PHILIPS-P87LPC762 Datasheet
312Kb / 57P
   Low power, low price, low pin count 20 pin microcontroller with 2 kbyte OTP
2001 Oct 26
P87LPC762BD PHILIPS-P87LPC762BD Datasheet
312Kb / 57P
   Low power, low price, low pin count 20 pin microcontroller with 2 kbyte OTP
2001 Oct 26
More results

Similar Description - P87LPC760BDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87LPC759 PHILIPS-P87LPC759 Datasheet
168Kb / 38P
   Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
2002 Mar 21
87LPC764 PHILIPS-87LPC764 Datasheet
307Kb / 56P
   Low power, low price, low pin count 20 pin microcontroller with 4 kbyte OTP
2001 Oct 26
87LPC762 PHILIPS-87LPC762 Datasheet
312Kb / 57P
   Low power, low price, low pin count 20 pin microcontroller with 2 kbyte OTP
2001 Oct 26
P87LPC761 PHILIPS-P87LPC761 Datasheet
299Kb / 58P
   Low power, low price, low pin count (16 pin) microcontroller with 2 kbyte OTP
2002 Mar 07
P87LPC764BN112 PHILIPS-P87LPC764BN112 Datasheet
329Kb / 60P
   Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP
2003 Sep 03
P87LPC764 PHILIPS-P87LPC764 Datasheet
322Kb / 60P
   Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP
2003 Sep 03
87LPC767 PHILIPS-87LPC767 Datasheet
320Kb / 60P
   Low power, low price, low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter
2001 Aug 07
87LPC769 PHILIPS-87LPC769 Datasheet
306Kb / 61P
   Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D, and DAC
2001 Jan 11
87LPC768 PHILIPS-87LPC768 Datasheet
337Kb / 64P
   Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
2001 Aug 06
logo
ATMEL Corporation
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com