Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM1P065FJ-E2 Datasheet(PDF) 4 Page - Rohm

Part # BM1P065FJ-E2
Description  PWM Control IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1P065FJ-E2 Datasheet(HTML) 4 Page - Rohm

  BM1P065FJ-E2 Datasheet HTML 1Page - Rohm BM1P065FJ-E2 Datasheet HTML 2Page - Rohm BM1P065FJ-E2 Datasheet HTML 3Page - Rohm BM1P065FJ-E2 Datasheet HTML 4Page - Rohm BM1P065FJ-E2 Datasheet HTML 5Page - Rohm BM1P065FJ-E2 Datasheet HTML 6Page - Rohm BM1P065FJ-E2 Datasheet HTML 7Page - Rohm BM1P065FJ-E2 Datasheet HTML 8Page - Rohm BM1P065FJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4/27
Datasheet
Datasheet
BM1P065FJ
TSZ02201-0F2F0A200170-1-2
2.Oct.2013.Rev.001
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
● Pin Descriptions
Table1. I/O Pin Functions
No.
Pin Name
I/O
Function
ESD Diode
VCC
GND
1
ACMONI
I
Comparator input pin
-
2
FB
I
Feedback signal input pin
3
CS
I
Primary current sense pin
4
GND
I/O
GND pin
-
5
OUT
O
External MOS drive pin
6
VCC
I/O
Power supply input pin
-
7
N.C.
-
Non Connection
-
-
8
VH
I
Start circuit pin
-
● I/O Equivalent Circuit Diagram
Figure 2. I/O Equivalent Circuit Diagram


Similar Part No. - BM1P065FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P065FJ-E2 ROHM-BM1P065FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P065FJ-E2 ROHM-BM1P065FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
BM1P065FJ-E2 ROHM-BM1P065FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
BM1P065FJ-E2 ROHM-BM1P065FJ-E2 Datasheet
1Mb / 31P
   PWM Control IC
BM1P065FJ-E2 ROHM-BM1P065FJ-E2 Datasheet
1Mb / 30P
   PWM Control IC
More results

Similar Description - BM1P065FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P107FJ ROHM-BM1P107FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P066FJ ROHM-BM1P066FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P105FJ ROHM-BM1P105FJ Datasheet
1Mb / 31P
   PWM Control IC
logo
Renesas Technology Corp
HA16158P RENESAS-HA16158P Datasheet
248Kb / 23P
   PFC & PWM Control IC
HA16158P RENESAS-HA16158P_07 Datasheet
227Kb / 24P
   PFC & PWM Control IC
logo
Micrel Semiconductor
MIC2186 MICREL-MIC2186_05 Datasheet
189Kb / 15P
   Low Voltage PWM Control IC
MIC2186 MICREL-MIC2186 Datasheet
162Kb / 16P
   Low Voltage PWM Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com