Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD7684FJ-LB Datasheet(PDF) 3 Page - Rohm

Part # BD7684FJ-LB
Description  Low Noise Quasi-Resonant Control DC/DC converter IC for AC/DC Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7684FJ-LB Datasheet(HTML) 3 Page - Rohm

  BD7684FJ-LB Datasheet HTML 1Page - Rohm BD7684FJ-LB Datasheet HTML 2Page - Rohm BD7684FJ-LB Datasheet HTML 3Page - Rohm BD7684FJ-LB Datasheet HTML 4Page - Rohm BD7684FJ-LB Datasheet HTML 5Page - Rohm BD7684FJ-LB Datasheet HTML 6Page - Rohm BD7684FJ-LB Datasheet HTML 7Page - Rohm BD7684FJ-LB Datasheet HTML 8Page - Rohm BD7684FJ-LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3/27
Datasheet
Datasheet
BD768xFJ-LB Series
TSZ02201-0F1F0A200050-1-2
29.Jun.2016. Rev.002
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
Absolute Maximum Ratings (Ta= 25 °C)
Parameter
Symbol
Rating
Unit
Conditions
Maximum Applied Voltage 1
V
max1
-0.3 to +32.0
V
OUT, VCC, MASK
Maximum Applied Voltage 2
V
max2
-0.3 to +6.5
V
ZT, CS, FB, BO
Maximum Applied Voltage 3
V
max3
-0.3 to +25.0
V
OUT
ZT Pin Maximum Current1
ISZT1
-3.0
mA
ZT Pin Maximum Current2
ISZT2
3.0
mA
Power Dissipation
P
d
0.67
(Note1)
W
Operating Temperature Range
T
opr
-40 to +105
°C
MAX Junction Temperature
T
jmax
150
°C
Storage Temperature Range
Tstr
-55 to +150
°C
(Note1) SOP-J8 : When mounted (on 70 mm × 70 mm, 1.6 mm thick, glass epoxy on single-layer substrate)
De-rated by 5.4mW/°C when operating above Ta=25°C.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Recommended Operating Conditions (Ta=25
C)
Parameter
Symbol
Rating
Unit
Conditions
Power Supply Voltage Range
VCC
15.0 to 27.5
V
VCC pin voltage
Electrical Characteristics (unless otherwise noted, Ta = 25 °C, VCC= 24 V)
Parameter
Symbol
Specifications
Unit
Conditions
MIN
TYP
MAX
[Circuit Current]
Circuit Current (OFF)
IOFF
10
19
30
µA
VCC=18.0V
(VCC UVLO=Disable)
Circuit Current (ON) 1
ION1
300
800
1500
µA
FB=1.0V
(at pulse operation)
Circuit Current (ON) 2
ION2
150
500
1000
µA
FB=0.0V
(at burst operation)
Circuit Current (Protect circuit is on)
Iprotect
800
1600
2200
µA
FBOLP,VCCOVP,ZTOVP
[Brown Out Block (B.O.)]
B.O. Detection Voltage
VBO
0.920
1.000
1.080
V
B.O. Detection Hysteresis Current
IBO
10
15
20
µA
[VCC Pin Protection Functions]
VCC UVLO Voltage 1
VUVLO1
19.00
19.50
20.00
V
VCC rise
VCC UVLO Voltage 2
VUVLO2
13.00
14.00
15.00
V
VCC fall
VCC UVLO Hysteresis
VUVLO3
-
5.50
-
V
VUVLO3= VUVLO1-VUVLO2
VCC OVP Voltage 1
VOVP1
27.50
29.50
31.50
V
VCC rise
VCC OVP Voltage 2
VOVP2
21.00
23.00
25.00
V
VCC fall
VCC OVP Hysteresis
VOVP3
-
6.50
-
V
VOVP3= VOVP1-VOVP2
Latch Release Voltage
VLATCH
-
VUVLO2-3.5
-
V
VCC voltage
Latch Mask Time
tLATCH
50
150
250
µs


Similar Part No. - BD7684FJ-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7684FJ-LB ROHM-BD7684FJ-LB Datasheet
1Mb / 30P
   This is the product guarantees long time support in the Industrial market
More results

Similar Description - BD7684FJ-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1Q104FJ ROHM-BM1Q104FJ Datasheet
1Mb / 29P
   Quasi-Resonant Control DC/DC converter IC
5. Jun. 2017 Rev.002
logo
Mitsumi Electronics, Co...
MM3661 MITSUMI-MM3661 Datasheet
48Kb / 4P
   The quasi resonant control IC for AC-DC converter
logo
Rohm
BM1Q011FJ ROHM-BM1Q011FJ Datasheet
1Mb / 30P
   Quasi-Resonant Control type DC/DC Converter IC
BM1Q00XFJ ROHM-BM1Q00XFJ Datasheet
1Mb / 29P
   Quasi-Resonant Control type DC/DC Converter IC
BM1050AF-G ROHM-BM1050AF-G Datasheet
2Mb / 51P
   Quasi-Resonant Control DC/DC
BM1C001F ROHM-BM1C001F Datasheet
1Mb / 35P
   Power Factor Correction and Quasi-Resonant DC/DC converter IC
BM1C101F ROHM-BM1C101F Datasheet
1Mb / 40P
   Power Factor Correction and Quasi-Resonant DC/DC converter IC
BM1C102F ROHM-BM1C102F Datasheet
1Mb / 39P
   Power Factor Correction and Quasi-Resonant DC/DC converter IC
logo
SHENZHEN FUMAN ELECTRON...
TC3200 FUMAN-TC3200 Datasheet
147Kb / 3P
   Low noise DC/DC converter IC
logo
AiT Semiconductor Inc.
AP8275 AITSEMI-AP8275 Datasheet
863Kb / 15P
   QUASI-RESONANT AC-DC CONVERTER WITH INTERNAL HV
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com