Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD7F200EFJ-LBE2 Datasheet(PDF) 5 Page - Rohm

Part # BD7F200EFJ-LBE2
Description  Optocoupler-less Isolated Flyback Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7F200EFJ-LBE2 Datasheet(HTML) 5 Page - Rohm

  BD7F200EFJ-LBE2 Datasheet HTML 1Page - Rohm BD7F200EFJ-LBE2 Datasheet HTML 2Page - Rohm BD7F200EFJ-LBE2 Datasheet HTML 3Page - Rohm BD7F200EFJ-LBE2 Datasheet HTML 4Page - Rohm BD7F200EFJ-LBE2 Datasheet HTML 5Page - Rohm BD7F200EFJ-LBE2 Datasheet HTML 6Page - Rohm BD7F200EFJ-LBE2 Datasheet HTML 7Page - Rohm BD7F200EFJ-LBE2 Datasheet HTML 8Page - Rohm BD7F200EFJ-LBE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5/27
Datasheet
Datasheet
BD7F200HFN-LB
BD7F200EFJ-LB
TSZ02201-0J1J0AZ01220-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
24.Mar.2016 Rev.002
www.rohm.com
TSZ22111・15・001
Electrical Characteristics
(Unless otherwise specified Ta = 25°C, VIN = 24V, and VSDX/EN = 2.5V.)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Power Supply
Quiescent Current
IST
-
0
10
µA
VSDX/EN = 0V
Operating Current
ICC
-
2
4
mA
VSDX/EN = 2.5V
VREF = 2V (at PFM operation)
UVLO Detection Voltage
VUVLO
5.7
6.2
6.7
V
VIN falling
UVLO Hysteresis Voltage
VUVLO_HYS
0.6
0.7
0.8
V
SDX/EN Control
Shutdown Voltage
VSDX
0.3
0.9
1.5
V
Enable Voltage
VEN
1.9
2.0
2.1
V
VSDX/EN rising
Enable Hysteresis Voltage
VEN_HYS
0.15
0.2
0.25
V
SDX/EN Input Current
ISDX/EN
-
0
1
µA
VSDX/EN=2V
Reference Voltage
Reference Voltage
VREF
0.768
0.78
0.792
V
Switch Characteristics
ON-Resistance
RON
-
0.5
-
Between SW - PGND terminals
Over Current Limit
ILIMIT
2.2
2.75
3.3
A
Switching Frequency
fSW
-
400
-
kHz
At PWM operation (Duty=40%)
Minimum ON Time
tON_MIN
-
350
-
ns
Minimum OFF Time
tOFF_MIN
-
300
-
ns
Maximum OFF Time
tOFF_MAX
-
20
-
µs
Soft Start Time
tSS
-
6
-
ms
0V to (VREF
×90%)


Similar Part No. - BD7F200EFJ-LBE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7F200EFJ-LBE2 ROHM-BD7F200EFJ-LBE2 Datasheet
1Mb / 30P
   Isolated Flyback Converter
09.Dec.2022 Rev.004
More results

Similar Description - BD7F200EFJ-LBE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7F100HFN-LB ROHM-BD7F100HFN-LB Datasheet
2Mb / 32P
   Optocoupler-less Isolated Flyback Converter
BD7F200HFN-LB ROHM-BD7F200HFN-LB_V01 Datasheet
1Mb / 30P
   Isolated Flyback Converter
09.Dec.2022 Rev.004
logo
Linear Technology
LT8315 LINER-LT8315 Datasheet
505Kb / 6P
   Offline Isolated Flyback Converter
LT8302 LINER-LT8302 Datasheet
556Kb / 6P
   Micropower No-Opto Isolated Flyback Converter
logo
Linear Integrated Syste...
LT8303ES5 LINEAR-LT8303ES5 Datasheet
32Kb / 1P
   MICROPOWER NO-OPTO ISOLATED FLYBACK CONVERTER
logo
Linear Technology
LT3511 LINER-LT3511_15 Datasheet
264Kb / 26P
   Monolithic High Voltage Isolated Flyback Converter
LT3512 LINER-LT3512_15 Datasheet
313Kb / 26P
   Monolithic High Voltage Isolated Flyback Converter
logo
Power Integrations, Inc...
DI-42 POWERINT-DI-42 Datasheet
43Kb / 2P
   Non-isolated Flyback (Buck/Boost) Converter
logo
Linear Technology
LT3512 LINER-LT3512_11 Datasheet
236Kb / 24P
   Monolithic High Voltage Isolated Flyback Converter
LT3573 LINER-LT3573 Datasheet
247Kb / 24P
   Isolated Flyback Converter Without an Opto-Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com