Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M47S65H2FA Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # M47S65H2FA
Description  Compact Waterproof Automotive Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

M47S65H2FA Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  M47S65H2FA Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. M47S65H2FA Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. M47S65H2FA Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. M47S65H2FA Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. M47S65H2FA Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
MB-0216-1
September 2010
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
1/5
Features
General Specifications
MX47 Series
Compact Waterproof Automotive Connectors
•No. of Contacts: 39 pos.
(Different keying available)
•Contact Resistance:
5m ohm max. (initial)
10m ohm max. (after test)
•Rated Current: 3A
•Connector Insertion Force: 100 N max.
•Waterproof: 98 kPa min. (initial)
•Vibration Resistance:
20G (50 to 1000Hz) each pole / 9 hours
•Applicable Cable: AVSS 0.3 to 1.25sq
•Operating Temperature:
-40 Deg. C to +125 Deg. C
JAE has developed the MX47 Series compact, high-density waterproof connector for
automotive applications.
The MX47 Series utilizes a structure similar to the existing MX23A Series waterproof
connector, but is more compact while maintaining a low height.
The applicable cable and performance is equivalent or higher than the MX23A, there is a
guide key for secure mating, and pin terminals have Pb-free compliant complete plating.
Superior vibration resistance makes the connector ideally suited for use in harsh
environments such as the engine areas of both 2 and 4-wheeled vehicles.
•2.5mm horizontal pitch, 3.6mm vertical pitch, 3 row board to wire connector.
•39 position, different keying available.
•Guide key for secure mating.
•Dowels on both side of connector for light press-fit to board for temporary holding.
•Socket terminal is a compact box type which is strong against external force.
•Retainer is a simple structure front cap type which is easy to attach.
•Pin terminal press-fit structure to prevent leakage of potting material.
•Slim type pin terminal with 0.5mm thickness and 1.0mm width.
RoHS Compliant


Similar Part No. - M47S65H2FA

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
M4700 ENERCON-M4700 Datasheet
985Kb / 14P
   M4700 SERIES AC/DC POWER SUPPLY
Jan 31, 2024
M4701 ENERCON-M4701 Datasheet
948Kb / 14P
   M4701 SERIES AC/DC POWER SUPPLY
September 6, 2021
M4703 ENERCON-M4703 Datasheet
833Kb / 15P
   M4703 SERIES DC/DC POWER SUPPLY
Sep 14, 2023
M4705 ENERCON-M4705 Datasheet
1Mb / 14P
   M4705 SERIES AC/DC POWER SUPPLY
Apr 25, 2023
M4706 ENERCON-M4706 Datasheet
995Kb / 14P
   M4706 SERIES AC/DC POWER SUPPLY
Apr 25, 2023
More results

Similar Description - M47S65H2FA

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JN5 JAE-JN5 Datasheet
163Kb / 3P
   Compact Waterproof Connectors
MX44 JAE-MX44 Datasheet
159Kb / 6P
   Compact Waterproof Automotive Connectors with Low Pin Counts
logo
Hirose Electric
DF63W HIROSE-DF63W Datasheet
224Kb / 6P
   3.96mm pitch compact waterproof connectors for internal power supplies
logo
List of Unclassifed Man...
M34S75C4F1 ETC2-M34S75C4F1 Datasheet
194Kb / 7P
   Compact Automotive Connectors for PCB-to-Cable Applications
logo
Japan Aviation Electron...
MX34 JAE-MX34 Datasheet
155Kb / 6P
   Compact Automotive Connectors for PCB-to-Cable Applications
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
logo
Hirose Electric
JR-W HIROSE-JR-W Datasheet
823Kb / 13P
   Waterproof Circular Connectors
logo
Japan Aviation Electron...
MX23A JAE-MX23A Datasheet
229Kb / 7P
   Compact Type Low-profiled Waterproof Connector
logo
Panasonic Semiconductor
JJ-M PANASONIC-JJ-M Datasheet
100Kb / 4P
   COMPACT SIZE AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com