Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2941A Datasheet(PDF) 6 Page - Keysight Technologies

Part # U2941A
Description  Parametric Test Fixture
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U2941A Datasheet(HTML) 6 Page - Keysight Technologies

  U2941A Datasheet HTML 1Page - Keysight Technologies U2941A Datasheet HTML 2Page - Keysight Technologies U2941A Datasheet HTML 3Page - Keysight Technologies U2941A Datasheet HTML 4Page - Keysight Technologies U2941A Datasheet HTML 5Page - Keysight Technologies U2941A Datasheet HTML 6Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
myKeysight
www.keysight.com/find/mykeysight
A personalized view into the information most relevant to you.
www.axiestandard.org
AdvancedTCA® Extensions for Instrumentation and Test (AXIe) is an
open standard that extends the AdvancedTCA for general purpose and
semiconductor test. Keysight is a founding member of the AXIe consortium.
ATCA®, AdvancedTCA®, and the ATCA logo are registered US trademarks of
the PCI Industrial Computer Manufacturers Group.
www.lxistandard.org
LAN eXtensions for Instruments puts the power of Ethernet and the
Web inside your test systems. Keysight is a founding member of the LXI
consortium.
www.pxisa.org
PCI eXtensions for Instrumentation (PXI) modular instrumentation delivers a
rugged, PC-based high-performance measurement and automation system.
Three-Year Warranty
www.keysight.com/find/ThreeYearWarranty
Keysight’s commitment to superior product quality and lower total cost
of ownership. The only test and measurement company with three-year
warranty standard on all instruments, worldwide.
Keysight Assurance Plans
www.keysight.com/find/AssurancePlans
Up to five years of protection and no budgetary surprises to ensure your
instruments are operating to specification so you can rely on accurate
measurements.
www.keysight.com/go/quality
Keysight Technologies, Inc.
DEKRA Certified ISO 9001:2008
Quality Management System
Keysight Channel Partners
www.keysight.com/find/channelpartners
Get the best of both worlds: Keysight’s measurement expertise and product
breadth, combined with channel partner convenience.
www.keysight.com/find/u2941a
For more information on Keysight
Technologies’ products, applications or
services, please contact your local Keysight
office. The complete list is available at:
www.keysight.com/find/contactus
Americas
Canada
(877) 894 4414
Brazil
55 11 3351 7010
Mexico
001 800 254 2440
United States
(800) 829 4444
Asia Pacific
Australia
1 800 629 485
China
800 810 0189
Hong Kong
800 938 693
India
1 800 112 929
Japan
0120 (421) 345
Korea
080 769 0800
Malaysia
1 800 888 848
Singapore
1 800 375 8100
Taiwan
0800 047 866
Other AP Countries
(65) 6375 8100
Europe & Middle East
Austria
0800 001122
Belgium
0800 58580
Finland
0800 523252
France
0805 980333
Germany
0800 6270999
Ireland
1800 832700
Israel
1 809 343051
Italy
800 599100
Luxembourg
+32 800 58580
Netherlands
0800 0233200
Russia
8800 5009286
Spain
0800 000154
Sweden
0200 882255
Switzerland
0800 805353
Opt. 1 (DE)
Opt. 2 (FR)
Opt. 3 (IT)
United Kingdom
0800 0260637
For other unlisted countries:
www.keysight.com/find/contactus
(BP-09-04-14)
06 | Keysight | U2941A Parametric Test Fixture - Data Sheet
This information is subject to change without notice.
© Keysight Technologies, 2012 – 2014
Published in USA, August 2, 2014
5989-9741EN
www.keysight.com


Similar Part No. - U2941A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U2941A HP-U2941A Datasheet
672Kb / 15P
   Voltage and current programming and readback
U2941A-101 HP-U2941A-101 Datasheet
672Kb / 15P
   Voltage and current programming and readback
U2941A-102 HP-U2941A-102 Datasheet
672Kb / 15P
   Voltage and current programming and readback
U2941A-103 HP-U2941A-103 Datasheet
672Kb / 15P
   Voltage and current programming and readback
U2941A-104 HP-U2941A-104 Datasheet
672Kb / 15P
   Voltage and current programming and readback
More results

Similar Description - U2941A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
4082A KEYSIGHT-4082A Datasheet
297Kb / 21P
   Parametric Test System
logo
Bel Fuse Inc.
0804-EVALB02 BEL-0804-EVALB02 Datasheet
2Mb / 11P
   Powerline Test Fixture
logo
Keysight Technologies
E6708A KEYSIGHT-E6708A Datasheet
98Kb / 4P
   RF Parametric and Functional Test
logo
Agilent(Hewlett-Packard...
N9201A HP-N9201A Datasheet
115Kb / 4P
   Array Structure Parametric Test Option
logo
Keysight Technologies
4082F KEYSIGHT-4082F Datasheet
324Kb / 23P
   Flash Memory Cell Parametric Test System
logo
Agilent(Hewlett-Packard...
U7242A HP-U7242A Datasheet
187Kb / 2P
   Transmitter and Receiver Test Fixture
logo
Keysight Technologies
16197A KEYSIGHT-16197A Datasheet
53Kb / 1P
   Bottom Electrode SMD Test Fixture
logo
SIRENZA MICRODEVICES
SDM-EVAL SIRENZA-SDM-EVAL Datasheet
159Kb / 3P
   Test Fixture for Sirenza SDM Module Series
XD010-EVAL SIRENZA-XD010-EVAL Datasheet
156Kb / 3P
   Test Fixture for Sirenza XD Module Series
logo
Sanyo Semicon Device
LV3100M SANYO-LV3100M Datasheet
425Kb / 9P
   Parametric Equalizer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com