Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2802A Datasheet(PDF) 9 Page - Keysight Technologies

Part # U2802A
Description  USB Modular Products
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U2802A Datasheet(HTML) 9 Page - Keysight Technologies

Back Button U2802A Datasheet HTML 5Page - Keysight Technologies U2802A Datasheet HTML 6Page - Keysight Technologies U2802A Datasheet HTML 7Page - Keysight Technologies U2802A Datasheet HTML 8Page - Keysight Technologies U2802A Datasheet HTML 9Page - Keysight Technologies U2802A Datasheet HTML 10Page - Keysight Technologies U2802A Datasheet HTML 11Page - Keysight Technologies U2802A Datasheet HTML 12Page - Keysight Technologies U2802A Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
9
Product characteristics and general specifications
REMOTE INTERFACE
– Hi-Speed USB 2.0*
– USBTMC-USB4885
POWER CONSUMPTION
– 400 VA maximum
– Installation Category II
OPERATING ENVIRONMENT
– Operating temperature from 0 °C to +55 °C
– Operating humidity at 15% to 85% RH (non-condensing)
– Altitude up to 2000 meters
– Pollution Degree 2
– For indoor use only
STORAGE COMPLIANCE
–20 °C to 70 °C
SAFETY COMPLIANCE
Certified with:
– IEC 61010-1:2001/EN 61010-1:2001 (2nd Edition)
– USA: UL61010-1: 2004
– Canada: CSA C22.2 No.61010-1:2004
EMC COMPLIANCE
– IEC/EN 61326-1 1998
– CISPR 11: 1990/EN55011:1991, Class A, Group 1
– Canada: ICES-001:1998
– Australia/New Zealand: AS/NZS 2064.1
ACOUSTIC EMISSION
– Sound pressure level: 45.5 dB(A)
– Sound power level: 56.6 dB(A)
SHOCK AND VIBRATION
Tested to IEC/EN 60068-2
DIMENSION (W × D × H)
270.00 mm × 271.20 mm × 197.00 mm (with bumpers)
WEIGHT
3.7 kg (without any modules slotted in)
WARRANTY
Three years for U2781A
Three months for standard shipped accessories
Product outlook and dimensions
Front view
Rear view
Top view
Standard shipped accessories
– Power cord
– USB extension cable
– L-Mount kit ( used with modular
product chassis)
– Keysight Automation-Ready CD-ROM
(contains the Keysight IO Libraries
Suite)
– Keysight U2781A USB Modular Product
Chassis Quick Start Guide
– Keysight USB Modular Products
Reference CD-ROM
– Functional Test Certificate
Optional accessories
– U2905A rackmount kit for U2781A
six-slot USB modular instrument
chassis
197.00 mm
270.00 mm
197.00 mm
5
Compatible with Microsoft Windows operating systems only.
*If remote connections are necessary, a E5813A USB/LAN hub can
be used. Please go to the product’s user guide for more information.


Similar Part No. - U2802A

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U280-001-C2 TRIPPLITE-U280-001-C2 Datasheet
506Kb / 2P
   USB Tablet / Phone Car Charger, 5V 2.4A / 12W
U280-002-C12 TRIPPLITE-U280-002-C12 Datasheet
516Kb / 2P
   Dual USB Tablet / Phone Car Charger, 5V 3.1A / 15.5W
U280-004 TRIPPLITE-U280-004 Datasheet
495Kb / 2P
   4-Port USB Charging Station, 5V 6A/30W USB Charger Output
U280-004-OTG TRIPPLITE-U280-004-OTG Datasheet
509Kb / 2P
   4-Port USB Charging Station with OTG Hub - 5V 6A / 30W USB Charger Output
U280-004-UK TRIPPLITE-U280-004-UK Datasheet
490Kb / 2P
   4-Port USB Charging Station, 5V 6A/30W USB Charger Output, UK Version
More results

Similar Description - U2802A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U2781A KEYSIGHT-U2781A Datasheet
7Mb / 76P
   USB Modular Products
U2702A KEYSIGHT-U2702A Datasheet
2Mb / 12P
   USB Modular Oscilloscope
U2751A KEYSIGHT-U2751A Datasheet
358Kb / 9P
   USB Modular Switch Matrix
logo
Adam Technologies, Inc.
MTJ-USB-88JX1-FS-LI ADAM-TECH-MTJ-USB-88JX1-FS-LI Datasheet
110Kb / 1P
   MODULAR JACK OVER USB
logo
Keysight Technologies
U2741A KEYSIGHT-U2741A Datasheet
1Mb / 11P
   USB Modular Digital Multimeter
logo
Adam Technologies, Inc.
MTJ-DUSB-88JX1-FS-L23-M80 ADAM-TECH-MTJ-DUSB-88JX1-FS-L23-M80 Datasheet
118Kb / 1P
   MODULAR JACK OVER DUAL USB
MTJ-DUSB-88JX1-FS-LL-M74 ADAM-TECH-MTJ-DUSB-88JX1-FS-LL-M74 Datasheet
105Kb / 1P
   MODULAR JACK OVER DUAL USB
MTJ-DUSB-88JX1-FS-LM-M86 ADAM-TECH-MTJ-DUSB-88JX1-FS-LM-M86 Datasheet
110Kb / 1P
   MODULAR JACK OVER DUAL USB
logo
Good Will Instrument Co...
AFG-125 GWINSTEK-AFG-125 Datasheet
1Mb / 2P
   USB MODULAR ARBITRARY FUNCTION GENERATOR
logo
Adam Technologies, Inc.
MTJ-DUSB-88JX1-FS-LH-M12 ADAM-TECH-MTJ-DUSB-88JX1-FS-LH-M12 Datasheet
108Kb / 1P
   MODULAR JACK OVER DUAL USB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com