Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2741A Datasheet(PDF) 4 Page - Keysight Technologies

Part # U2741A
Description  USB Modular Digital Multimeter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U2741A Datasheet(HTML) 4 Page - Keysight Technologies

  U2741A Datasheet HTML 1Page - Keysight Technologies U2741A Datasheet HTML 2Page - Keysight Technologies U2741A Datasheet HTML 3Page - Keysight Technologies U2741A Datasheet HTML 4Page - Keysight Technologies U2741A Datasheet HTML 5Page - Keysight Technologies U2741A Datasheet HTML 6Page - Keysight Technologies U2741A Datasheet HTML 7Page - Keysight Technologies U2741A Datasheet HTML 8Page - Keysight Technologies U2741A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
04 | Keysight | U2741A USB Modular Digital Multimeter - Data Sheet
DC specifications 1
Function
Range
Input impedance
Test current/
Burden voltage,
Shunt resistance
Accuracy
±(% of reading + %
of range)
Temperature
coefficient
0 °C to 18 ºC
28 °C to 55 °C
Voltage 2
100.000 mV
10 MΩ
-
0.015 + 0.008
0.002 + 0.0008
1.00000 V
10 MΩ
-
0.015 + 0.005
0.001 + 0.0005
10.0000 V
10 MΩ
-
0.018 + 0.005
0.002 + 0.0005
100.000 V
10 MΩ
-
0.018 + 0.005
0.002 + 0.0005
300.000 V
10 MΩ
-
0.018 + 0.005
0.002 + 0.0005
Current 3
10.0000 mA
-
< 0.2 V, 10 Ω
0.06 + 0.015
0.005 + 0.0025
100.000 mA
-
< 0.2 V, 1 Ω
0.06 + 0.005
0.008 + 0.002
1.0000 A
-
< 0.3 V, 0.1 Ω
0.15 + 0.007
0.005 + 0.002
2.0000 A
-
< 0.8 V, 0.1 Ω
0.15 + 0.007
0.005 + 0.002
Resistance 4
100.000 Ω
-
1.0 mA
0.03 + 0.008
0.006 + 0.0008
1.00000 kΩ
-
1.0 mA
0.03 + 0.005
0.006 + 0.0005
10.0000 kΩ
-
100 μA
0.03 + 0.005
0.006 + 0.0005
100.000 kΩ
-
10.0 μA
0.03 + 0.005
0.006 + 0.0005
1.00000 MΩ
-
1 μA
0.06 + 0.005
0.01 + 0.0005
10.0000 MΩ
-
225 nA
0.25 + 0.005
0.025 +0.0005
100.000 MΩ
-
225 nA || 10 MΩ
2.0 + 0.005
0.3 + 0.0005
Diode test 5
1.0000 V
-
1.00 mA
0.015 + 0.03
0.005 + 0.0005
Continuity test 6
1.0000 kΩ
-
1.00 mA
0.05 + 0.03
0.005 + 0.0005
1. Specifications are based on 30 minutes warm-up time, NPLC 20 resolution, and calibration temperature within 18 °C to 28 °C. For NPLC 0 and
0.025, add 0.01% of range.
2. 120% over range on all ranges except 300 VDC. Input protection up to 300 VDC.
3. Input protected with externally accessible 2 A, 250 V fast blown fuse.
4. Specifications are for 4-wire Ω or 2-wire Ωs using null function in KMM software. If without null function in KMM software, add 0.2 Ω additional
error. Input protection up to 300 VDC. Specifications apply for NPLC ≥ 1.
5. Specifications are for the voltage measured at the input terminals only.
6. Continuity threshold is fixed at less than 10 Ω.
Product Specifications
NOTE: To ensure better measurement results and to guard against the change of environment or setup, always enable the Null offset.


Similar Part No. - U2741A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U2741A HP-U2741A Datasheet
672Kb / 15P
   Voltage and current programming and readback
More results

Similar Description - U2741A

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
2100 TEKTRONIX-2100 Datasheet
344Kb / 4P
   6쩍-Digit USB Digital Multimeter
DMM4040 TEKTRONIX-DMM4040 Datasheet
2Mb / 112P
   Digital Multimeter
logo
List of Unclassifed Man...
D35 ETC-D35 Datasheet
215Kb / 2P
   Bluetooth Digital Multimeter
logo
Keysight Technologies
34401A KEYSIGHT-34401A Datasheet
863Kb / 6P
   34401A Digital Multimeter
logo
Extech Instruments Corp...
MN15A EXTECH-MN15A Datasheet
321Kb / 12P
   Mini Digital Multimeter
logo
List of Unclassifed Man...
OW18D ETC-OW18D Datasheet
523Kb / 1P
   Bluetooth Digital Multimeter
logo
Keysight Technologies
M9181A KEYSIGHT-M9181A Datasheet
251Kb / 8P
   M9181A PXI Digital Multimeter
logo
Agilent(Hewlett-Packard...
U1230 HP-U1230 Datasheet
327Kb / 10P
   Handheld Digital Multimeter (DMM)
U1241A HP-U1241A Datasheet
371Kb / 6P
   U1241A/U1242A Handheld Digital Multimeter
logo
Good Will Instrument Co...
GDM-8034 GWINSTEK-GDM-8034 Datasheet
571Kb / 1P
   3 1/2 DIGITAL MULTIMETER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com