Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2356A Datasheet(PDF) 9 Page - Keysight Technologies

Part # U2356A
Description  USB Modular Multifunction Data Acquisition Devices
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U2356A Datasheet(HTML) 9 Page - Keysight Technologies

Back Button U2356A Datasheet HTML 5Page - Keysight Technologies U2356A Datasheet HTML 6Page - Keysight Technologies U2356A Datasheet HTML 7Page - Keysight Technologies U2356A Datasheet HTML 8Page - Keysight Technologies U2356A Datasheet HTML 9Page - Keysight Technologies U2356A Datasheet HTML 10Page - Keysight Technologies U2356A Datasheet HTML 11Page - Keysight Technologies U2356A Datasheet HTML 12Page - Keysight Technologies U2356A Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
Electrical measurement specifications
Basic multifunction USB DAQ
Model number
U2351A, U2352A
U2353A, U2354A
Analog input measurement1
Function
23 °C ± 5 °C
0 °C to 18 °C
28 °C to 45 °C
23 °C ± 5 °C
0 °C to 18 °C
28 °C to 45 °C
Offset error
±1 mV
±5 mV
±1 mV
±5 mV
Gain error
±2 mV
±5 mV
±2 mV
±5 mV
–3 dB Small signal bandwidth2
760 kHz
1.5 MHz
1% THD Large signal bandwidth2
300 kHz
300 kHz
System noise
1 mVrms
2 mVrms
1 mVrms
2.5 mVrms
CMRR
62 dB
62 dB
Spurious-Free Dynamic Range (SFDR)3
88 dB
82 dB
Signal-to-Noise and Distortion Ratio
(SINAD)3
80 dB
78 dB
Total Harmonic Distortion (THD)3
–90 dB
–82 dB
Signal-to-Noise Ratio (SNR)3
80 dB
78 dB
Effective Number of Bits (ENOB)3
13
12.6
Model number
U2351A, U2353A
Analog output measurement1
Function
23 °C ± 5 °C
0 °C to 18 °C
28 °C to 45 °C
Offset error
±1 mV
±4 mV
Gain error
±4mV
±5 mV
Slew rate
19 V/μs
Rise time
0.9 μs
Fall time
0.9 μs
Settling time to 1% output error
4 μs
Driving capability
5 mA
Glitch energy
5 ns-V (Typical), 80 ns-V (Maximum)
1
Specifications are for 20 minutes of warm-up time, calibration temperature at 23 °C and input range of ±10 V.
2
Specifications are based on the following test condition:
Bandwidth test
Model number
Test conditions (DUT setting at ±10 V bipolar)
–3 dB Small signal bandwidth
1% THD large signal bandwidth
U2351A
U2352A
Sampling rate:
Input voltage:
– –3 dB Small signal bandwidth
– 1% THD Large signal bandwidth
250 kSa/s
– 10% FSR
– FSR –1 dB FS
U2353A
U2354A
Sampling rate:
Input voltage:
– –3 dB Small signal bandwidth
– 1% THD Large signal bandwidth
500 kSa/s
– 10% FSR
– FSR –1 dB FS
3
Specifications are based on the following test conditions:
Dynamic range test
Model number
Test conditions (DUT setting at ±10 V bipolar)
SFDR, THD, SINAD, SNR, ENOB
U2351A
U2352A
– Sampling rate:
– Fundamental frequency:
– Number of points:
– Fundamental input voltage:
250 kSa/s
2.4109 kHz
8192
FSR –1 dB FS
U2353A
U2354A
– Sampling rate:
– Fundamental frequency:
– Number of points:
– Fundamental input voltage:
500 kSa/s
4.974 kHz
16384
FSR –1 dB FS


Similar Part No. - U2356A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
U235 INTERSIL-U235 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
TEMIC Semiconductors
U2350B TEMIC-U2350B Datasheet
118Kb / 9P
   PWM Speed Control for Permanent Excited DC Motors
U2350B-FP TEMIC-U2350B-FP Datasheet
118Kb / 9P
   PWM Speed Control for Permanent Excited DC Motors
logo
Keysight Technologies
U2351A KEYSIGHT-U2351A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
logo
TEMIC Semiconductors
U2352 TEMIC-U2352 Datasheet
110Kb / 8P
   PWM Power Control for DC Loads
More results

Similar Description - U2356A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U2901A KEYSIGHT-U2901A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2355A KEYSIGHT-U2355A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2351A KEYSIGHT-U2351A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2352A KEYSIGHT-U2352A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2902A KEYSIGHT-U2902A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2354A KEYSIGHT-U2354A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2331A KEYSIGHT-U2331A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2353A KEYSIGHT-U2353A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
U2542A KEYSIGHT-U2542A Datasheet
390Kb / 14P
   U2500A Series USB Modular Simultaneous Sampling Multifunction DAQ Devices
U2531A KEYSIGHT-U2531A Datasheet
390Kb / 14P
   U2500A Series USB Modular Simultaneous Sampling Multifunction DAQ Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com