Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1084A Datasheet(PDF) 6 Page - Keysight Technologies

Part # U1084A
Description  Acqiris High-Speed PCIe Digitizers with On-Board Signal Processing
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1084A Datasheet(HTML) 6 Page - Keysight Technologies

Back Button U1084A Datasheet HTML 2Page - Keysight Technologies U1084A Datasheet HTML 3Page - Keysight Technologies U1084A Datasheet HTML 4Page - Keysight Technologies U1084A Datasheet HTML 5Page - Keysight Technologies U1084A Datasheet HTML 6Page - Keysight Technologies U1084A Datasheet HTML 7Page - Keysight Technologies U1084A Datasheet HTML 8Page - Keysight Technologies U1084A Datasheet HTML 9Page - Keysight Technologies U1084A Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Signal input
Channels
-001:
Dual at up to 2 GS/s
Single at up to 4 GS/s
-002:
Dual at up to 1 GS/s
Single at up to 2 GS/s
-003:
Dual at up to 500 MS/s
Single at up to 1 GS/s
Bandwidth (-3 dB)
-001: DC to 1.5 GHz (1.8 GHz typ.)
-002: DC to 1.5 GHz (1.8 GHz typ.)
-003: DC to 500 MHz (typ.)
Bandwidth limit filter
700 MHz (-001 and -002 only), 200
MHz, and 20 MHz (typ)
Full scale (FS)
50 mV1, 100 mV, 200 mV, 500 mV,
1 V, 2 V, and 5 V
Offset range
±2 V for 50 mV to 500 mV FS
±5 V for 1 V to 5 V FS
Maximum input voltage
±5 V DC
Coupling
AC, DC
Impedance
50 Ω ± 1%
Connectors
-BNC: two, gold plated
-SMA: two, gold plated
Digital conversion
Sample rate
488.28 kS/s to maximum sample rate,
using binary sparsing method
Resolution
8 bits
DNL
± 0.9 LSB
Time base
Clock accuracy
Better than ± 2 ppm
Sampling jitter
< 1 ps rms for 10 μs record length
with internal clock and reference
(measured)
Trigger (channel and external)
Channel trigger input
Threshold adjust range: FS of channel
Sensitivity, DC to 1.5 GHz: > 15% FS
(measured)
Pretrigger
Adjustable to 100% of horizontal
full scale
External trigger input (TR IN)
MCX, gold-plated
Impedance: 50 Ω and 1 MΩ ± 2%
Sensitivity (measured):
50 Ω, DC to 1 GHz: > 0.5 V
1 MΩ, DC to 250 MHz: > 0.5 V
Maximum input voltage: ± 5 V DC
Coupling
DC, AC2, HF reject2 (50 kHz cutoff)
(measured)
Modes
Edge (positive and negative)
Window2, HF divide by 42, spike
stretcher2, dual-source pattern3
(OR, AND, NOR, NAND)
Trigger output (TR OUT)
MCX, gold-plated
Offset: ± 2.5 V (no load) (typ)
Amplitude: ± 0.8 V (no load),
± 15 mA max (measured)
Rise/fall time: 2.5 ns into 50 Ω (mea-
sured)
Coupling: DC
Output impedance: 50 Ω
1) Bandwidth limited to 500 MHz (typ)
2) Channel trigger only.
3) Between either one of the input channels and the external
trigger.
Control I/O
Connectors
MCX, gold-plated
Control signals (I/O A, B, and C)
TTL & CMOS compatible (3.3 V)
Control output (I/O A, B, and C)
10 MHz reference clock out with
50 Ω output impedance
Acquisition active
Trigger ready
Control input (I/O A and B)
Trigger enable
External clock (CLK IN)
Connector
MCX, gold-plated
Clock reference
Amplitude: > 1 V pk-pk into 50 Ω
(measured)
Threshold: variable between
- 2 V and + 2 V (typ)
Maximum input voltage: ± 5 V DC
Clock input
1 GHz or 2 GHz
Reference frequency
10 MHz ± 0.3% (measured)
Acqiris High-Speed PCIe Digitizers
U1084A-001, dual channel, 8-bit, 1.5 GHz, 2 to 4 GS/s
U1084A-002, dual channel, 8-bit, 1.5 GHz, 1 to 2 GS/s
U1084A-003, dual channel, 8-bit, 500 MHz, 0.5 to 1 GS/s


Similar Part No. - U1084A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U10 ETC2-U10 Datasheet
206Kb / 2P
   USB Network Interface ??TP/FT-10 Channel
logo
Amphenol Communications...
U10 AMPHENOLCS-U10 Datasheet
349Kb / 3P
   PROVEN, HIGH SPEED, NEXTGENERATION SAS-4 INTERFACE
logo
Intronics Power, Inc.
U10-12D12 INTRONICS-U10-12D12 Datasheet
146Kb / 1P
   DC/DC MODULES
U10-12D15 INTRONICS-U10-12D15 Datasheet
146Kb / 1P
   DC/DC MODULES
U10-12D5 INTRONICS-U10-12D5 Datasheet
146Kb / 1P
   DC/DC MODULES
More results

Similar Description - U1084A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U5303A KEYSIGHT-U5303A Datasheet
3Mb / 16P
   PCIe High-Speed Digitizer with On-Board Processing
U5309A KEYSIGHT-U5309A Datasheet
3Mb / 14P
   PCIe High-Speed Digitizer with On-Board Processing
U5310A KEYSIGHT-U5310A Datasheet
1Mb / 12P
   PCIe High-Speed Digitizer with On-Board Processing
logo
Advantech Co., Ltd.
DSP-8661 ADVANTECH-DSP-8661_14 Datasheet
885Kb / 2P
   16-ch PCIe Versatile Video Processing Board with SDK
logo
National Instruments Co...
NI5154 NI-NI5154 Datasheet
403Kb / 6P
   High-Speed Digitizers-Optimized for Automated Test
logo
Analog Devices
ADXL195 AD-ADXL195 Datasheet
79Kb / 2P
   High Performance Accelerometer with Dual Spectrum Signal Processing
Rev. SpA
logo
Cypress Semiconductor
CY8C25122 CYPRESS-CY8C25122_05 Datasheet
1Mb / 151P
   Mixed-Signal Array with On-board Controller
logo
Sanyo Semicon Device
LA76922M SANYO-LA76922M Datasheet
141Kb / 3P
   Signal-Processing IC with Integrated Microcontroller
logo
PerkinElmer Optoelectro...
A2TPMI PERKINELMER-A2TPMI Datasheet
316Kb / 21P
   Thermopile with integrated signal processing circuit
logo
KODENSHI_AUK CORP.
PIC-0103 KODENSHI-PIC-0103 Datasheet
165Kb / 2P
   Photo IC(photodiode with signal processing)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com