Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N5182B Datasheet(PDF) 3 Page - Keysight Technologies

Part # N5182B
Description  MXG X-Series Signal Generators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5182B Datasheet(HTML) 3 Page - Keysight Technologies

  N5182B Datasheet HTML 1Page - Keysight Technologies N5182B Datasheet HTML 2Page - Keysight Technologies N5182B Datasheet HTML 3Page - Keysight Technologies N5182B Datasheet HTML 4Page - Keysight Technologies N5182B Datasheet HTML 5Page - Keysight Technologies N5182B Datasheet HTML 6Page - Keysight Technologies N5182B Datasheet HTML 7Page - Keysight Technologies N5182B Datasheet HTML 8Page - Keysight Technologies N5182B Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Frequency Specifications
Frequency range
Frequency range
Option 503
9 kHz (5 MHz I/Q mode) to 3 GHz
Option 506
9 kHz (5 MHz I/Q mode) to 6 GHz
Resolution
0.001 Hz
Phase offset
Adjustable in nominal 0.1 ° increments
Frequency bands 1
Band
Frequency range
N
1
9 kHz to < 5 MHz
1 (digital synthesis)
1
5 to < 250 MHz
1
2
250 to < 375 MHz
0.25
3
375 to < 750 MHz
0.5
4
750 to < 1500 MHz
1
5
1500 to < 3000.001 MHz
2
6
3000.001 to 6000 MHz
4
1. N is a factor used to help define certain specifications within the document.
Frequency switching speed 1, 2
Standard
Option UNZ 3
Option UNZ, typical
CW mode
SCPI mode
≤ 5 ms, typical
≤ 1.15 ms
≤ 950 µs
List/step sweep mode
≤ 5 ms, typical
≤ 900 µs
≤ 800 µs
Digital modulation on (N5182B only)
SCPI mode
≤ 5 ms, typical
≤ 1.15 ms
≤ 1.05 ms
List/step sweep mode
≤ 5 ms, typical
≤ 900 µs
≤ 800 µs
1.
Time from receipt of SCPI command or trigger signal to within 0.1 ppm of final frequency or within 100 Hz, whichever is greater.
2.
With internal channel corrections on, the frequency switching speed is < 1.3 ms, measured for list mode and SCPI mode cached frequency points. For the
initial frequency point in SCPI mode the time is < 3.3 ms, measured. The instrument will automatically cache the most recently used 1024 frequencies.
There is no speed degradation for amplitude-only changes.
3.
Specifications apply when status register updates are off. For export control purposes CW switching speed to within 0.05% of final frequency is
190 μs (measured).
03 | Keysight | MXG X-Series Signal Generators N5181B Analog & N5182B Vector - Data Sheet


Similar Part No. - N5182B

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N51820M TRIPPLITE-N51820M Datasheet
473Kb / 2P
   Duplex Multimode 50-125 Fiber Patch Cable (LC-ST),20M (65-ft.)
logo
Agilent(Hewlett-Packard...
N5182A HP-N5182A Datasheet
2Mb / 32P
   Fast switching speeds
N5182A HP-N5182A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
More results

Similar Description - N5182B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5181B KEYSIGHT-N5181B Datasheet
4Mb / 33P
   MXG X-Series Signal Generators N5181B Analog & N5182B Vector
N5183B KEYSIGHT-N5183B Datasheet
998Kb / 21P
   MXG X-Series Signal Generator N5183B Microwave Analog
N5171B KEYSIGHT-N5171B Datasheet
3Mb / 32P
   EXG X-Series Signal Generators N5171B Analog & N5172B Vector
N5172B KEYSIGHT-N5172B Datasheet
3Mb / 32P
   EXG X-Series Signal Generators N5171B Analog & N5172B Vector
logo
TEKTRONIX, INC.
TSG4100A TEKTRONIX-TSG4100A Datasheet
1Mb / 24P
   RF Vector Signal Generators
logo
Agilent(Hewlett-Packard...
HP8656 HP-HP8656 Datasheet
906Kb / 20P
   ECONOMICAL SYNTHESIZED SIGNAL GENERATORS ANALOG AND DIGITAL MODULATION
logo
Keysight Technologies
33500B KEYSIGHT-33500B Datasheet
5Mb / 23P
   33500B Series Waveform Generators
logo
Panasonic Semiconductor
MN6160P PANASONIC-MN6160P Datasheet
151Kb / 5P
   CMOS LSI Synchronizing Signal Generators for Color Video Cameras
logo
Keysight Technologies
N9030A KEYSIGHT-N9030A Datasheet
1Mb / 28P
   PXA X-Series Signal Analyzer
M9290A KEYSIGHT-M9290A Datasheet
868Kb / 18P
   PXIe X-Series Signal Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com