Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JF04R0R041100AA Datasheet(PDF) 5 Page - Japan Aviation Electronics Industry, Ltd.

Part # JF04R0R041100AA
Description  FFC Harness for High Speed Transmission
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JF04R0R041100AA Datasheet(HTML) 5 Page - Japan Aviation Electronics Industry, Ltd.

  JF04R0R041100AA Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JF04R0R041100AA Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JF04R0R041100AA Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JF04R0R041100AA Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. JF04R0R041100AA Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MB-0163-1
5/5
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
Japan Aviation Electronics Industry, Limited
Product Marketing Division
Aobadai Building, 3-1-19, Aobadai, Meguro-ku, Tokyo 153-8539
Phone: +81-3-3780-2787 FAX: +81-3-3780-2946
* The specifications in this brochure are subject to change without notice. Please contact JAE for information.
Notice: Products shown in this leaflet are
made for the applications listed below. However,
if the above-mentioned products are to be used in
aerospace devices, marine cable-connection
devices, atomic power control systems, medical
equipment for life-support systems, or any other
specific application requiring extremely high
reliability, please contact JAE for further
information.
Recommended applications: Computers, Office
machines, Measuring devices,
Telecommunication devices (Terminals, Mobile
devices), AV devices, Household applications, FA
devices, etc.
Lineup
JF04R0R021080AA
80cm
JF04R0R021100AA
100cm
JF04R0R021020AA
20cm
JF04R0R021030AA
30cm
JF04R0R021040AA
40cm
JF04R0R021050AA
50cm
JF04R0R021010AA
Part Number
10cm
21
Length
of FPC
No. of
Contac
ts
FI-R Type
JF04R0R031080AA
80cm
JF04R0R031100AA
100cm
JF04R0R031020AA
20cm
JF04R0R031030AA
30cm
JF04R0R031040AA
40cm
JF04R0R031050AA
50cm
JF04R0R031010AA
Part Number
10cm
31
Length
of FPC
No. of
Conta
cts
JF04R0R041080AA
80cm
JF04R0R041100AA
100cm
JF04R0R041020AA
20cm
JF04R0R041030AA
30cm
JF04R0R041040AA
40cm
JF04R0R041050AA
50cm
JF04R0R041010AA
Part Number
10cm
41
Length
of FPC
No. of
Contac
ts
JF04R0R051080AA
80cm
JF04R0R051100AA
100cm
JF04R0R051020AA
20cm
JF04R0R051030AA
30cm
JF04R0R051040AA
40cm
JF04R0R051050AA
50cm
JF04R0R051010AA
Part Number
10cm
51
Length
of FPC
No. of
Conta
cts
JF04R0R021020AA
20cm
Part Number
30
Length of FPC
No. of Contacts
FI-X Type
Note 1. Above shows the standard length
Please contact us concerning lengths not in above


Similar Part No. - JF04R0R041100AA

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JF04R0R041100AA JAE-JF04R0R041100AA Datasheet
151Kb / 1P
   FFC CONDUCTOR: COPPER ALLOY, INSULATION TAPE: PET / ADHESIVES
More results

Similar Description - JF04R0R041100AA

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JF08R0R041010MA JAE-JF08R0R041010MA Datasheet
109Kb / 4P
   FFC Harness for High-speed Transmission
logo
Murata Manufacturing Co...
LXES2TBCC4-028 MURATA-LXES2TBCC4-028 Datasheet
155Kb / 2P
   High-speed Transmission Line
LXES21DAA4-138 MURATA-LXES21DAA4-138 Datasheet
154Kb / 2P
   High-speed Transmission Line
logo
List of Unclassifed Man...
TM24RSG-5A-88 ETC2-TM24RSG-5A-88 Datasheet
411Kb / 5P
   Modular Jack Connector for High-Speed Transmission
logo
Murata Manufacturing Co...
LXES21DAA4-136 MURATA-LXES21DAA4-136 Datasheet
154Kb / 2P
   High-speed Transmission Line
LXES11DAA2-135 MURATA-LXES11DAA2-135 Datasheet
151Kb / 2P
   High-speed Transmission Line
logo
Japan Aviation Electron...
MX62 JAE-MX62 Datasheet
235Kb / 5P
   USB3.0 High-speed Transmission Connector for Automotive
logo
Hirose Electric
FH41-28S-0.5SH05 HIROSE-FH41-28S-0.5SH05 Datasheet
1Mb / 9P
   0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
FH41-50S-0.5SH HIROSE-FH41-50S-0.5SH Datasheet
1Mb / 9P
   0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
logo
Murata Manufacturing Co...
LXES1UTAA1-157 MURATA-LXES1UTAA1-157 Datasheet
153Kb / 2P
   High-speed Transmission Line
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com