Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM3ZS067 Datasheet(PDF) 9 Page - Japan Aviation Electronics Industry, Ltd.

Part # SM3ZS067
Description  PCI-SIG M.2 Specification Compatible Card Edge Connector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SM3ZS067 Datasheet(HTML) 9 Page - Japan Aviation Electronics Industry, Ltd.

Back Button SM3ZS067 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. SM3ZS067 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. SM3ZS067 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. SM3ZS067 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. SM3ZS067 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. SM3ZS067 Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd. SM3ZS067 Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd. SM3ZS067 Datasheet HTML 12Page - Japan Aviation Electronics Industry, Ltd. SM3ZS067 Datasheet HTML 13Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MB-0261-4
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
9/16
KEY#
X
a
b
c
d
B
+5.625
2
13.5
2.5
13.5
E
+2.625
5
10.5
5.5
10.5
Product Drawing
When module is inserted
* Please refer to product drawing when considering the use of this product.
Part Number: SM3ZS067B120**1
(Product Height: 1.2mm, Board Fixing Method: Through-hole)


Similar Part No. - SM3ZS067

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SM3 CONNOR-WINFIELD-SM3 Datasheet
406Kb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
logo
List of Unclassifed Man...
SM3 ETC-SM3 Datasheet
800Kb / 5P
   SM Solenoids
18/8/15
logo
Connor-Winfield Corpora...
SM3-012.96M CONNOR-WINFIELD-SM3-012.96M Datasheet
406Kb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3-019.44M CONNOR-WINFIELD-SM3-019.44M Datasheet
406Kb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3-025.92M CONNOR-WINFIELD-SM3-025.92M Datasheet
406Kb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
More results

Similar Description - SM3ZS067

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PCE-1M2-PX4 TRIPPLITE-PCE-1M2-PX4 Datasheet
175Kb / 2P
   M.2 NGFF PCIe SSD (M-Key) PCI Express (x4) Card
logo
Japan Aviation Electron...
NT4R1600 JAE-NT4R1600 Datasheet
579Kb / 10P
   Compatible With PCI Express Mini Card
MM60 JAE-MM60 Datasheet
460Kb / 6P
   Compatible with PCI Express Mini Card
logo
List of Unclassifed Man...
WD2F144WB1 ETC2-WD2F144WB1 Datasheet
799Kb / 6P
   Docking Connector Compatible with PCI Express
logo
Fujitsu Component Limit...
MB86295S FUJITSU-MB86295S Datasheet
1Mb / 310P
   PCI Graphics Controller Specification
MB86296 FUJITSU-MB86296 Datasheet
3Mb / 352P
   PCI Graphics Controller Specification
logo
Adam Technologies, Inc.
PCIE-36-1 ADAM-TECH-PCIE-36-1 Datasheet
183Kb / 2P
   PCI & MINI PCI EXPRESS 1.00mm & 0.8mm CARD EDGE CONNECTOR
logo
Axiomtek Co., Ltd.
CAPA841 AXIOMTEK-CAPA841_14 Datasheet
660Kb / 1P
   2 PCI Express Mini Card
logo
Protech Systems Co., Lt...
PCI-471LF PROTECHSYSTEMS-PCI-471LF Datasheet
326Kb / 2P
   PCI ULV Celeron M CPU Card
logo
Hamamatsu Corporation
M8784 HAMAMATSU-M8784 Datasheet
67Kb / 2P
   PCI BUS COMPATIBLE COUNTING BOARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com