Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FI-NX40CL-SH02-7000 Datasheet(PDF) 6 Page - Japan Aviation Electronics Industry, Ltd.

Part # FI-NX40CL-SH02-7000
Description  Board-to-Cable Connector for High-Speed Differential Transmission
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FI-NX40CL-SH02-7000 Datasheet(HTML) 6 Page - Japan Aviation Electronics Industry, Ltd.

Back Button FI-NX40CL-SH02-7000 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FI-NX40CL-SH02-7000 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FI-NX40CL-SH02-7000 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FI-NX40CL-SH02-7000 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. FI-NX40CL-SH02-7000 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. FI-NX40CL-SH02-7000 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. FI-NX40CL-SH02-7000 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. FI-NX40CL-SH02-7000 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. FI-NX40CL-SH02-7000 Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MB-0171-2
6/10
JAE PMK Div. Proprietary. Copyright © 2008,Japan Aviation Electronics Industry, Ltd.
Drawing when cable is mated
(for reference)
Applicable wire processing dimensions
(for reference)
Ordering Information
Plug Connector (SJ107068)
FI-NX
40
C
L
Series
No. of Contacts: 40 pos.
C: Solder Plug
Unit: mm
L: With Lock


Similar Part No. - FI-NX40CL-SH02-7000

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-NX40CL JAE-FI-NX40CL Datasheet
167Kb / 1P
   WIRE SIDE SOLDERING TYPE
More results

Similar Description - FI-NX40CL-SH02-7000

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-M JAE-FI-M Datasheet
447Kb / 7P
   Board to Cable Connector for High speed Differential Transmission
FI-X30HL-B JAE-FI-X30HL-B Datasheet
255Kb / 5P
   Board-to-Cable Connector for High Speed Differential Transmission
HJ1 JAE-HJ1 Datasheet
633Kb / 9P
   High-speed Differential Transmission Compatible Board-to-Cable Connector
FI-D JAE-FI-D Datasheet
735Kb / 4P
   Board to Cable Connector Compatible to High Speed Differential Transmission
FI-G JAE-FI-G Datasheet
279Kb / 7P
   Board to Cable Connector Compatible to High-Speed Differential Transmission
HD JAE-HD Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission
logo
List of Unclassifed Man...
HD1S040HA1R6000 ETC2-HD1S040HA1R6000 Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission HD Series Connector
HD1P040MA1R6000 ETC2-HD1P040MA1R6000 Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission HD Series Connector
logo
Japan Aviation Electron...
TX24A JAE-TX24A Datasheet
581Kb / 4P
   1.27mm Pitch High-speed Transmission Board-to-Board Connector
MX48 JAE-MX48 Datasheet
132Kb / 4P
   Automotive High-speed Differential Transmission
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com