Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS5008-1EKB Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BTS5008-1EKB
Description  Smart High-Side Power Switch
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5008-1EKB Datasheet(HTML) 4 Page - Infineon Technologies AG

  BTS5008-1EKB Datasheet HTML 1Page - Infineon Technologies AG BTS5008-1EKB Datasheet HTML 2Page - Infineon Technologies AG BTS5008-1EKB Datasheet HTML 3Page - Infineon Technologies AG BTS5008-1EKB Datasheet HTML 4Page - Infineon Technologies AG BTS5008-1EKB Datasheet HTML 5Page - Infineon Technologies AG BTS5008-1EKB Datasheet HTML 6Page - Infineon Technologies AG BTS5008-1EKB Datasheet HTML 7Page - Infineon Technologies AG BTS5008-1EKB Datasheet HTML 8Page - Infineon Technologies AG BTS5008-1EKB Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
PG-DSO-14-47 EP
Type
Package
Marking
BTS5008-1EKB
PG-DSO-14-47 EP
BTS5008-1EKB
Data Sheet
4
Rev. 2.1, 2015-02-17
PROFET™+ 12V
Smart High-Side Power Switch
BTS5008-1EKB
1Overview
Application
Suitable for resistive, inductive and capacitive loads
Replaces electromechanical relays, fuses and discrete circuits
Most suitable for loads with high inrush current, such as lamps
Basic Features
One channel device
Very low stand-by current
3.3 V and 5 V compatible logic inputs
Electrostatic discharge protection (ESD)
Optimized electromagnetic compatibility
Logic ground independent from load ground
Very low power DMOS leakage current in OFF state
Green product (RoHS compliant)
AEC qualified
Description
The BTS5008-1EKB is a 8 mΩ single channel Smart High-Side Power Switch, embedded in a PG-DSO-14-47 EP,
Exposed Pad package, providing protective functions and diagnosis. The power transistor is built by an N-channel
vertical power MOSFET with charge pump. The device is integrated in Smart6 technology. It is specially designed
to drive lamps up to HIDL / H9, as well as LEDs in the harsh automotive environment.
Table 1
Product Summary
Parameter
Symbol
Value
Operating voltage range
VS(OP)
5 V ... 28 V
Maximum supply voltage
VS(LD)
41 V
Maximum ON state resistance at TJ = 150 °C
RDS(ON)
16 mΩ
Nominal load current
IL(NOM)
11 A
Typical current sense ratio
kILIS
4400


Similar Part No. - BTS5008-1EKB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS50080-1EGA INFINEON-BTS50080-1EGA Datasheet
1Mb / 33P
   Smart High-Side Power Switch PROFET?
V1.0, April 2009
BTS50080-1TEA INFINEON-BTS50080-1TEA Datasheet
567Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Aug. 2008
BTS50080-1TEB INFINEON-BTS50080-1TEB Datasheet
576Kb / 27P
   Smart High-Side Power Switch PROFET??One Channel
Rev. 1.0, Aug. 2008
BTS50080-1TMA INFINEON-BTS50080-1TMA Datasheet
560Kb / 27P
   Smart High-Side Power Switch
Rev. 1.0, Jan. 2008
BTS50080-1TMB INFINEON-BTS50080-1TMB Datasheet
557Kb / 27P
   Smart High-Side Power Switch
Rev. 1.0, Jan. 2008
More results

Similar Description - BTS5008-1EKB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com