Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS5016-2EKA Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BTS5016-2EKA
Description  Smart High-Side Power Switch
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5016-2EKA Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BTS5016-2EKA Datasheet HTML 7Page - Infineon Technologies AG BTS5016-2EKA Datasheet HTML 8Page - Infineon Technologies AG BTS5016-2EKA Datasheet HTML 9Page - Infineon Technologies AG BTS5016-2EKA Datasheet HTML 10Page - Infineon Technologies AG BTS5016-2EKA Datasheet HTML 11Page - Infineon Technologies AG BTS5016-2EKA Datasheet HTML 12Page - Infineon Technologies AG BTS5016-2EKA Datasheet HTML 13Page - Infineon Technologies AG BTS5016-2EKA Datasheet HTML 14Page - Infineon Technologies AG BTS5016-2EKA Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Data Sheet
11
Rev 1.0, 2013-06-17
PROFET™+ 12V
BTS5016-2EKA
General Product Characteristics
4.2
Functional Range
Table 3
Functional Range
T
J = -40 °C to +150 °C; (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Nominal operating voltage
V
NOM
8
13.5
18
V
P_4.2.1
Extended operating voltage
V
S(OP)
5–
28
V
2) V
IN = 4.5 V
R
L = 4 Ω
V
DS < 0.5 V
See Figure 15
P_4.2.2
Minimum functional supply
voltage
V
S(OP)_MIN
3.8
4.3
5
V
1) V
IN = 4.5 V
R
L = 4 Ω
From
I
OUT = 0 A
to
V
DS < 0.5 V;
See Figure 15
See Figure 29
P_4.2.3
Undervoltage shutdown
V
S(UV)
3
3.5
4.1
V
1) V
IN = 4.5 V
V
DEN = 0 V
R
L = 4 Ω
From
V
DS < 1 V;
to
I
OUT = 0 A
See Figure 15
See Figure 30
P_4.2.4
Undervoltage shutdown
hysteresis
V
S(UV)_HYS
850
mV
2)
P_4.2.13
Operating current
One channel active
I
GND_1
–5.6
9mA
V
IN = 5.5 V
V
DEN = 5.5 V
Device in
R
DS(ON)
V
S = 18 V
See Figure 31
P_4.2.5
Operating current
All channels active
I
GND_2
–8.5
12
mA
V
IN = 5.5 V
V
DEN = 5.5 V
Device in
R
DS(ON)
V
S = 18 V
See Figure 32
P_4.2.6
Standby current for whole
device with load (ambiente)
I
S(OFF)
–0.01
0.7
μA
1) V
S = 18 V
V
OUT = 0 V
V
IN floating
V
DEN floating
T
J ≤ 85 °C
See Figure 33
P_4.2.7


Similar Part No. - BTS5016-2EKA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5016-1EKB INFINEON-BTS5016-1EKB Datasheet
2Mb / 53P
   Smart High-Side Power Switch
Rev. 2.0, 2012-04-17
More results

Similar Description - BTS5016-2EKA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com