Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD5116 Datasheet(PDF) 30 Page - Winbond

Part # ISD5116
Description  Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5116 Datasheet(HTML) 30 Page - Winbond

Back Button ISD5116 Datasheet HTML 26Page - Winbond ISD5116 Datasheet HTML 27Page - Winbond ISD5116 Datasheet HTML 28Page - Winbond ISD5116 Datasheet HTML 29Page - Winbond ISD5116 Datasheet HTML 30Page - Winbond ISD5116 Datasheet HTML 31Page - Winbond ISD5116 Datasheet HTML 32Page - Winbond ISD5116 Datasheet HTML 33Page - Winbond ISD5116 Datasheet HTML 34Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
October 2000
Page 29
2. Read digital data
For a normal digital read, the Registers are loaded as follows:
1.
Host executes I
2C START
2.
Send Slave Address with R/W bit = “0” (Write)
3.
Slave responds back with an ACK
4.
Wait for SCL HIGH
5.
Host sends a byte to Slave - (Command Byte = E1)
6.
Slave responds with an ACK
7.
Wait for SCL HIGH
8.
Host sends a byte to Slave - (High Address Byte)
9.
Slave responds with an ACK.
10. Wait for SCL HIGH
11. Host sends a byte to Slave - (Low Address Byte)
12. Slave responds with an ACK
13. Wait for SCL HIGH
14. Host sends repeat START
15. Host sends Slave Address with R/W bit = 1 (Reverses Data Direction)
16. Slave responds with an ACK
17. Wait for SCL HIGH
18. Slave sends a byte to Host - (First 8 bits of digital information)
19. Host responds with an ACK
20. Wait for SCL HIGH
21. Steps 18, 19 and 20 are repeated until last byte is sent and a NO ACK is returned
22. Host executes I
2C STOP
A
S
SLAVE ADDRESS
W
Command Byte
C9h
A
DATA
A
DATA
A
High Addr. Byte
Low Addr. Byte
DATA
A
DATA
A
P
DATA
N
A
S
SLAVE ADDRESS
R


Similar Part No. - ISD5116

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5116 NUVOTON-ISD5116 Datasheet
678Kb / 90P
   SINGLE-CHIP
ISD5116EY NUVOTON-ISD5116EY Datasheet
678Kb / 90P
   SINGLE-CHIP
ISD5116EYI NUVOTON-ISD5116EYI Datasheet
678Kb / 90P
   SINGLE-CHIP
ISD5116PY NUVOTON-ISD5116PY Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD5116PY NUVOTON-ISD5116PY Datasheet
678Kb / 90P
   SINGLE-CHIP
More results

Similar Description - ISD5116

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD5100 WINBOND-ISD5100 Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
logo
Aplus Intergrated Circu...
APR6016 APLUS-APR6016 Datasheet
1Mb / 24P
   Voice Recording & Playback Device 16 Minute Duration
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD5100 NUVOTON-ISD5100 Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD4004 NUVOTON-ISD4004 Datasheet
931Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 8-, 10-, 12-, AND 16-MINUTE DURATION
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com