Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU431L Datasheet(PDF) 3 Page - International Rectifier

Part # IRU431L
Description  LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU431L Datasheet(HTML) 3 Page - International Rectifier

  IRU431L Datasheet HTML 1Page - International Rectifier IRU431L Datasheet HTML 2Page - International Rectifier IRU431L Datasheet HTML 3Page - International Rectifier IRU431L Datasheet HTML 4Page - International Rectifier IRU431L Datasheet HTML 5Page - International Rectifier IRU431L Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IRU431L / IRU431AL
3
Rev. 1.8
02/20/02
www.irf.com
PIN DESCRIPTIONS
BLOCK DIAGRAM
Figure 2 - Simplified block diagram of the IRU431L.
Resistors from the Ref pin to the Cathode pin and to ground form a divider
that sets the output voltage.
The output of the shunt regulator. A capacitor of 1
mF minimum value must
be connected from this pin to Anode pin to insure unconditional stability.
Ground pin. This pin must be connected to the lowest potential in the
system and all other pins must be at higher potential with respect to this
pin.
These pins are not connected internally.
Note 2: The dynamic impedance when VKA=VREF is de-
fined as:
Cathode
1.24V
Anode
Ref
+
When the device is operating with two external resistors
(See figure 3), the total dynamic impedance of the cir-
cuit is given by:
SOT-23
5-PIN
PIN#
SOT-23
3-PIN
PIN#
PIN SYMBOL
PIN DESCRIPTION
4
3
5
1, 2
1
2
3
NA
Ref
Cathode
Anode
NC
?ZKA0? =
DVKA
DIK
?ZKA? =
=
?ZKA0? 3
oo1 + pp
R1
R2
DV
DI


Similar Part No. - IRU431L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1010 IRF-IRU1010 Datasheet
95Kb / 6P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1010 IRF-IRU1010 Datasheet
75Kb / 10P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1010-18 IRF-IRU1010-18 Datasheet
123Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18 IRF-IRU1010-18 Datasheet
128Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18CD IRF-IRU1010-18CD Datasheet
123Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
More results

Similar Description - IRU431L

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com