Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DX4 Datasheet(PDF) 5 Page - Japan Aviation Electronics Industry, Ltd.

Part # DX4
Description  USB 2.0 Compatible Micro Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DX4 Datasheet(HTML) 5 Page - Japan Aviation Electronics Industry, Ltd.

  DX4 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DX4 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DX4 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DX4 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DX4 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DX4 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DX4 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DX4 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. DX4 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MB-0187-3
JAE PMK Div. Proprietary. Copyright © 2014, Japan Aviation Electronics Industry, Ltd.
5/10
Type without mating area taper (DX4R005JJ7)
*Design is same as DX4R005JJ6 except the mating
area taper.
Unit: mm
Standard Type (Micro-B): DX4R005JJ6


Similar Part No. - DX4

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DX40LM-14P-150CV HIROSE-DX40LM-14P-150CV Datasheet
409Kb / 7P
   D-configuration Connectors for Digital Broadcasting Equipment
DX40LM-14P-300CV HIROSE-DX40LM-14P-300CV Datasheet
409Kb / 7P
   D-configuration Connectors for Digital Broadcasting Equipment
DX40LM-14PP-150CV HIROSE-DX40LM-14PP-150CV Datasheet
409Kb / 7P
   D-configuration Connectors for Digital Broadcasting Equipment
DX40LM-14PP-300CV HIROSE-DX40LM-14PP-300CV Datasheet
409Kb / 7P
   D-configuration Connectors for Digital Broadcasting Equipment
logo
Frequency Devices, Inc.
DX45 FREQUENCYDEVICES-DX45 Datasheet
496Kb / 3P
   Sinewave Oscillator
More results

Similar Description - DX4

ManufacturerPart #DatasheetDescription
logo
Amphenol Communications...
IO_USB_MICRO AMPHENOLCS-IO_USB_MICRO Datasheet
310Kb / 3P
   Micro USB 2.0 Connectors
logo
Hirose Electric
ZX HIROSE-ZX_18 Datasheet
931Kb / 20P
   Micro-USB connectors meeting USB 2.0 Standard
ZX62 HIROSE-ZX62 Datasheet
847Kb / 20P
   Micro-USB connectors meeting requirements of USB 2.0 Standard
ZX20-B-5S HIROSE-ZX20-B-5S Datasheet
1Mb / 20P
   Micro-USB connectors meeting requirements of USB 2.0 Standard
logo
Rosenberger Hochfrequen...
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
   USB 2.0 A MALE TO USB 2.0 MICRO-B
logo
Assmann Electronics Inc...
AK67501-0-5 ASSMANN-AK67501-0-5 Datasheet
85Kb / 1P
   USB 2.0 Micro Connection cable
AK67501-2 ASSMANN-AK67501-2 Datasheet
85Kb / 1P
   USB 2.0 Micro Connection cable
AK67501-3 ASSMANN-AK67501-3 Datasheet
85Kb / 1P
   USB 2.0 Micro Connection cable
AK67501-5 ASSMANN-AK67501-5 Datasheet
85Kb / 1P
   USB 2.0 Micro Connection cable
AK67501-1 ASSMANN-AK67501-1 Datasheet
85Kb / 1P
   USB 2.0 Micro Connection cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com